Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SRV2.8-4 Datasheet(PDF) 1 Page - Protek Devices

Part # SRV2.8-4
Description  ultra low capacitance steering diode/tvs arr ay
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

SRV2.8-4 Datasheet(HTML) 1 Page - Protek Devices

  SRV2.8-4 Datasheet HTML 1Page - Protek Devices SRV2.8-4 Datasheet HTML 2Page - Protek Devices SRV2.8-4 Datasheet HTML 3Page - Protek Devices SRV2.8-4 Datasheet HTML 4Page - Protek Devices SRV2.8-4 Datasheet HTML 5Page - Protek Devices SRV2.8-4 Datasheet HTML 6Page - Protek Devices SRV2.8-4 Datasheet HTML 7Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05268.R1 10/12
Page 1
SRV2.8-4
ultRa low caPacitance SteeRing diode/tVS aRRay
deScRiPtion
The SRV2.8-4 is an ultra low capacitance steering diode/TVS array. This device can be used in applications such as
video cards, SMART phones, Gigabit Ethernet and other computer interfaces. Designed for ESD protection, the
SRV2.8-4 can clamp the effects of electrical fast transients on the power bus.
The SRV2.8-4 combines low capacitance steering diodes for up to four individual data or transmission lines and one
TVS diode for power bus protection. This device is available in the space-saving SOT-23-6 package configuration,
which minimizes lead inductance to prevent overshoot voltages during high ESD current events. The SRV2.8-4 meets
the IEC 61000-4-2, 61000-4-2 and 61000-4-5 requirements.
FeatuReS
• Compatible with IEC 61000-4-2 (ESD): Air 15kV, Contact 8kV
• Compatible with IEC 61000-4-4 (EFT): 40A, 5/50ns
• Compatible with IEC 61000-4-5 (Surge): 24A, 8/20µs - Level 2(Line-
Gnd) & Level 3(Line-Line0
• 600 Watts Peak Pulse Power per Line(tp = 8/20µs)
• ESD Protection > 25 kilovolts
• Low Clamping Voltage
• Protection for 4 Lines
• Ultra Low Capacitance: 3.5pF Typical
• RoHS Compliant
• REACH Compliant
mechanical chaRacteRiSticS
• Molded JEDEC SOT-23-6 Package
• Approximate Weight: 16 milligrams
• Lead-Free Nickel Paladium Gold Plating
• Solder Reflow Temperature - 260-270°C
• Flammability Rating UL 94V-0
• 8mm Tape and Reel per EIA Standard 481
aPPlicationS
• Gigabit Ethernet
• SMART Phones
• Portable Electronics
• Video Card Interfaces
• USB 2.0 Interfaces
• DVI Interfaces
Pin conFiguRation
Sot-23-6 Package
1
6
5
2
3
4
I/O 1
GND
I/O 2
I/O 4
REF
I/O 3


Similar Part No. - SRV2.8-4

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
SRV2249 MITSUMI-SRV2249 Datasheet
103Kb / 2P
   LED Driver Integrated Power Supply For Liquid Crystal Television
logo
Protek Devices
SRV25-4 PROTEC-SRV25-4 Datasheet
442Kb / 7P
   ULTRA LOW CAPACITANCE STEERING DIODE/TVS ARRAY
More results

Similar Description - SRV2.8-4

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PLR3304 PROTEC-PLR3304_12 Datasheet
819Kb / 7P
   ultra low capacitance steering diode/tvs arr ay
PLR0508 PROTEC-PLR0508_12 Datasheet
916Kb / 7P
   ultra low capacitance steering diode/tvs arr ay
SRV05-4M PROTEC-SRV05-4M Datasheet
613Kb / 7P
   ultra low capacitance steering diode/tvs arr ay
PLR0524P PROTEC-PLR0524P Datasheet
778Kb / 6P
   ultra low capacitance steering diode/tvs arr ay
LC0408FC3.3C PROTEC-LC0408FC3.3C_12 Datasheet
623Kb / 9P
   200w low capacitance fl ip chip tvs arr ay
SRV05-4 PROTEC-SRV05-4_11 Datasheet
630Kb / 8P
   ultra low capacitance steering diode/tvs array
SRV05-4LC PROTEC-SRV05-4LC Datasheet
548Kb / 7P
   ultra low capacitance steering diode/tvs array
PLR0504F PROTEC-PLR0504F_12 Datasheet
524Kb / 6P
   ULTRA LOW CAPACITANCE STEERING DIODE/TVS ARRAY
PAM05SC700504F PROTEC-PAM05SC700504F Datasheet
525Kb / 6P
   ULTRA LOW CAPACITANCE STEERING DIODE/TVS ARRAY
PSR3.3 PROTEC-PSR3.3 Datasheet
478Kb / 6P
   ultra low capacitance steering diode/tvs array
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com