Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMLC6.5C-2 Datasheet(PDF) 3 Page - Protek Devices

Part # SMLC6.5C-2
Description  high powered MULTI-LINE low capacitanc e TVS ARRAY
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

SMLC6.5C-2 Datasheet(HTML) 3 Page - Protek Devices

  SMLC6.5C-2_12 Datasheet HTML 1Page - Protek Devices SMLC6.5C-2_12 Datasheet HTML 2Page - Protek Devices SMLC6.5C-2_12 Datasheet HTML 3Page - Protek Devices SMLC6.5C-2_12 Datasheet HTML 4Page - Protek Devices SMLC6.5C-2_12 Datasheet HTML 5Page - Protek Devices SMLC6.5C-2_12 Datasheet HTML 6Page - Protek Devices SMLC6.5C-2_12 Datasheet HTML 7Page - Protek Devices SMLC6.5C-2_12 Datasheet HTML 8Page - Protek Devices SMLC6.5C-2_12 Datasheet HTML 9Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05105.R9 10/12
Page 3
SMLC6.5C-2 - SMLC12C-2
TYPiCaL deViCe ChaRaCTeRiSTiCS
Peak Pulse Power
10/1000µs
FigURe 4
PoweR deRaTiNg CURVe
T
L - Lead Temperature - °C
0
25
50
75
100
125
150
0
20
40
60
80
100
TEST
WAVEFORM
PARAMETERS
t
f = 8µs
t
d = 20µs
t
f
e-t
Peak Value I
PP
t
d = t/(IPP/2)
FigURe 3
PULSe waVe FoRM
t - Time - µs
0
5
10
15
20
25
30
0
20
40
60
80
100
120
FigURe 2
Peak PULSe PoweR VS PULSe TiMe
t
d - Pulse duration - µs
10
100
1,000
0.1
1
10
3900W, 8/20µs
Waveform
400W, 10/1000µs
Waveform


Similar Part No. - SMLC6.5C-2_12

ManufacturerPart #DatasheetDescription
logo
Protek Devices
SMLC6.5C-2 PROTEC-SMLC6.5C-2_11 Datasheet
908Kb / 9P
   HIGH POWERED MULTI-LINE LOW CAPACITANCE TVS ARRAY
More results

Similar Description - SMLC6.5C-2_12

ManufacturerPart #DatasheetDescription
logo
Protek Devices
DA8 PROTEC-DA8 Datasheet
471Kb / 5P
   High powered multi-line tvs array
LCD05C PROTEC-LCD05C_11 Datasheet
770Kb / 8P
   HIGH POWERED MULTI-LINE TVS ARRAY
DA05L PROTEC-DA05L_10 Datasheet
467Kb / 5P
   High powered multi-line tvs array
DA05N PROTEC-DA05N_10 Datasheet
568Kb / 5P
   High powered multi-line tvs array
DA16 PROTEC-DA16 Datasheet
394Kb / 5P
   HIGH POWERED MULTI-LINE TVS ARRAY
DLZ-5-DLZ-30CA PROTEC-DLZ-5-DLZ-30CA Datasheet
451Kb / 5P
   High powered multi-line tvs array
LCA05C PROTEC-LCA05C_10 Datasheet
679Kb / 7P
   High powered multi-line tvs array
DA05L PROTEC-DA05L_12 Datasheet
471Kb / 5P
   HIGH POWERED MULTI-LINE TVS ARRAY
LCA05C PROTEC-LCA05C_12 Datasheet
697Kb / 7P
   HIGH POWERED MULTI-LINE TVS ARRAY
LCD05C PROTEC-LCD05C_12 Datasheet
788Kb / 8P
   HIGH POWERED MULTI-LINE TVS ARRAY
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com