Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSRDA12-4 Datasheet(PDF) 8 Page - Protek Devices

Part # PSRDA12-4
Description  500 WATT LOW CAPACITANCE STEERING DIODE/TVS ARRAY
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PSRDA12-4 Datasheet(HTML) 8 Page - Protek Devices

  PSRDA12-4 Datasheet HTML 1Page - Protek Devices PSRDA12-4 Datasheet HTML 2Page - Protek Devices PSRDA12-4 Datasheet HTML 3Page - Protek Devices PSRDA12-4 Datasheet HTML 4Page - Protek Devices PSRDA12-4 Datasheet HTML 5Page - Protek Devices PSRDA12-4 Datasheet HTML 6Page - Protek Devices PSRDA12-4 Datasheet HTML 7Page - Protek Devices PSRDA12-4 Datasheet HTML 8Page - Protek Devices PSRDA12-4 Datasheet HTML 9Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05096.R11 10/12
Page 8
PSRDA3.3-4 - PSRDA15-4
TAPE AND REEL
User Direction of Feed
t
K0
A0
P
D
P0
P2
E
B0
F
W
10 Pitches Cumulative
Tolerance on tape ± 0.2
SPECIFICATIONS
REEL DIA.
TAPE
WIDTh
A0
B0
k0
D
E
F
W
P0
P2
P
tmax
178mm (7”)
12mm 6.50 ± 0.10 5.40 ± 0.10 2.00 ± 0.10 1.50 ± 0.10 1.75 ± 0.10 5.50 ± 0.05 12.00 ± 0.30 4.00 ± 0.12 2.00 ± 0.10 4.00 ± 0.10
0.25
NOTES
1. Dimensions are in millimeters.
2. Surface mount product is taped and reeled in accordance with EIA-481.
3. Suffix - T7 = 7” Reel - 1,000 pieces per 12mm tape.
4. Suffix - T13 = 13” Reel - 2,500 pieces per 12mm tape.
5. Bulk product shipped in tubes of 98 pieces per tube.
6. Marking on Part - marking code (see page 2), date code, logo and pin one defined by dot on top of package.
Package outline, pad layout and tape specifications per document number 06009.R3 9/10.
ORDERING INFORMATION
BASE PART NuMBER
(xx = Voltage)
LEADFREE SuFFIX
TAPE SuFFIX
QTY/REEL
REEL SIZE
TuBE QTY
PSRDAxx-4
-LF
-T7
1,000
7”
98
PSRDAxx-4
-LF
-T13
2,500
13”
98
This device is only available in a Lead-Free configuration.


Similar Part No. - PSRDA12-4

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PSRDA12-4 PROTEC-PSRDA12-4 Datasheet
107Kb / 5P
   STEERING DIODE / TVS ARRAY COMBO
PSRDA12-4 PROTEC-PSRDA12-4 Datasheet
96Kb / 5P
   STEERING DIODE/ TVS ARRAY COMBO
PSRDA12-4 PROTEC-PSRDA12-4 Datasheet
928Kb / 9P
   500 WATT LOW CAPACITANCE STEERING DIODE/TVS ARRAY
PSRDA12-4-LF-T13 PROTEC-PSRDA12-4-LF-T13 Datasheet
96Kb / 5P
   STEERING DIODE/ TVS ARRAY COMBO
PSRDA12-4-LF-T7 PROTEC-PSRDA12-4-LF-T7 Datasheet
96Kb / 5P
   STEERING DIODE/ TVS ARRAY COMBO
More results

Similar Description - PSRDA12-4

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PUSB6B PROTEC-PUSB6B_12 Datasheet
514Kb / 6P
   500 WATT LOW CAPACITANCE STEERING DIODE/TVS ARRAY
PSR05 PROTEC-PSR05_10 Datasheet
735Kb / 9P
   500 WATT low capacitance steering diode/TVS array
PSRDA3.3-4 PROTEC-PSRDA3.3-4_10 Datasheet
928Kb / 9P
   500 WATT LOW CAPACITANCE STEERING DIODE/TVS ARRAY
PUSB6B PROTEC-PUSB6B Datasheet
513Kb / 6P
   500 WATT low capacitance steering diode/TVS ARRAY
PSR05 PROTEC-PSR05_12 Datasheet
736Kb / 9P
   500 WATT LOW CAPACITANCE STEERING DIODE/TVS ARRAY
PSRDAXX-4A PROTEC-PSRDAXX-4A Datasheet
397Kb / 6P
   500 WATT LOW CAPACITANCE STEERING DIODE/TVS ARRAY
SR12 PROTEC-SR12_10 Datasheet
648Kb / 8P
   500 WATT low capacitance steering diode/TVS array
SR12 PROTEC-SR12_12 Datasheet
649Kb / 8P
   500 WATT LOW CAPACITANCE STEERING DIODE/TVS ARRAY
PSRDA3.3-6 PROTEC-PSRDA3.3-6_12 Datasheet
808Kb / 9P
   500 WATT ULTRA LOW CAPACITANCE STEERING DIODE/TVS ARRAY
PSRDAXX-6A PROTEC-PSRDAXX-6A Datasheet
397Kb / 6P
   500 WATT ULTRA LOW CAPACITANCE STEERING DIODE/TVS ARRAY
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com