Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSOT24LC Datasheet(PDF) 7 Page - Protek Devices

Part # PSOT24LC
Description  500 WATT ULTRA LOW CAPACITANCE TVS ARRAY
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PSOT24LC Datasheet(HTML) 7 Page - Protek Devices

  PSOT24LC Datasheet HTML 1Page - Protek Devices PSOT24LC Datasheet HTML 2Page - Protek Devices PSOT24LC Datasheet HTML 3Page - Protek Devices PSOT24LC Datasheet HTML 4Page - Protek Devices PSOT24LC Datasheet HTML 5Page - Protek Devices PSOT24LC Datasheet HTML 6Page - Protek Devices PSOT24LC Datasheet HTML 7Page - Protek Devices PSOT24LC Datasheet HTML 8Page - Protek Devices PSOT24LC Datasheet HTML 9Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05066.R8 10/12
Page 7
PSOT03LC - PSOT36LC
SOT-23 PACkAGE INFORmATION
OUTLINE DImENSIONS
DIm
mILLImETERS
INChES
mIN
mAX
mIN
mAX
A
2.80
3.04
0.110
0.120
B
1.20
1.40
0.047
0.055
C
0.89
1.11
0.035
0.044
D
0.37
0.50
0.015
0.020
G
1.78
2.04
0.070
0.081
H
0.013
0.100
0.001
0.004
J
0.085
0.177
0.003
0.007
K
0.45
0.60
0.018
0.024
L
0.89
1.02
0.035
0.040
S
2.10
2.50
0.083
0.098
V
0.45
0.60
0.018
0.024
NOTES
1. Controlling dimension: inches.
2. Dimensioning and tolerances per ANSI Y14.5M, 1985.
3. Pin 3 is the cathode (Unidirectional Only)
4. Dimensions are exclusive of mold flash and metal burrs.
PAD LAYOUT DImENSIONS
DIm
mILLImETERS
INChES
mIN
mAX
mIN
mAX
A
0.71
0.97
0.028
0.038
B
1.88
2.13
0.074
0.084
C
0.71
0.97
0.028
0.038
D
0.81
1.07
0.032
0.042
NOTES
1. Controlling dimension: inches.
A
L
B
S
G
V
3
1
2
D
H
C
K
J
0°-10°
A
C
D
B


Similar Part No. - PSOT24LC

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PSOT24LC PROTEC-PSOT24LC Datasheet
175Kb / 5P
   ULTRA LOW CAPACITANCE TVS ARRAY
PSOT24LC PROTEC-PSOT24LC Datasheet
71Kb / 5P
   ULTRA LOW CAPACITANCE TVS ARRAY
PSOT24LC PROTEC-PSOT24LC Datasheet
886Kb / 9P
   500 WATT ULTRA LOW CAPACITANCE TVS ARRAY
PSOT24LC-LF-T13 PROTEC-PSOT24LC-LF-T13 Datasheet
71Kb / 5P
   ULTRA LOW CAPACITANCE TVS ARRAY
PSOT24LC-LF-T7 PROTEC-PSOT24LC-LF-T7 Datasheet
71Kb / 5P
   ULTRA LOW CAPACITANCE TVS ARRAY
More results

Similar Description - PSOT24LC

ManufacturerPart #DatasheetDescription
logo
Protek Devices
SLVU2.8-8G PROTEC-SLVU2.8-8G Datasheet
690Kb / 8P
   500 WATT ULTRA LOW CAPACITANCE TVS ARRAY
PLC496 PROTEC-PLC496_11 Datasheet
789Kb / 9P
   500 WATT ULTRA LOW CAPACITANCE TVS ARRAY
PSOT03LC PROTEC-PSOT03LC_11 Datasheet
886Kb / 9P
   500 WATT ULTRA LOW CAPACITANCE TVS ARRAY
PAM27ST2324LC PROTEC-PAM27ST2324LC Datasheet
490Kb / 7P
   500 WATT ULTRA LOW CAPACITANCE TVS ARRAY
PLC496 PROTEC-PLC496_12 Datasheet
792Kb / 9P
   500 WATT ULTRA LOW CAPACITANCE TVS ARRAY
PLCDA05-LF PROTEC-PLCDA05-LF Datasheet
886Kb / 9P
   500 WATT MULTI-LINE ultra LOW CAPACITANCE TVS ARRAY
PSRDA3.3-6 PROTEC-PSRDA3.3-6_12 Datasheet
808Kb / 9P
   500 WATT ULTRA LOW CAPACITANCE STEERING DIODE/TVS ARRAY
PSR05LC PROTEC-PSR05LC Datasheet
605Kb / 8P
   500 WATT ultra low capacitance steering diode/TVS array
PSRDA3.3-6 PROTEC-PSRDA3.3-6_10 Datasheet
805Kb / 9P
   500 WATT ULTRA LOW CAPACITANCE STEERING DIODE/TVS ARRAY
USB50803 PROTEC-USB50803_12 Datasheet
529Kb / 6P
   500 WATT MULTI-LINE ULTRA LOW CAPACITANCE TVS ARRAY
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com