Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GENE-9455 Datasheet(PDF) 1 Page - AAEON Technology

Part # GENE-9455
Description  SubCompact Board
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAEON [AAEON Technology]
Direct Link  http://www.aaeon.com
Logo AAEON - AAEON Technology

GENE-9455 Datasheet(HTML) 1 Page - AAEON Technology

  GENE-9455_15 Datasheet HTML 1Page - AAEON Technology GENE-9455_15 Datasheet HTML 2Page - AAEON Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
03-17
03
Features
Specifications
GENE-9455 Rev. B
3.5” SubCompact Board With Onboard Intel® Atom™ N270 Processor
1700060157
KB/Mouse Cable
Heatsink
Product CD
GENE-9455 Rev. B
Packing List
System
Form Factor
3.5"
Processor
Onboard Intel® Atom™ N270 Processor 1.6 GHz , FSB 533 MHz
System Memory
200 pin DDR2 SODIMM x 1, Max. 2 GB (DDR2 400/533)
Chipset
Intel® 945GSE + ICH7M
I/O Chipset
ITE8781
Ethernet
Intel® 82574L, 10/100/1000Base-TX, RJ-45 x 2
BIOS
Award Plug & Play SPI BIOS - 2 MB Flash
Wake on LAN
Yes
Watchdog Timer
Generates a time-out system reset
H/W Status Monitoring
Supports power supply voltages and temperature monitoring
Expansion Interface
Mini PCI x 1, Mini Card x 1
Trusted Platform Module
(TPM)
Infineon SLB 9635 TT 1.2 (Optional)
Battery
Lithium battery
Power Requirement
+12V, AT/ATX
Power Consumption
(Typical)
Intel® Atom™ N270, DDR2 533 2 GB
1.55A@+12V
Board Size
5.75"(L) x 4"(W) (146mm x 101.6mm)
Gross Weight
0.88lb (0.4kg)
Operating Temperature
32°F ~ 140°F (0°C ~ 60°C)
Storage Temperature
-40°F ~ 176°F (-40°C ~ 80°C)
Operating Humidity
0% ~ 90% relative humidity, non-condensing
MTBF (Hours)
70,000
Display
Supports CRT/LCD simultaneous/ Dual view displays
Chipset
Intel® 945GSE integrated
Memory
Shared system memory up to 224 MB/DVMT 3.0
Resolutions
Up to 1920 x 1440 for CRT/ Up to 1920x 1200 for LCD
LCD Interface
Dual LVDS LCDs: 18-bit Dual-Channel LVDS LCD + 24-bit Dual-Channel LVDS
LCD
I/O
Storage
SATA 1.5Gb/s x 1, Type 2 CompactFlash™ x 1
Serial Port
RS-232 x 3, RS-232/422/485 (auto flow) x 1
Parallel Port
SPP/EPP/ECP x 1
USB
USB2.0 x 6
PS/2 Port
Keyboard x 1, Mouse x 1
Digital I/O
Supports 8-bit (Programmable)
Audio
Mic-in, Line-in, Line-out, CD-in
Onboard Intel® Atom™ N270 Processor With 1.6 GHz
Intel® 945GSE + ICH7M
SODIMM DDR2 400/533, Max. 2 GB
Gigabit Ethernet x 2, RJ-45 x 2
CRT, Dual LVDS LCDs: 18-bit Dual-Channel LVDS LCD + 24-bit
Dual-Channel LVDS LCD
AC97 2.3 Codec 2CH Audio
SATA 1.5Gb/s x 1, CompactFlash™ x 1
USB2.0 x 6, COM x 4, Parallel x 1, 8-bit Digital I/O
Mini PCI x 1, Mini Card x 1
+12V Only Operation
Onboard Trusted Platform Module (Optional)
LVDS LCD
DIO
Parallel Port
LCD Inverter
Power Input
SATA
CRT
COM
LAN
USB
Keyboard & Mouse
Audio
Front Panel
USB x 4
COM x 3
Mini PCI


Similar Part No. - GENE-9455_15

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
GENE-9455 AAEON-GENE-9455 Datasheet
407Kb / 2P
   3.5??SubCompact Board With Onboard Intel Atom N270 Processor
GENE-9455 AAEON-GENE-9455 Datasheet
407Kb / 2P
   3.5??SubCompact Board
More results

Similar Description - GENE-9455_15

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
GENE-5315 AAEON-GENE-5315_15 Datasheet
305Kb / 2P
   SubCompact Board
GENE-LN05 AAEON-GENE-LN05_15 Datasheet
265Kb / 2P
   SubCompact Board
GENE-CV05_13 AAEON-GENE-CV05_13_15 Datasheet
249Kb / 2P
   SubCompact Board
GENE-5315 AAEON-GENE-5315 Datasheet
305Kb / 2P
   3.5??SubCompact Board
GENE-9455 AAEON-GENE-9455 Datasheet
407Kb / 2P
   3.5??SubCompact Board
GENE-CV05 AAEON-GENE-CV05_13 Datasheet
249Kb / 2P
   3.5??SubCompact Board
GENE-LN05 AAEON-GENE-LN05 Datasheet
265Kb / 2P
   3.5??SubCompact Board
GENE-U15B AAEON-GENE-U15B Datasheet
426Kb / 2P
   3.5??SubCompact Board with Intel Atom Z5x0P Processor
GENE-QM77 AAEON-GENE-QM77_13 Datasheet
267Kb / 2P
   3.5??SubCompact
GENE-QM77_13 AAEON-GENE-QM77_13_15 Datasheet
267Kb / 2P
   SubCompact with Onboard
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com