Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PLR3304 Datasheet(PDF) 3 Page - Protek Devices

Part # PLR3304
Description  ultra low capacitance steering diode/tvs arr ay
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PLR3304 Datasheet(HTML) 3 Page - Protek Devices

  PLR3304_12 Datasheet HTML 1Page - Protek Devices PLR3304_12 Datasheet HTML 2Page - Protek Devices PLR3304_12 Datasheet HTML 3Page - Protek Devices PLR3304_12 Datasheet HTML 4Page - Protek Devices PLR3304_12 Datasheet HTML 5Page - Protek Devices PLR3304_12 Datasheet HTML 6Page - Protek Devices PLR3304_12 Datasheet HTML 7Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05273.R7 10/12
Page 3
PLR3304
tyPicaL device chaRacteRistics
FiguRe 1
Peak PuLse PoweR vs PuLse tiMe
t
d - Pulse duration - µs
400W, 8/20µs Waveform
0.1
1
10
100
1,000
10,000
10
100
1,000
10,000
Peak Pulse Power
8/20µs
Average Power
FiguRe 3
PoweR deRating cuRve
t
a - ambient temperature - °c
0
25
50
75
100
125
150
0
20
40
60
80
100
TEST
WAVEFORM
PARAMETERS
t
f = 8µs
t
d = 20µs
t
f
e-t
Peak Value I
PP
t
d = t/(IPP/2)
FiguRe 2
PuLse wave FoRM
t - time - µs
0
5
10
15
20
25
30
0
20
40
60
80
100
120


Similar Part No. - PLR3304_12

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PLR3304 PROTEC-PLR3304_15 Datasheet
507Kb / 7P
   ULTRA LOW CAPACITANCE STEERING DIODE
More results

Similar Description - PLR3304_12

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PLR0508 PROTEC-PLR0508_12 Datasheet
916Kb / 7P
   ultra low capacitance steering diode/tvs arr ay
SRV05-4M PROTEC-SRV05-4M Datasheet
613Kb / 7P
   ultra low capacitance steering diode/tvs arr ay
SRV2.8-4 PROTEC-SRV2.8-4 Datasheet
555Kb / 7P
   ultra low capacitance steering diode/tvs arr ay
PLR0524P PROTEC-PLR0524P Datasheet
778Kb / 6P
   ultra low capacitance steering diode/tvs arr ay
LC0408FC3.3C PROTEC-LC0408FC3.3C_12 Datasheet
623Kb / 9P
   200w low capacitance fl ip chip tvs arr ay
SRV05-4 PROTEC-SRV05-4_11 Datasheet
630Kb / 8P
   ultra low capacitance steering diode/tvs array
SRV05-4LC PROTEC-SRV05-4LC Datasheet
548Kb / 7P
   ultra low capacitance steering diode/tvs array
PLR0504F PROTEC-PLR0504F_12 Datasheet
524Kb / 6P
   ULTRA LOW CAPACITANCE STEERING DIODE/TVS ARRAY
PAM05SC700504F PROTEC-PAM05SC700504F Datasheet
525Kb / 6P
   ULTRA LOW CAPACITANCE STEERING DIODE/TVS ARRAY
PSR3.3 PROTEC-PSR3.3 Datasheet
478Kb / 6P
   ultra low capacitance steering diode/tvs array
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com