Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MASWSM0015 Datasheet(PDF) 3 Page - Tyco Electronics

Part # MASWSM0015
Description  DPDT Switch, 4.5 - 6.0 GHz
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MASWSM0015 Datasheet(HTML) 3 Page - Tyco Electronics

  MASWSM0015 Datasheet HTML 1Page - Tyco Electronics MASWSM0015 Datasheet HTML 2Page - Tyco Electronics MASWSM0015 Datasheet HTML 3Page - Tyco Electronics MASWSM0015 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Part Description
Specifications subject to change without notice.
! North America: Tel. (800) 366-2266
! Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298
! Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
3
Visit www.macom.com for additional data sheets and product information.
DPDT Switch, 4.5 – 6.0 GHz
MASWSM0015
V 1.1
Typical Performance Curves
RF Input Return Loss vs. Frequency
-25
-20
-15
-10
-5
0
4.5
5.0
5.5
6.0
Frequency (GHz)
Antenna Return Loss vs. Frequency
-25
-20
-15
-10
-5
0
4.5
5.0
5.5
6.0
Frequency (GHz)
Insertion Loss vs. Frequency
-2.0
-1.5
-1.0
-0.5
0.0
4.5
5.0
5.5
6.0
Frequency (GHz)
Isolation vs. Frequency
-40
-30
-20
-10
0
4.5
5.0
5.5
6.0
Frequency (GHz)


Similar Part No. - MASWSM0015

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASWSM0002 MACOM-MASWSM0002 Datasheet
50Kb / 4P
   5.2 GHz SPDT Switch
MASWSM0002SMB MACOM-MASWSM0002SMB Datasheet
50Kb / 4P
   5.2 GHz SPDT Switch
MASWSM0002TR MACOM-MASWSM0002TR Datasheet
50Kb / 4P
   5.2 GHz SPDT Switch
MASWSM0002TR-3000 MACOM-MASWSM0002TR-3000 Datasheet
50Kb / 4P
   5.2 GHz SPDT Switch
More results

Similar Description - MASWSM0015

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASWSS0175 MACOM-MASWSS0175 Datasheet
192Kb / 4P
   GaAs DPDT Diversity Switch 4.5 - 6.0 GHz
MASWSS0039 MACOM-MASWSS0039 Datasheet
143Kb / 4P
   GaAs DPDT Diversity Switch 4.5 - 6.0 GHz
logo
M/A-COM Technology Solu...
MASWSS0039 MA-COM-MASWSS0039 Datasheet
108Kb / 4P
   GaAs DPDT Diversity Switch 4.5 - 6.0 GHz
MASWSS0175-V1-NOV09 MA-COM-MASWSS0175-V1-NOV09 Datasheet
105Kb / 4P
   GaAs DPDT Diversity Switch 4.5 - 6.0 GHz
logo
Tyco Electronics
MASW6030G MACOM-MASW6030G Datasheet
75Kb / 3P
   GaAs DPDT Switch DC - 6.0 GHz
logo
M/A-COM Technology Solu...
MASW6030G MA-COM-MASW6030G Datasheet
71Kb / 4P
   GaAs DPDT Switch DC - 6.0 GHz
MASW6030G MA-COM-MASW6030G_15 Datasheet
573Kb / 5P
   GaAs DPDT Switch DC - 6.0 GHz
MASWSS0175 MA-COM-MASWSS0175 Datasheet
87Kb / 4P
   GaAs DPDT Diversity Switch DC - 6.0 GHz
MASWSS0190 MA-COM-MASWSS0190 Datasheet
120Kb / 4P
   GaAs Broadband DPDT Diversity Switch 2.0 - 6.0 GHz
logo
Tyco Electronics
MASWSS0129 MACOM-MASWSS0129 Datasheet
125Kb / 4P
   GaAs Broadband DPDT Diversity Switch DC - 6.0 GHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com