Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JFL Datasheet(PDF) 2 Page - jb Capacitors Company

Part # JFL
Description  Operating Temperature
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JBCAPACITORS [jb Capacitors Company]
Direct Link  http://www.jbcapacitors.com
Logo JBCAPACITORS - jb Capacitors Company

JFL Datasheet(HTML) 2 Page - jb Capacitors Company

  JFL Datasheet HTML 1Page - jb Capacitors Company JFL Datasheet HTML 2Page - jb Capacitors Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Web-site: www.jbcapacitors.com
E-mail: info@jbcapacitors.com
Tel : (852)2790 5091
Fax: (852)8169 8283
Met Polypropylene Film Capacitor – JFL
 STANDARD SIZE (mm)
VDC
Mfd
400 VDC (2G)
630 VDC (2J)
L
T
H
d
P
L
T
H
d
P
0.01
13
7
10
0.6
10
13
7
10
0.6
10
0.012~0.015
13
6
10
0.6
10
13
6
10
0.6
10
0.018~0.022
13
8
12
0.6
10
13
8
12
0.6
10
18
6
10
0.8
15
0.033~0.036
13
7
11
0.6
10
13
7
11
0.6
10
18
7
11
0.6
15
18
7
11
0.6
15
0.039
13
7
11
0.6
10
0.047
13
6.5
10
0.6
10
13
6.5
12
0.6
10
18
6.5
10
0.6
15
18
6
10
0.8
15
0.068
13
7
10
0.6
10
13
8
12.5
0.6
10
18
6
11
0.6
15
18
7
11
0.8
15
0.1
13
7
11
0.6
10
18
9.5
15
0.8
15
18
8
12
0.8
15
0.15
18
8
12
0.8
15
18
9
14
0.8
15
0.22
18
9
13.5
0.8
15
18
10
15
0.8
15
0.33~0.39
18
10.5
15
0.8
15
25
10
16
0.8
22.5
23
9
14
0.8
20
0.47
23
10
15
0.8
20
23
12
19
0.8
20
25
9.5
15
0.8
22.5
25
11
18
0.8
22.5
0.56
23
10.5
16
0.8
20
31
11
18
0.8
27.5
18
12.5
17.5
0.6
15
25
12.5
19
0.8
22.5
0.68
25
10
17
0.8
22.5
25
12.5
19.5
0.8
22.5
31
11
18.5
0.8
27.5
0.82
25
11
18
0.8
22.5
1.0
25
11
20
0.8
22.5
31
13
22
0.8
27.5
31
10
18
0.8
27.5
25
15.5
24
0.8
22.5
1.5
31
12
20
0.8
27.5
31
16.5
25
0.8
27.5
2
31
14.5
22.5
0.8
27.5
2.2
31
15
23
0.8
27.5
3.3
31
18
26.5
0.8
27.5
Please visit our website to get more update data, those data & specification are subject to change without notice.


Similar Part No. - JFL

ManufacturerPart #DatasheetDescription
logo
jb Capacitors Company
JFL JBCAPACITORS-JFL Datasheet
179Kb / 2P
   Met Polypropylene Film Capacitor
JFLA JBCAPACITORS-JFLA Datasheet
213Kb / 2P
   Metallized Polypropylene Film A.C.Capacitor For Capacitive Divider
JFL JBCAPACITORS-JFL_15 Datasheet
171Kb / 2P
   Met Polypropylene Film Capacitor
JFL JBCAPACITORS-JFL_17 Datasheet
179Kb / 2P
   Met Polypropylene Film Capacitor
More results

Similar Description - JFL

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
P-MUSBR-2M5C-0X4BP AMPHENOL-P-MUSBR-2M5C-0X4BP Datasheet
48Kb / 1P
   OPERATING TEMPERATURE
logo
E-SWITCH
R4BBLKBLKGRNEF3 E-SWITCH-R4BBLKBLKGRNEF3 Datasheet
117Kb / 1P
   OPERATING TEMPERATURE
logo
jb Capacitors Company
JFG JBCAPACITORS-JFG Datasheet
413Kb / 4P
   Operating Temperature
logo
Wurth Elektronik GmbH &...
784787470 WURTH-784787470 Datasheet
590Kb / 7P
   Operating Temperature
784787181 WURTH-784787181 Datasheet
590Kb / 7P
   Operating Temperature
784787680 WURTH-784787680 Datasheet
590Kb / 7P
   Operating Temperature
logo
jb Capacitors Company
JFK JBCAPACITORS-JFK Datasheet
237Kb / 1P
   Operating Temperature
logo
List of Unclassifed Man...
HM72A-064R7LFTR13 ETC2-HM72A-064R7LFTR13 Datasheet
636Kb / 4P
   Operating Temperature Range
logo
Wall Industries,Inc.
QAW WALL-QAW Datasheet
143Kb / 3P
   Higher Operating Temperature
logo
Alliance Semiconductor ...
AS4C16M16SA-CI ALSC-AS4C16M16SA-CI Datasheet
1Mb / 55P
   Operating temperature range
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com