Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT7306 Datasheet(PDF) 10 Page - Richtek Technology Corporation

Part # RT7306
Description  The RT7306 is a constant current LED driver
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT7306 Datasheet(HTML) 10 Page - Richtek Technology Corporation

Back Button RT7306 Datasheet HTML 6Page - Richtek Technology Corporation RT7306 Datasheet HTML 7Page - Richtek Technology Corporation RT7306 Datasheet HTML 8Page - Richtek Technology Corporation RT7306 Datasheet HTML 9Page - Richtek Technology Corporation RT7306 Datasheet HTML 10Page - Richtek Technology Corporation RT7306 Datasheet HTML 11Page - Richtek Technology Corporation RT7306 Datasheet HTML 12Page - Richtek Technology Corporation RT7306 Datasheet HTML 13Page - Richtek Technology Corporation RT7306 Datasheet HTML 14Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
RT7306
Copyright © 2015 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
www.richtek.com
DS7306-00
July
2015
10
Typical Operating Characteristics
IHV_ST vs. Junction Temperature
0
1
2
3
4
5
-50
-25
0
25
50
75
100
125
Junction Temperature (°C)
VOVP vs. Junction Temperature
36.0
36.1
36.2
36.3
36.4
36.5
36.6
36.7
-50
-25
0
25
50
75
100
125
Junction Temperature (°C)
VTH_ON vs. Junction Temperature
16.85
16.90
16.95
17.00
17.05
17.10
17.15
-50
-25
0
25
50
75
100
125
Junction Temperature (°C)
VTH_OFF vs. Junction Temperature
8.40
8.44
8.48
8.52
8.56
8.60
-50
-25
0
25
50
75
100
125
Junction Temperature (°C)
IDD_OP vs. Junction Temperature
1.65
1.70
1.75
1.80
1.85
1.90
1.95
2.00
-50
-25
0
25
50
75
100
125
Junction Temperature (°C)
VZCDL vs. Junction Temperature
0
5
10
15
20
25
-50
-25
0
25
50
75
100
125
Junction Temperature (°C)


Similar Part No. - RT7306

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT7302 RICHTEK-RT7302 Datasheet
275Kb / 15P
   Primary-Side-Regulation Dimmable LED Driver Controller
RT7302GS RICHTEK-RT7302GS Datasheet
275Kb / 15P
   Primary-Side-Regulation Dimmable LED Driver Controller
RT7304 RICHTEK-RT7304 Datasheet
273Kb / 14P
   Primary-Side-Regulation LED Driver Controller with Active PFC
RT7304A RICHTEK-RT7304A Datasheet
711Kb / 16P
   Primary-Side Regulation LED Driver Controller
RT7304AGE RICHTEK-RT7304AGE Datasheet
711Kb / 16P
   Primary-Side Regulation LED Driver Controller
More results

Similar Description - RT7306

ManufacturerPart #DatasheetDescription
logo
Taiwan Memory Technolog...
T6506A TMT-T6506A Datasheet
189Kb / 2P
   The T6506A is a 3-channel constant current LED drivers.
logo
ON Semiconductor
CAT4101 ONSEMI-CAT4101_12 Datasheet
152Kb / 9P
   1 A Constant-Current LED Driver
July, 2012 ??Rev. 8
logo
STMicroelectronics
STCS1A STMICROELECTRONICS-STCS1A Datasheet
449Kb / 19P
   1.5 A max constant current LED driver
STCS05 STMICROELECTRONICS-STCS05 Datasheet
683Kb / 16P
   0.5 A max constant current LED driver
STCS2A STMICROELECTRONICS-STCS2A Datasheet
372Kb / 18P
   2 A max constant current LED driver
STCS1 STMICROELECTRONICS-STCS1 Datasheet
435Kb / 17P
   1.5 A max constant current LED driver
STCS1 STMICROELECTRONICS-STCS1_08 Datasheet
346Kb / 17P
   1.5 A max constant current LED driver
STCS05A STMICROELECTRONICS-STCS05A Datasheet
854Kb / 18P
   0.5 A max constant current LED driver
STCS2 STMICROELECTRONICS-STCS2 Datasheet
280Kb / 16P
   2 A max constant current LED driver
logo
Sipex Corporation
SP7618 SIPEX-SP7618 Datasheet
408Kb / 10P
   Constant Current LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com