Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT7305 Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT7305
Description  The RT7305 consists of a high voltage power MOSFET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT7305 Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT7305 Datasheet HTML 1Page - Richtek Technology Corporation RT7305 Datasheet HTML 2Page - Richtek Technology Corporation RT7305 Datasheet HTML 3Page - Richtek Technology Corporation RT7305 Datasheet HTML 4Page - Richtek Technology Corporation RT7305 Datasheet HTML 5Page - Richtek Technology Corporation RT7305 Datasheet HTML 6Page - Richtek Technology Corporation RT7305 Datasheet HTML 7Page - Richtek Technology Corporation RT7305 Datasheet HTML 8Page - Richtek Technology Corporation RT7305 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
RT7305
Copyright © 2014 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation
DS7305-00
July
2014
www.richtek.com
1
Primary-Side
Regulation
LED
Driver
Controller
with
Active-PFC and Integrated Power MOSFET
General Description
The RT7305 consists of a high voltage power MOSFET
and a high-performance constant current LED driver
with active power factor correction. It supports high
power factor across a wide range of line voltages, and
it drives the converter in the Quasi-Resonant (QR)
mode to achieve higher efficiency. By using Primary
Side Regulation (PSR), RT7305 controls the output
current accurately without a shunt regulator and an
opto-coupler at the secondary side, reducing the
external component count, the cost, and the volume of
the driver board.
RT7305 embeds comprehensive protection functions for
robust designs, including LED open circuit protection,
LED short circuit protection, output diode short-circuit
protection, VDD Under-Voltage Lockout (UVLO), VDD
Over-Voltage
Protection
(OVP),
Over-Temperature
Protection (OTP), and cycle-by-cycle current limitation.
Applications
AC/DC LED Lighting Driver
Features
Integrated 620V Power MOSFET
Tight LED Current Regulation
No Opto-Coupler and TL431 Required
Power Factor Correction (PFC)
Quasi-Resonant
Maximum/Minimum Switching Frequency
Clamping
Maximum/Minimum on-Time Limitation
Wide VDD Range (up to 25V)
Multiple Protection Features
LED Open-Circuit Protection
LED Short-Circuit Protection
Output Diode Short-Circuit Protection
VDD Under-Voltage Lockout
VDD Over-Voltage Protection
Over-Temperature Protection
Cycle-by-Cycle Current Limitation
RoHS Compliant and Halogen Free
Simplified Application Circuit
Flyback Application Circuit
BD1
COMP
DRAIN
RT7305
VDD
Line
Neutral
ZCD
CCOMP
CVDD
RST
CIN
CS
RCS
RPC
GND
DAUX
SOURCE
COUT
DOUT
TX1
RZCD1
RZCD2
VOUT+
VOUT-
Buck-Boost Application Circuit
BD1
COMP
DRAIN
RT7305
VDD
ZCD
CCOMP
CVDD
RST
CIN
DAUX
COUT
DOUT
TX1
RZCD1
RZCD2
Line
Neutral
VOUT+
VOUT-
CS
RCS
RPC
GND
SOURCE


Similar Part No. - RT7305

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT7302 RICHTEK-RT7302 Datasheet
275Kb / 15P
   Primary-Side-Regulation Dimmable LED Driver Controller
RT7302GS RICHTEK-RT7302GS Datasheet
275Kb / 15P
   Primary-Side-Regulation Dimmable LED Driver Controller
RT7304 RICHTEK-RT7304 Datasheet
273Kb / 14P
   Primary-Side-Regulation LED Driver Controller with Active PFC
RT7304A RICHTEK-RT7304A Datasheet
711Kb / 16P
   Primary-Side Regulation LED Driver Controller
RT7304AGE RICHTEK-RT7304AGE Datasheet
711Kb / 16P
   Primary-Side Regulation LED Driver Controller
More results

Similar Description - RT7305

ManufacturerPart #DatasheetDescription
logo
HTC Korea TAEJIN Techno...
LM2904 HTC-LM2904 Datasheet
197Kb / 4P
   The LM2904 consists of two independent
logo
Laird Tech Smart Techno...
BTM44X-RF LSTD-BTM44X-RF Datasheet
540Kb / 5P
   The BTM44x Enhanced Data module consists of a frequency-hopping
logo
List of Unclassifed Man...
LR4558 ETC1-LR4558 Datasheet
134Kb / 7P
   The LR4558 consists of two high performance operational amplifiers
logo
STMicroelectronics
AN2809 STMICROELECTRONICS-AN2809 Datasheet
725Kb / 22P
   The LED7706 consists of a high-efficiency monolithic boost converter and six controlled
logo
Tyco Electronics
408-6626 MACOM-408-6626 Datasheet
101Kb / 2P
   The clinching tool consists of a handle, upper jaw lower jaw.
logo
Estek Electronics Co. L...
LM339 ESTEK-LM339 Datasheet
2Mb / 6P
   consists of four independent voltage comparators
logo
Tyco Electronics
408-10236 MACOM-408-10236 Datasheet
152Kb / 3P
   The seating tool consists of an adapter, a signal contact blade, and a power contact blade.
logo
Formosa MS
BAV99 FORMOSA-BAV99 Datasheet
213Kb / 2P
   The BAV99 consists of two diodes in a plastic surface mount package
BAV70 FORMOSA-BAV70 Datasheet
348Kb / 2P
   The BAV70 consists of two diodes in a plastic surface mount package
logo
ISOCOM COMPONENTS
ICPLW50LSMT-R ISOCOM-ICPLW50LSMT-R Datasheet
873Kb / 14P
   The ICPLW50L 1MBd digital optocoupler consists of a high efficient AlGaAs Light Emitting Diode and a high speed optical detector.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com