Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT7237AHGSP Datasheet(PDF) 6 Page - Richtek Technology Corporation

Part # RT7237AHGSP
Description  Evaluation Board
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT7237AHGSP Datasheet(HTML) 6 Page - Richtek Technology Corporation

Back Button RT7237AHGSP Datasheet HTML 2Page - Richtek Technology Corporation RT7237AHGSP Datasheet HTML 3Page - Richtek Technology Corporation RT7237AHGSP Datasheet HTML 4Page - Richtek Technology Corporation RT7237AHGSP Datasheet HTML 5Page - Richtek Technology Corporation RT7237AHGSP Datasheet HTML 6Page - Richtek Technology Corporation RT7237AHGSP Datasheet HTML 7Page - Richtek Technology Corporation RT7237AHGSP Datasheet HTML 8Page - Richtek Technology Corporation RT7237AHGSP Datasheet HTML 9Page - Richtek Technology Corporation RT7237AHGSP Datasheet HTML 10Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
RT7237AHGSP
Evaluation Board
UG7237AHGSP-00
July
2014
www.richtek.com
6
Schematic, Bill of Materials and Board Layout
EVB Schematic Diagram
GND
SOP-8(Exposed Pad)
U1
BS
1
VIN
2
SW
3
SS
8
EN
7
COMP
6
FB
5
L1
10uH
C10
0.1uF
TP2
SS
100k
NF
NF
10uF
10uF
22uF
C8
NF
C7
3.3nF
0.1uF
22uF
75k
24k
R3
13k
0.1uF
TP1
EN
C11
0.1uF
NF
D2
NF
D1
NF
VOUT
GP3
GP4
GP1
GP2
GND
VIN
TP3
SW
GND
TP4
BS
NF
C1, C2: 10μF/50V/X5R, 1206, TDK C3216X5R1H106K
C4, C5: 22μF/16V/X5R, 1210, Murata GRM32ER61C226K
L1: 10μH TAIYO YUDEN NR8040T100M, DCR=34mΩ


Similar Part No. - RT7237AHGSP

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT7237A RICHTEK-RT7237A Datasheet
283Kb / 15P
   2A, 18V, 340kHz Synchronous Step-Down Converter
More results

Similar Description - RT7237AHGSP

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
M68EVB912B32 MOTOROLA-M68EVB912B32 Datasheet
271Kb / 4P
   Evaluation Board
logo
Richtek Technology Corp...
RT7236GQW RICHTEK-RT7236GQW Datasheet
661Kb / 12P
   Evaluation Board
RT7272AGSP RICHTEK-RT7272AGSP Datasheet
643Kb / 11P
   Evaluation Board
RT7279GQW RICHTEK-RT7279GQW Datasheet
660Kb / 12P
   Evaluation Board
logo
Melexis Microelectronic...
EVB90316 MELEXIS-EVB90316 Datasheet
432Kb / 6P
   Evaluation Board
logo
Richtek Technology Corp...
RT8292AHZSP RICHTEK-RT8292AHZSP Datasheet
584Kb / 11P
   Evaluation Board
logo
AverLogic Technologies ...
AL360A-EVB-A0 AVERLOGIC-AL360A-EVB-A0 Datasheet
1Mb / 14P
   Evaluation Board
logo
Cirrus Logic
CDB8130 CIRRUS-CDB8130 Datasheet
695Kb / 10P
   Evaluation Board
CDB5012 CIRRUS-CDB5012 Datasheet
86Kb / 7P
   Evaluation Board
CDB8416 CIRRUS-CDB8416 Datasheet
1Mb / 28P
   Evaluation Board
CDB5466U CIRRUS-CDB5466U Datasheet
1Mb / 21P
   Evaluation Board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com