Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT6208 Datasheet(PDF) 8 Page - Richtek Technology Corporation

Part # RT6208
Description  The RT6208 is a high-efficiency
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT6208 Datasheet(HTML) 8 Page - Richtek Technology Corporation

Back Button RT6208 Datasheet HTML 4Page - Richtek Technology Corporation RT6208 Datasheet HTML 5Page - Richtek Technology Corporation RT6208 Datasheet HTML 6Page - Richtek Technology Corporation RT6208 Datasheet HTML 7Page - Richtek Technology Corporation RT6208 Datasheet HTML 8Page - Richtek Technology Corporation RT6208 Datasheet HTML 9Page - Richtek Technology Corporation RT6208 Datasheet HTML 10Page - Richtek Technology Corporation RT6208 Datasheet HTML 11Page - Richtek Technology Corporation RT6208 Datasheet HTML 12Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
RT6208
Copyright © 2015 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
www.richtek.com
DS6208-00
May
2015
8
Typical Operating Characteristics
Efficiency vs. Load Current
40
50
60
70
80
90
0.1
1
10
100
Load Current (mA)
VIN = 5V
VIN = 12V
VIN = 24V
VIN = 36V
VOUT = 1.8V
Efficiency vs. Load Current
40
50
60
70
80
90
0.1
1
10
100
Load Current (mA)
VOUT = 3.3V
VIN = 5V
VIN = 12V
VIN = 24V
VIN = 36V
Efficiency vs. Load Current
40
50
60
70
80
90
0.1
1
10
100
Load Current (mA)
VOUT = 5V
VIN = 12V
VIN = 24V
VIN = 36V
Ground Current vs. Input Voltage
130
133
136
139
142
145
148
151
154
157
160
4
8
12
16
20
24
28
32
36
Input Voltage (V)
BCM
Ground Current vs. Temperature
100
110
120
130
140
150
160
170
180
190
200
-50
-25
0
25
50
75
100
125
Temperature (°C)
VIN = 36V
VIN = 24V
BCM
Ground Current vs. Input Voltage
0
3
6
9
12
15
18
21
24
27
30
4
8
12
16
20
24
28
32
36
Input Voltage (V)
Sleep Mode
Shutdown Mode


Similar Part No. - RT6208

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT6200GE RICHTEK-RT6200GE Datasheet
784Kb / 9P
   RT6200GE Evaluation Board
logo
Amphenol Corporation
RT62019PN AMPHENOL-RT62019PN Datasheet
1Mb / 2P
   RT360??industrial circular connectors are multiway connector available in 6 shell sizes and 22 insert
RT62019PW AMPHENOL-RT62019PW Datasheet
1Mb / 2P
   RT360??industrial circular connectors are multiway connector available in 6 shell sizes and 22 insert
RT62019PX AMPHENOL-RT62019PX Datasheet
1Mb / 2P
   RT360??industrial circular connectors are multiway connector available in 6 shell sizes and 22 insert
RT62019SN AMPHENOL-RT62019SN Datasheet
1Mb / 2P
   RT360??industrial circular connectors are multiway connector available in 6 shell sizes and 22 insert
More results

Similar Description - RT6208

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT6296C RICHTEK-RT6296C Datasheet
805Kb / 13P
   The RT6296C is a high-efficiency
RT7296C RICHTEK-RT7296C Datasheet
803Kb / 13P
   The RT7296C is a high-efficiency
RT6296D RICHTEK-RT6296D Datasheet
790Kb / 13P
   The RT6296D is a high-efficiency
RT6296F RICHTEK-RT6296F Datasheet
813Kb / 12P
   The RT6296F is a high-efficiency
RT8004A RICHTEK-RT8004A Datasheet
309Kb / 13P
   The RT8004A is a high efficiency synchronous
logo
HTC Korea TAEJIN Techno...
TJ9910 HTC-TJ9910 Datasheet
272Kb / 9P
   The TJ9910 is a PWM high-efficiency LED driver control IC
logo
Anaren Microwave
A1101R08C ANAREN-A1101R08C Datasheet
682Kb / 2P
   The A1101R08C is a high-performance
A2500R24A ANAREN-A2500R24A Datasheet
863Kb / 2P
   The A2500R24A is a high-performance
A1101R09C ANAREN-A1101R09C Datasheet
612Kb / 2P
   The A1101R09C is a high-performance
A2530E24CZ1 ANAREN-A2530E24CZ1 Datasheet
1Mb / 2P
   The A2530E24CZ1 is a high-performance
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com