Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT5047 Datasheet(PDF) 5 Page - Richtek Technology Corporation

Part # RT5047
Description  Single Output LNB Supply and Control Voltage Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5047 Datasheet(HTML) 5 Page - Richtek Technology Corporation

  RT5047 Datasheet HTML 1Page - Richtek Technology Corporation RT5047 Datasheet HTML 2Page - Richtek Technology Corporation RT5047 Datasheet HTML 3Page - Richtek Technology Corporation RT5047 Datasheet HTML 4Page - Richtek Technology Corporation RT5047 Datasheet HTML 5Page - Richtek Technology Corporation RT5047 Datasheet HTML 6Page - Richtek Technology Corporation RT5047 Datasheet HTML 7Page - Richtek Technology Corporation RT5047 Datasheet HTML 8Page - Richtek Technology Corporation RT5047 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
RT5047
Copyright © 2015 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
DS5047-00
March
2015
www.richtek.com
5
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Load Regulation
VOUT_LOAD
VLNB = 13.3V, ILNB = 50mA to 450mA
--
38
76
mV
VLNB = 18.3V, ILNB = 50mA to 450mA
--
45
90
Line Regulation
VOUT_LINE
VIN = 9 to 14V, VLNB = 13.3V,
ILNB = 50mA
-10
--
10
mV
VIN = 9 to 14V, VLNB = 18.3V,
ILNB = 50mA
-10
--
10
Protection
Output Over-Current Limit
ILIM_LNB1
VLNB = 13.3V/18.3V
500
550
650
mA
Output Over-Current
Disable Time
TDIS_ON
VLNB Short to GND
--
45
--
ms
Output Over-Current
Disable Time
TDIS_OFF
VLNB Short to GND (GBD)
--
1800
--
ms
VIN Under-Voltage Lockout
Threshold
VUVLO
VIN Falling
--
7.35
--
V
VIN Turn On Threshold
VIN_TH
VIN Rising
--
7.7
8
V
VIN Under-Voltage Lockout
Hysteresis
VUVLOHYS
--
350
--
mV
OTP Threshold
TOTP
--
140
--
C
OTP Hysteresis
TOTPHYS
--
15
--
C
TONE
TONE Frequency
FTONE
20
22
24
kHz
TONE Amplitude, Peak to
Peak
VTONE_PP
ILNB = 50 to 450mA, CLNB = 200nF
550
700
900
mVPP
TONE Duty Cycle
DCTONE
ILNB = 0 to 450mA, CLNB = 570nF
40
50
60
%
TONE Rise Time
TRTONE
ILNB = 0 to 450mA, CLNB = 570nF
5
10
15
s
TONE Fall Time
TFTONE
ILNB = 0 to 450mA, CLNB = 570nF
5
10
15
s
TONE Logic Input
VTONE_H
1.2
--
--
V
VTONE_L
--
--
0.4
V
TONE Input Leakage
ITONELKG
--
5
10
A
ENABLE, SEL Pins
EN Logic Input
VEN_H
1.2
--
--
V
VEN_L
--
--
0.4
V
EN Input Leakage
IENLKG
--
5
10
A
SEL Logic Input
VSEL_H
1.2
--
--
V
VSEL_L
--
--
0.4
V
SEL Input Leakage
ISELLKG
--
5
10
A


Similar Part No. - RT5047

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT5047 RICHTEK-RT5047 Datasheet
902Kb / 16P
   Single Output LNB Supply and Control Voltage Regulator
RT5047A RICHTEK-RT5047A Datasheet
925Kb / 16P
   Single Output LNB Supply and Control Voltage Regulator
RT5047AGSP RICHTEK-RT5047AGSP Datasheet
925Kb / 16P
   Single Output LNB Supply and Control Voltage Regulator
RT5047B RICHTEK-RT5047B Datasheet
925Kb / 17P
   Single Output LNB Supply and Control Voltage Regulator
RT5047BF RICHTEK-RT5047BF Datasheet
941Kb / 17P
   Single Output LNB Supply and Control Voltage Regulator
More results

Similar Description - RT5047

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT5047A RICHTEK-RT5047A Datasheet
925Kb / 16P
   Single Output LNB Supply and Control Voltage Regulator
RT5070 RICHTEK-RT5070 Datasheet
825Kb / 13P
   Single Output LNB Supply and Control Voltage Regulator
RT5047 RICHTEK-RT5047_17 Datasheet
902Kb / 16P
   Single Output LNB Supply and Control Voltage Regulator
RT5047B RICHTEK-RT5047B Datasheet
925Kb / 17P
   Single Output LNB Supply and Control Voltage Regulator
RT5047BF RICHTEK-RT5047BF Datasheet
941Kb / 17P
   Single Output LNB Supply and Control Voltage Regulator
logo
Intersil Corporation
ISL9492_1103 INTERSIL-ISL9492_1103 Datasheet
1Mb / 21P
   Single Output LNB Supply and Control Voltage Regulator
logo
Allegro MicroSystems
A8298SESTR-T ALLEGRO-A8298SESTR-T Datasheet
101Kb / 2P
   Single LNB Supply and Control Voltage Regulator
A8291 ALLEGRO-A8291 Datasheet
396Kb / 18P
   Single LNB Supply and Control Voltage Regulator
February 15, 2012
A8291 ALLEGRO-A8291 Datasheet
369Kb / 19P
   Single LNB Supply and Control Voltage Regulator
A8294 ALLEGRO-A8294 Datasheet
344Kb / 18P
   Single LNB Supply and Control Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com