Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT5028C Datasheet(PDF) 3 Page - Richtek Technology Corporation

Part # RT5028C
Description  PMIC for Industrial Application
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5028C Datasheet(HTML) 3 Page - Richtek Technology Corporation

  RT5028C Datasheet HTML 1Page - Richtek Technology Corporation RT5028C Datasheet HTML 2Page - Richtek Technology Corporation RT5028C Datasheet HTML 3Page - Richtek Technology Corporation RT5028C Datasheet HTML 4Page - Richtek Technology Corporation RT5028C Datasheet HTML 5Page - Richtek Technology Corporation RT5028C Datasheet HTML 6Page - Richtek Technology Corporation RT5028C Datasheet HTML 7Page - Richtek Technology Corporation RT5028C Datasheet HTML 8Page - Richtek Technology Corporation RT5028C Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 40 page
background image
3
DS5028C-00
March 2015
www.richtek.com
RT5028C
©
Copyright
2015 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Pin No.
Pin Name
Pin Function
16
SDA
Data Input for I2C. Open-drain output, connect a 10k
 pull-up resistor.
17
ENL7
Enable Control Input for LDO7. Connect a 100k
 pull-low resistor.
18
ENL8
Enable Control Input for LDO8. Connect a 100k
 pull-low resistor.
19
IRQ
Open-Drain IRQ Output Node.
20
RESET
Reset Output.
21, 34, 56, 57
(Exposed Pad)
AGND
Analog Ground. The exposed pad must be soldered to a large PCB and
connected to AGND for maximum power dissipation.
22
PWRON
Manual Power On. Connect a 100k
 pull-up resistor.
23
REBOOT
System Power Reboot. Connect a 100k
 pull-low resistor.
24
MTP
MTP Write Protection Pin. Connect a 100k
 pull-low resistor, logic low is
inhibited and logic high is permit to write.
25
MASK_GPIO
Select I2C or use EN pin for Bucks and LDOs. Connect a 100k
 pull-low resistor.
As MASK_GPIO is high, ignore all EN pins.
As MASK_GPIO is low, EN pins and I2C both can control. EN pins priority is
higher than I2C.
26
PWRHOLD
Power Hold Input. Connect a 100k
 pull-low resistor.
27
SADDR
I2C Slave Address. Connect a 100k
 pull-low resistor.
28
ENB4
Enable Control Input for Buck4. Connect a 100k
 pull-low resistor.
29
VOUTB4S
Output Voltage Regulation Node for Buck4.
30
ENB3
Enable Control Input for Buck3. Connect a 100k
 pull-low resistor.
31
LXB4
Internal Switch Node to Output Inductor Connection for Buck4.
32
VINB4
Input Power for Buck4.
33
VOUTB3S
Output Voltage Regulation Node for Buck3.
35, 36
LXB3
Internal Switch Node to Output Inductor Connection for Buck3.
37, 38
VINB3
Input Power for Buck3.
39
VOUTB2S
Output Voltage Regulation Node for Buck2.
40
ENB2
Enable Control Input for Buck2. Connect a 100k
 pull-low resistor.
41, 42
LXB2
Internal Switch Node to Output Inductor Connection for Buck2.
43, 44
VINB2
Input Power for Buck2.
45, 46
VINB1
Input Power for Buck1.
47, 48
LXB1
Internal Switch Node to Output Inductor Connection for Buck1.
49
ENB1
Enable Control Input for Buck1. Connect a 100k
 pull-low resistor.
50
VOUTB1S
Output Voltage Regulation Node for Buck1
51
VDDP
Internal Bias Regulator Voltage. External load on this pin is not allowed.
52
VIN
Input Power for Analog Base.
53
ENL1
Enable Control Input for LDO1. Connect a 100k
 pull-low resistor.
54
ENL2
Enable Control Input for LDO2. Connect a 100k
 pull-low resistor.
55
ENL3
Enable Control Input for LDO3. Connect a 100k
 pull-low resistor.


Similar Part No. - RT5028C

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT5028C RICHTEK-RT5028C Datasheet
624Kb / 41P
   Integrated PMIC
RT5028CGQW RICHTEK-RT5028CGQW Datasheet
624Kb / 41P
   Integrated PMIC
RT5028C RICHTEK-RT5028C_16 Datasheet
624Kb / 41P
   Integrated PMIC
More results

Similar Description - RT5028C

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
DA9063 DIALOG-DA9063_17 Datasheet
2Mb / 219P
   System PMIC for Mobile Application Processors
logo
Renesas Technology Corp
DA9068 RENESAS-DA9068 Datasheet
2Mb / 185P
   System PMIC for Multi-Core Application Processors
21-Feb-2022
logo
Dialog Semiconductor
DA9068 DIALOG-DA9068 Datasheet
2Mb / 179P
   System PMIC for Multi-Core Application Processors
logo
FSP TECHNOLOGY INC.
FSP100-SZAE105VG FSP-FSP100-SZAE105VG Datasheet
124Kb / 1P
   For LED Outdoor & Industrial Application
FSP100-SZAE250VG FSP-FSP100-SZAE250VG Datasheet
124Kb / 1P
   For LED Outdoor & Industrial Application
FSP100-SZAE070VG FSP-FSP100-SZAE070VG Datasheet
124Kb / 1P
   For LED Outdoor & Industrial Application
FSP100-SZAE140VG FSP-FSP100-SZAE140VG Datasheet
124Kb / 1P
   For LED Outdoor & Industrial Application
FSP100-SZAE210VG FSP-FSP100-SZAE210VG Datasheet
124Kb / 1P
   For LED Outdoor & Industrial Application
logo
Richtek Technology Corp...
RT2070T RICHTEK-RT2070T Datasheet
3Mb / 40P
   3 Channel DC-DC Converters LDO LSW PMIC with I2C Interface for Industrial and Automotive Application
May 2018
logo
NXP Semiconductors
PF1550 NXP-PF1550 Datasheet
1Mb / 150P
   Power management integrated circuit (PMIC) for low power application processors
Rev. 5-10 June 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com