Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJG1707PG1R1-R3 Datasheet(PDF) 2 Page - New Japan Radio

Part # NJG1707PG1R1-R3
Description  800MHz TDMA FRONT-END GaAs MMIC
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJG1707PG1R1-R3 Datasheet(HTML) 2 Page - New Japan Radio

  NJG1707PG1R1-R3 Datasheet HTML 1Page - New Japan Radio NJG1707PG1R1-R3 Datasheet HTML 2Page - New Japan Radio NJG1707PG1R1-R3 Datasheet HTML 3Page - New Japan Radio NJG1707PG1R1-R3 Datasheet HTML 4Page - New Japan Radio NJG1707PG1R1-R3 Datasheet HTML 5Page - New Japan Radio NJG1707PG1R1-R3 Datasheet HTML 6Page - New Japan Radio NJG1707PG1R1-R3 Datasheet HTML 7Page - New Japan Radio NJG1707PG1R1-R3 Datasheet HTML 8Page - New Japan Radio NJG1707PG1R1-R3 Datasheet HTML 9Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
NJG1707PG1
- 2-
nABSOLUTE MAXIMUM RATINGS
(Ta=25°C)
PARAMETER
SYMBOL
CONDTIONS
RATINGS
UNITS
Supply Voltage 1
VDD1
VDD Terminal
6.0
V
Supply Voltage 2
V DD2
LNAOUT Terminal
5.0
V
Supply Voltage 3
VSS
VSS Terminal
-4.0~+0.3
V
Control Voltage
VCTL
CTL1, CTL2, CTL3 Terminals
6.0
V
TX, ANT1, EXT1 Terminals
37
dBm
RX, ANT2, EXT2 Terminals
28
dBm
Input Power
Pin
LNAIN Terminal
10
dBm
Power Dissipation
PD
600
mW
Operating
Temperature
Topr
-40~+85
°C
Storage
Temperature
Tstg
-55~+125
°C
nELECTRICAL CHARACTERISTICS 1 [ANTENNA SWITCH DC CHARACTERISTICS]
General Conditions:
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Positive Supply Voltage
VDD
VDD Terminal
2.7
3.5
5.0
V
Negative Supply Voltage
VSS
VSS Terminal
-3.5
-2.5
-2.0
V
Current Consumption 1
IDD1
VDD Terminal
Rx Mode, No RF Signal
-
2.0
5.0
µA
Current Consumption 2
ISS1
VSS Terminal
Rx Mode, No RF Signal
-0.1
-
0
uA
Current Consumption 3
IDD2
VDD Terminal, fin=0.1~2GHz
Tx Mode, Pin=30dBm
-
10
30
uA
Current Consumption 4
ISS2
VSS Terminal, fin=0.1~2GHz
Tx Mode, Pin=30dBm
-30
-10
-
uA
Control Voltage (H)
VCTL(H)
CTL1, CTL2, CTL3 Terminals
2.0
3.0
VDD
V
Control Voltage (L)
VCTL(L)
CTL1, CTL2, CTL3 Terminals
0
0
0.6
V
Control Current
ICTL
CTL1, CTL2, CTL3=VDD
or CTL1, CTL2, CTL3=0V
-1.3
-
1.3
uA
Control terminal Input
Impedance
Rin
CTL1, CTL2, CTL3 Terminals
4
-
-
M
Ta=25°C, VDD=3.5V, VSS=-2.5V
TX, RX, ANT1, ANT2, EXT1, EXT2: terminated (50
Ω)
TER1, TER2 : grounded by 10pF capacitor
* The voltage of this terminal should be supplied before or same time with other DC supplying
terminals. (CTL1~3, VSS).


Similar Part No. - NJG1707PG1R1-R3

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJG1701V NJRC-NJG1701V Datasheet
538Kb / 16P
   PHS MULTI-FUNCTION GaAs MMIC
NJG1704 NJRC-NJG1704 Datasheet
340Kb / 16P
   800MHz BAND FRONT-END GaAs MMIC
NJG1704KC1 NJRC-NJG1704KC1 Datasheet
459Kb / 17P
   800MHz BAND FRONT-END GaAs MMIC
NJG1704KC1-C1 NJRC-NJG1704KC1-C1 Datasheet
459Kb / 17P
   800MHz BAND FRONT-END GaAs MMIC
NJG1704KC1-C2 NJRC-NJG1704KC1-C2 Datasheet
459Kb / 17P
   800MHz BAND FRONT-END GaAs MMIC
More results

Similar Description - NJG1707PG1R1-R3

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJG1704KC1 NJRC-NJG1704KC1 Datasheet
459Kb / 17P
   800MHz BAND FRONT-END GaAs MMIC
NJG1704V NJRC-NJG1704V Datasheet
340Kb / 16P
   800MHz BAND FRONT-END GaAs MMIC
NJG1714KC1 NJRC-NJG1714KC1 Datasheet
397Kb / 18P
   1.9GHz BAND FRONT-END GaAs MMIC
NJG1520PE1 NJRC-NJG1520PE1 Datasheet
408Kb / 17P
   TDMA ANTENNA SWITCH GaAs MMIC
NJG1521PE1 NJRC-NJG1521PE1 Datasheet
407Kb / 17P
   TDMA ANTENNA SWITCH GaAs MMIC
NJG1515AVB2 NJRC-NJG1515AVB2 Datasheet
549Kb / 18P
   TDMA ANTENNA SWITCH GaAs MMIC
NJG1557KB2 NJRC-NJG1557KB2 Datasheet
248Kb / 10P
   800MHz BAND MIXER GaAs MMIC
NJG1708PC1 NJRC-NJG1708PC1 Datasheet
72Kb / 5P
   800MHz BAND DOWNCONVERTER GaAs MMIC
NJG1104KB2 NJRC-NJG1104KB2 Datasheet
273Kb / 12P
   800MHz BAND LNA GaAs MMIC
NJG1550F NJRC-NJG1550F Datasheet
345Kb / 15P
   800MHz BAND MIXER GaAs MMIC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com