Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VSK-S25-5U Datasheet(PDF) 2 Page - CUI INC

Part # VSK-S25-5U
Description  AC-DC POWER SUPPLY
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VSK-S25-5U Datasheet(HTML) 2 Page - CUI INC

  VSK-S25-5U Datasheet HTML 1Page - CUI INC VSK-S25-5U Datasheet HTML 2Page - CUI INC VSK-S25-5U Datasheet HTML 3Page - CUI INC VSK-S25-5U Datasheet HTML 4Page - CUI INC VSK-S25-5U Datasheet HTML 5Page - CUI INC VSK-S25-5U Datasheet HTML 6Page - CUI INC VSK-S25-5U Datasheet HTML 7Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
cui.com
date 06/11/2015
│ page 2 of 7
CUI Inc
│ SERIES: VSK-S25 │ DESCRIPTION: AC-DC POWER SUPPLY
INPUT
parameter
conditions/description
min
typ
max
units
voltage
85
100
264
370
Vac
Vdc
frequency
47
63
Hz
current
at 115 Vac
at 230 Vac
600
340
mA
mA
inrush current
at 115 Vac
at 230 Vac
16
30
A
A
leakage current
at 230 Vac, 50 Hz (RMS)
0.1
mA
input fuse
3.15 A/250 V, slow-blow type (external)
OUTPUT
parameter
conditions/description
min
typ
max
units
capacitive load
5 Vdc output model
9 Vdc output model
12 Vdc output model
15 Vdc output model
24 Vdc output model
48 Vdc output model
12,000
5,600
5,400
2,400
1,400
800
μF
μF
μF
μF
μF
μF
line regulation
at full load
±0.5
%
load regulation
at 10~100% load
±1
%
voltage set accuracy
±2
%
adjustability
±10
%
hold-up time
at 115 Vac
at 230 Vac
15
80
ms
ms
switching frequency
65
kHz
temperature coefficient
±0.02
%/°C
PROTECTIONS
parameter
conditions/description
min
typ
max
units
over current protection
auto restart
110
%
short circuit protection
continuous, auto restart
over voltage protection
5 Vdc output model
9 Vdc output model
12 Vdc output model
15 Vdc output model
24 Vdc output model
48 Vdc output model
7.5
12
20
20
30
60
Vdc
Vdc
Vdc
Vdc
Vdc
Vdc
SAFETY & COMPLIANCE
parameter
conditions/description
min
typ
max
units
isolation voltage
input to output for 1 minute
input to ground for 1 minute
3,000
2,000
Vac
Vac
safety approvals
UL60950-1, CE
safety class
class I
conducted emissions
CISPR22/EN55022, Class B
radiated emissions
CISPR22/EN55022, Class B
ESD
IEC/EN61000-4-2 Class B, contact ±6 kV/air ±8 kV
radiated immunity
IEC/EN61000-4-3 Class A, 10V/m
EFT/burst
IEC/EN61000-4-4 Class B, ±2 kV
IEC/EN61000-4-4 Class B, ±4 kV (external circuit required, see figure 2)
For more information, please visit the product page.


Similar Part No. - VSK-S25-5U

ManufacturerPart #DatasheetDescription
logo
CUI INC
VSK-S25-5U CUI-VSK-S25-5U Datasheet
433Kb / 7P
   AC-DC POWER SUPPLY
VSK-S25-5U-T CUI-VSK-S25-5U-T Datasheet
224Kb / 5P
   AC-DC POWER SUPPLY up to 25 W continuous output
VSK-S25-5U-T CUI-VSK-S25-5U-T Datasheet
433Kb / 7P
   AC-DC POWER SUPPLY
06/11/2015
More results

Similar Description - VSK-S25-5U

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
POWERPLUG24W STMICROELECTRONICS-POWERPLUG24W Datasheet
180Kb / 5P
   AC/DC POWER SUPPLY
logo
CUI INC
PBK-3-B CUI-PBK-3-B_15 Datasheet
732Kb / 9P
   AC-DC POWER SUPPLY
VOF-6 CUI-VOF-6_15 Datasheet
237Kb / 5P
   AC-DC POWER SUPPLY
VSUP-1K2 CUI-VSUP-1K2_12 Datasheet
372Kb / 6P
   AC-DC POWER SUPPLY
PSF-155 CUI-PSF-155 Datasheet
1Mb / 7P
   AC-DC POWER SUPPLY
SWI6-E CUI-SWI6-E Datasheet
413Kb / 5P
   AC-DC POWER SUPPLY
EPSA050100UE CUI-EPSA050100UE Datasheet
327Kb / 4P
   AC-DC POWER SUPPLY
EPSA050250UE CUI-EPSA050250UE_12 Datasheet
363Kb / 5P
   AC-DC POWER SUPPLY
VMS-180 CUI-VMS-180 Datasheet
699Kb / 6P
   AC-DC POWER SUPPLY
SDI65-UD CUI-SDI65-UD_16 Datasheet
537Kb / 6P
   AC-DC POWER SUPPLY
SMI36 CUI-SMI36_16 Datasheet
506Kb / 5P
   AC-DC POWER SUPPLY
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com