Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VSK-S20 Datasheet(PDF) 6 Page - CUI INC

Part # VSK-S20
Description  AC-DC POWER SUPPLY
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VSK-S20 Datasheet(HTML) 6 Page - CUI INC

  VSK-S20_15 Datasheet HTML 1Page - CUI INC VSK-S20_15 Datasheet HTML 2Page - CUI INC VSK-S20_15 Datasheet HTML 3Page - CUI INC VSK-S20_15 Datasheet HTML 4Page - CUI INC VSK-S20_15 Datasheet HTML 5Page - CUI INC VSK-S20_15 Datasheet HTML 6Page - CUI INC VSK-S20_15 Datasheet HTML 7Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
cui.com
date 06/11/2015
│ page 6 of 7
CUI Inc
│ SERIES: VSK-S20 │ DESCRIPTION: AC-DC POWER SUPPLY
APPLICATION NOTES
1. Output voltage trimming
Leave open if not used.
Application Circuit for Trim pin
(part in broken line is the interior of models)
Formula for Trim Resistor
Note: Value for R1, R2, R3, and Vref refer to Table 3
R
T: Trim Resistor
a: User-defined parameter, no actual meanings
Vo': The trim up/down voltage
Figure 3
Table 3
Vout
(Vdc)
R1
(kΩ)
R2
(kΩ)
R3
(kΩ)
Vref
(V)
3.3
3.3
1.98
1
1.24
5
3.3
3.3
1
2.5
9
7.5
2.87
1
2.5
12
3.83
1
1
2.5
15
7.5
1.5
1
2.5
24
8.66
1
1
2.5
+Vo
0V
R2
R1
R3
Vref
RT
Trim
0V
R2
R1
R3
Vref
RT
Trim
+Vo
Trim up
Trim down
a
-a
R 2
a
R 1
R2
-a
R1
-R3
-R3
:
a=
Vref
Vref
Vo’ - Vref
Vo’ - Vref
R1
R=
T
:
a=
R2
R=
T
up
down
Notes:
1. Output filtering capacitor C2 is an electrolytic capacitor, It is recommended to use high frequency and low impedance electrolytic capacitors. For capacitance and current
of capacitor please refer to manufacture’s datasheet. Voltage derating of capacitor should be 80% or above. C1 is used to filter high frequency noise. TVS is
recommended component to protect post-circuits (when converter fails).
2. All specifications measured at Ta=25C, humidity <75%, nominal input voltage, and rated output load, unless otherwise specified.
For more information, please visit the product page.


Similar Part No. - VSK-S20_15

ManufacturerPart #DatasheetDescription
logo
CUI INC
VSK-S20-15U CUI-VSK-S20-15U Datasheet
155Kb / 4P
   AC-DC POWER SUPPLY
VSK-S20-15U-T CUI-VSK-S20-15U-T Datasheet
284Kb / 5P
   AC-DC POWER SUPPLY
VSK-S20-15U-T CUI-VSK-S20-15U-T Datasheet
435Kb / 7P
   AC-DC POWER SUPPLY
06/11/2015
More results

Similar Description - VSK-S20_15

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
POWERPLUG24W STMICROELECTRONICS-POWERPLUG24W Datasheet
180Kb / 5P
   AC/DC POWER SUPPLY
logo
CUI INC
PBK-3-B CUI-PBK-3-B_15 Datasheet
732Kb / 9P
   AC-DC POWER SUPPLY
VOF-6 CUI-VOF-6_15 Datasheet
237Kb / 5P
   AC-DC POWER SUPPLY
VSUP-1K2 CUI-VSUP-1K2_12 Datasheet
372Kb / 6P
   AC-DC POWER SUPPLY
PSF-155 CUI-PSF-155 Datasheet
1Mb / 7P
   AC-DC POWER SUPPLY
SWI6-E CUI-SWI6-E Datasheet
413Kb / 5P
   AC-DC POWER SUPPLY
EPSA050100UE CUI-EPSA050100UE Datasheet
327Kb / 4P
   AC-DC POWER SUPPLY
EPSA050250UE CUI-EPSA050250UE_12 Datasheet
363Kb / 5P
   AC-DC POWER SUPPLY
VMS-180 CUI-VMS-180 Datasheet
699Kb / 6P
   AC-DC POWER SUPPLY
SDI65-UD CUI-SDI65-UD_16 Datasheet
537Kb / 6P
   AC-DC POWER SUPPLY
SMI36 CUI-SMI36_16 Datasheet
506Kb / 5P
   AC-DC POWER SUPPLY
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com