Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VBM-100 Datasheet(PDF) 1 Page - CUI INC

Part # VBM-100
Description  AC-DC POWER SUPPLY
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VBM-100 Datasheet(HTML) 1 Page - CUI INC

  VBM-100_15 Datasheet HTML 1Page - CUI INC VBM-100_15 Datasheet HTML 2Page - CUI INC VBM-100_15 Datasheet HTML 3Page - CUI INC VBM-100_15 Datasheet HTML 4Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
cui.com
date
07/17/2013
page
1 of 4
SERIES:
VBM-100 │ DESCRIPTION: AC-DC POWER SUPPLY
date
07/17/2013
page
1 of 4
FEATURES
• up to 100 W isolated output
• baseplate cooling
• active PFC meets EN61000-3-2 Class D
• 17mm ultra low profile encapsulated packaging
• universal input (90~264 Vac)
• no load power consumption < 0.5 W
• single output from 12~48 Vdc
• 4,242 Vdc isolation
• wide operating temperature range (-20°C~85°C)
• over temperature, over voltage, and short circuit protections
• high efficiency up to 92%
RoHS
PART NUMBER KEY
MODEL
output
voltage
output
current
output
power
ripple
and noise1
efficiency
(Vdc)
max
(A)
max
(W)
max
(mVp-p)
typ
(%)
VBM-100-12
12
8.4
100
120
90
VBM-100-24
24
4.2
100
240
91
VBM-100-28
28
3.6
100
280
91
VBM-100-36
36
2.8
100
360
91
VBM-100-48
48
2.1
100
480
92
Notes:
1. ripple and noise are measured at 20 MHz BW with 10μF electrolytic capacitor and 0.1μF ceramic capacitor across output
VBM-100 - XX - X
Output Voltage
Base Number
Heatsink
"blank" = No
H = Yes
For more information, please visit the product page.


Similar Part No. - VBM-100_15

ManufacturerPart #DatasheetDescription
logo
CUI INC
VBM-100-12 CUI-VBM-100-12 Datasheet
203Kb / 4P
   AC-DC POWER SUPPLY
VBM-100-12 CUI-VBM-100-12 Datasheet
208Kb / 4P
   baseplate cooling
VBM-100-12 CUI-VBM-100-12 Datasheet
541Kb / 4P
   AC-DC POWER SUPPLY
03/10/2022
VBM-100-12-H CUI-VBM-100-12-H Datasheet
203Kb / 4P
   AC-DC POWER SUPPLY
More results

Similar Description - VBM-100_15

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
POWERPLUG24W STMICROELECTRONICS-POWERPLUG24W Datasheet
180Kb / 5P
   AC/DC POWER SUPPLY
logo
CUI INC
PBK-3-B CUI-PBK-3-B_15 Datasheet
732Kb / 9P
   AC-DC POWER SUPPLY
VOF-6 CUI-VOF-6_15 Datasheet
237Kb / 5P
   AC-DC POWER SUPPLY
VSUP-1K2 CUI-VSUP-1K2_12 Datasheet
372Kb / 6P
   AC-DC POWER SUPPLY
PSF-155 CUI-PSF-155 Datasheet
1Mb / 7P
   AC-DC POWER SUPPLY
SWI6-E CUI-SWI6-E Datasheet
413Kb / 5P
   AC-DC POWER SUPPLY
EPSA050100UE CUI-EPSA050100UE Datasheet
327Kb / 4P
   AC-DC POWER SUPPLY
EPSA050250UE CUI-EPSA050250UE_12 Datasheet
363Kb / 5P
   AC-DC POWER SUPPLY
VMS-180 CUI-VMS-180 Datasheet
699Kb / 6P
   AC-DC POWER SUPPLY
SDI65-UD CUI-SDI65-UD_16 Datasheet
537Kb / 6P
   AC-DC POWER SUPPLY
SMI36 CUI-SMI36_16 Datasheet
506Kb / 5P
   AC-DC POWER SUPPLY
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com