Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSD-1100-12-B Datasheet(PDF) 1 Page - CUI INC

Part # PSD-1100-12-B
Description  DC-DC HOT-SWAP POWER SUPPLY
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PSD-1100-12-B Datasheet(HTML) 1 Page - CUI INC

  PSD-1100-12-B Datasheet HTML 1Page - CUI INC PSD-1100-12-B Datasheet HTML 2Page - CUI INC PSD-1100-12-B Datasheet HTML 3Page - CUI INC PSD-1100-12-B Datasheet HTML 4Page - CUI INC PSD-1100-12-B Datasheet HTML 5Page - CUI INC PSD-1100-12-B Datasheet HTML 6Page - CUI INC PSD-1100-12-B Datasheet HTML 7Page - CUI INC PSD-1100-12-B Datasheet HTML 8Page - CUI INC PSD-1100-12-B Datasheet HTML 9Page - CUI INC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
cui.com
date 07/15/2015
page 1 of 11
SERIES: PSD-1100
│ DESCRIPTION: DC-DC HOT-SWAP POWER SUPPLY
MODEL
output
voltage
output
current
output
power
ripple
and noise1
efficiency2
(Vdc)
max
(A)
max
(W)
max
(mVp-p)
typ
(%)
PSD-1100-12-F
12
92
1100
120
93
PSD-1100-12-B
12
92
1100
120
93
Notes:
1. Measured at 20 MHz bandwidth at an oscilloscope jack on the output with 0.1 µF ceramic and 10 µF electrolytic capacitors connected across the tip of the scope probe
for the V1 output connector.
2. At 230 Vac input, 550 W. Meets 80 PLUS platinum efficiency requirements.
3. All specifications measured at: Ta=25°C and 48 Vdc input voltage unless otherwise specified.
rth
Americ
a
UV
Rheinla
C
US
PART NUMBER KEY
Base Number
Reserved for Custom
Configurations
PSD-1100 - 12 - X - CXX
Airflow Direction:
F = DC input connector to DC output connector
B = DC output connector to DC input connector
Output Voltage
FEATURES
• up to 1100 W continuous power
• 80 PLUS Platinum Efficiency
• 40~72 Vdc input range
• high power density - 25.34 W/in3
• slim line 1U form factor
• PMBusTM communication for monitoring and control
• front to back (-F) and back to front (-B) airflow versions
• 3.3 Vdc or 5 Vdc standby voltage (2 A) options
• redundant (N+1) operation
• blind mate connections for hot-swap
• DROOP current sharing or forced current sharing (optional)
For more information, please visit the product page.


Similar Part No. - PSD-1100-12-B

ManufacturerPart #DatasheetDescription
logo
CUI INC
PSD-1100-12-B CUI-PSD-1100-12-B Datasheet
573Kb / 11P
   DC-DC HOT-SWAP POWER SUPPLY
More results

Similar Description - PSD-1100-12-B

ManufacturerPart #DatasheetDescription
logo
CUI INC
PSD-1100 CUI-PSD-1100 Datasheet
573Kb / 11P
   DC-DC HOT-SWAP POWER SUPPLY
PSA-1100 CUI-PSA-1100_15 Datasheet
488Kb / 11P
   AC-DC HOT-SWAP POWER SUPPLY
PSE-800 CUI-PSE-800_15 Datasheet
306Kb / 4P
   AC-DC HOT-SWAP POWER SUPPLY
PSE-1000 CUI-PSE-1000_15 Datasheet
313Kb / 4P
   AC-DC HOT-SWAP POWER SUPPLY
PSA-1100 CUI-PSA-1100 Datasheet
571Kb / 11P
   AC-DC HOT-SWAP POWER SUPPLY
PSE-1000 CUI-PSE-1000_V01 Datasheet
340Kb / 4P
   AC-DC HOT-SWAP POWER SUPPLY
06/10/2016
PSE-1200 CUI-PSE-1200_15 Datasheet
323Kb / 4P
   AC-DC HOT-SWAP POWER SUPPLY
PFR-2100 CUI-PFR-2100_15 Datasheet
289Kb / 4P
   AC-DC HOT-SWAP POWER SUPPLY
PSE-1800 CUI-PSE-1800_15 Datasheet
307Kb / 4P
   AC-DC HOT-SWAP POWER SUPPLY
PSE-3000 CUI-PSE-3000 Datasheet
1Mb / 19P
   AC-DC HOT-SWAP POWER SUPPLY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com