Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSD-1100-12-B Datasheet(PDF) 5 Page - CUI INC

Part # PSD-1100-12-B
Description  DC-DC HOT-SWAP POWER SUPPLY
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PSD-1100-12-B Datasheet(HTML) 5 Page - CUI INC

  PSD-1100-12-B Datasheet HTML 1Page - CUI INC PSD-1100-12-B Datasheet HTML 2Page - CUI INC PSD-1100-12-B Datasheet HTML 3Page - CUI INC PSD-1100-12-B Datasheet HTML 4Page - CUI INC PSD-1100-12-B Datasheet HTML 5Page - CUI INC PSD-1100-12-B Datasheet HTML 6Page - CUI INC PSD-1100-12-B Datasheet HTML 7Page - CUI INC PSD-1100-12-B Datasheet HTML 8Page - CUI INC PSD-1100-12-B Datasheet HTML 9Page - CUI INC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
cui.com
date 07/15/2015
│ page 5 of 11
CUI Inc
│ SERIES: PSD-1100 │ DESCRIPTION: DC-DC HOT-SWAP POWER SUPPLY
PIN
FUNCTION
DESCRIPTION
HIGH / LOW LEVEL
Imax
1,2,3,4,5
12 V output return
V1 (-VE) main output return
6,7,8,9,10
12 V output
V1 (+VE) main output
signal
pin row
“A”
A1
Vstandby +VE
positive output of standby (V2)
A2
signal/logic return
common with V1 & V2 returns
A3
I2C address select
I2C address selection
A4
SCL
communications clock line
A5
PSKILL_H
disables power on extraction (recessed pin)
pin status
module
open circuit
“off”
logic “1”
“off”
logic “0”
“on”
signal
pin row
“B”
B1
Vstandby +VE
positive output of standby (V2)
B2
signal/logic return
common with V1 & V2 Returns
B3
not use
reserved
B4
PS_ON_L
(Remote_ON_L)
internally pulled up to 3.3 V via 3.01 kΩ if
PSKILL_H is connected to return
open to A2/B2
short to A2/B2
“off”
“on”
1.05 mA
B5
Ishare (optional)
active current sharing bus (recessed pin)
signal
pin row
“C”
C1
Vstandby +VE
positive output of standby (V2)
C2
not use
reserved
C3
SDA
communications data
C4
SMB_ALERT_L
SMBus interrupt line
logic “1”
“good”
>2.1 V
logic “0”
“fault”
<0.4 A
-5 mA
C5
DC_OK_H
DC OK Signal (recessed pin)
logic “1”
“good”
>2.1 V
logic “0”
“fault”
<0.4 A
-5 mA
signal
pin row
“D”
D1
Vstandby +VE
positive output of standby (V2)
D2
not use
reserved
D3
V1 Vsense (-VE)
V1 negative sense line
D4
not use
reserved
D5
Vstandby_Select
(V2)
selects the voltage of V2 recessed pin
open circuit
short to A2/B2
3.3 V
5 V
signal
pin row
“E”
E1
Vstandby +VE
positive output of standby (V2)
E2
not use
reserved
E3
V1 Vsense (+VE)
V1 positive sense line
E4
DC_IN_OK_H
DC incoming source alarm
logic “1”
“good”
> 2.1 V
logic “0”
“fault”
< 0.4 A
-5 mA
E5
PS_Present
active low, recessed pin, passive signal to detect presence of module, host to provide pull up
resistor connected to V2 to source maximum of 5 mA when module is inserted
DC OUTPUT PIN ASSIGNMENTS
For more information, please visit the product page.


Similar Part No. - PSD-1100-12-B

ManufacturerPart #DatasheetDescription
logo
CUI INC
PSD-1100-12-B CUI-PSD-1100-12-B Datasheet
573Kb / 11P
   DC-DC HOT-SWAP POWER SUPPLY
More results

Similar Description - PSD-1100-12-B

ManufacturerPart #DatasheetDescription
logo
CUI INC
PSD-1100 CUI-PSD-1100 Datasheet
573Kb / 11P
   DC-DC HOT-SWAP POWER SUPPLY
PSA-1100 CUI-PSA-1100_15 Datasheet
488Kb / 11P
   AC-DC HOT-SWAP POWER SUPPLY
PSE-800 CUI-PSE-800_15 Datasheet
306Kb / 4P
   AC-DC HOT-SWAP POWER SUPPLY
PSE-1000 CUI-PSE-1000_15 Datasheet
313Kb / 4P
   AC-DC HOT-SWAP POWER SUPPLY
PSA-1100 CUI-PSA-1100 Datasheet
571Kb / 11P
   AC-DC HOT-SWAP POWER SUPPLY
PSE-1000 CUI-PSE-1000_V01 Datasheet
340Kb / 4P
   AC-DC HOT-SWAP POWER SUPPLY
06/10/2016
PSE-1200 CUI-PSE-1200_15 Datasheet
323Kb / 4P
   AC-DC HOT-SWAP POWER SUPPLY
PFR-2100 CUI-PFR-2100_15 Datasheet
289Kb / 4P
   AC-DC HOT-SWAP POWER SUPPLY
PSE-1800 CUI-PSE-1800_15 Datasheet
307Kb / 4P
   AC-DC HOT-SWAP POWER SUPPLY
PSE-3000 CUI-PSE-3000 Datasheet
1Mb / 19P
   AC-DC HOT-SWAP POWER SUPPLY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com