Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSA-1100-12-B4 Datasheet(PDF) 1 Page - CUI INC

Part # PSA-1100-12-B4
Description  AC-DC HOT-SWAP POWER SUPPLY
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PSA-1100-12-B4 Datasheet(HTML) 1 Page - CUI INC

  PSA-1100-12-B4 Datasheet HTML 1Page - CUI INC PSA-1100-12-B4 Datasheet HTML 2Page - CUI INC PSA-1100-12-B4 Datasheet HTML 3Page - CUI INC PSA-1100-12-B4 Datasheet HTML 4Page - CUI INC PSA-1100-12-B4 Datasheet HTML 5Page - CUI INC PSA-1100-12-B4 Datasheet HTML 6Page - CUI INC PSA-1100-12-B4 Datasheet HTML 7Page - CUI INC PSA-1100-12-B4 Datasheet HTML 8Page - CUI INC PSA-1100-12-B4 Datasheet HTML 9Page - CUI INC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
cui.com
date 07/15/2015
page 1 of 11
SERIES: PSA-1100
│ DESCRIPTION: AC-DC HOT-SWAP POWER SUPPLY
MODEL
output
voltage
output
current
output
power
ripple
and noise1
efficiency2
(Vdc)
max
(A)
max
(W)
max
(mVp-p)
typ
(%)
PSA-1100-12-F
12
92
1100
120
93.5
PSA-1100-12-B3,4,5
12
92
1100
120
93.5
Notes:
1. Measured at 20 MHz bandwidth at an oscilloscope jack on the output with 0.1 µF ceramic and two 180 µF polymer capacitors at a 2” distance from V1 output connector.
2. At 230 Vac input, 550 W.
3. At 100~240 Vac input, maximum of 1100 W at Ta=29°C.
4. At 100~240 Vac input, maximum of 740 W at Ta=50°C.
5. At 200~240 Vac input, maximum of 1100 W at Ta=48°C.
6. All specifications measured at: Ta=25°C and 220 Vac input voltage unless otherwise specified.
FEATURES
• up to 1100 W continuous power
• high power density - 25.34 W/in3
• slim line 1U form factor
• PMBusTM communication for monitoring and control
• front to back (-F) and back to front (-B) airflow versions
• power factor correction
• 3.3 Vdc or 5 Vdc standby voltage (2 A) options
• redundant (N+1) operation
• blind mate connections for hot-swap
• DROOP current sharing or forced current sharing (optional)
• remote on/off control, power good signal
rth
Americ
a
UV
Rheinla
C
US
PART NUMBER KEY
Base Number
Reserved for Custom
Configurations
PSA-1100 - 12 - X - CXX
Airflow Direction:
F = AC input connector to DC output connector
B = DC output connector to AC input connector
Output Voltage
For more information, please visit the product page.


Similar Part No. - PSA-1100-12-B4

ManufacturerPart #DatasheetDescription
logo
CUI INC
PSA-1100-12-B4 CUI-PSA-1100-12-B4 Datasheet
571Kb / 11P
   AC-DC HOT-SWAP POWER SUPPLY
More results

Similar Description - PSA-1100-12-B4

ManufacturerPart #DatasheetDescription
logo
CUI INC
PSE-800 CUI-PSE-800_15 Datasheet
306Kb / 4P
   AC-DC HOT-SWAP POWER SUPPLY
PSE-1000 CUI-PSE-1000_15 Datasheet
313Kb / 4P
   AC-DC HOT-SWAP POWER SUPPLY
PSA-1100 CUI-PSA-1100 Datasheet
571Kb / 11P
   AC-DC HOT-SWAP POWER SUPPLY
PSE-1000 CUI-PSE-1000_V01 Datasheet
340Kb / 4P
   AC-DC HOT-SWAP POWER SUPPLY
06/10/2016
PSE-1200 CUI-PSE-1200_15 Datasheet
323Kb / 4P
   AC-DC HOT-SWAP POWER SUPPLY
PFR-2100 CUI-PFR-2100_15 Datasheet
289Kb / 4P
   AC-DC HOT-SWAP POWER SUPPLY
PSE-1800 CUI-PSE-1800_15 Datasheet
307Kb / 4P
   AC-DC HOT-SWAP POWER SUPPLY
PSE-3000 CUI-PSE-3000 Datasheet
1Mb / 19P
   AC-DC HOT-SWAP POWER SUPPLY
PSE-850 CUI-PSE-850_15 Datasheet
375Kb / 4P
   AC-DC HOT-SWAP POWER SUPPLY
PSE-3000 CUI-PSE-3000_15 Datasheet
1Mb / 19P
   AC-DC HOT-SWAP POWER SUPPLY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com