Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KTA1266 Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # KTA1266
Description  EPITAXIAL PLANAR PNP TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KTA1266 Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  KTA1266 Datasheet HTML 1Page - KEC(Korea Electronics) KTA1266 Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2013. 7. 08
1/2
SEMICONDUCTOR
TECHNICAL DATA
KTA1266
EPITAXIAL PLANAR PNP TRANSISTOR
Revision No : 4
GENERAL PURPOSE APPLICATION.
SWITCHING APPLICATION.
FEATURES
・Excellent h
FE Linearity
: hFE(2)=80(Typ.) at VCE=-6V, IC=-150mA
: hFE(IC=0.1mA)/hFE(IC=2mA)=0.95(Typ.).
・Low Noise : NF=1dB(Typ.). at f=1kHz.
・Complementary to KTC3198.
MAXIMUM RATING (Ta=25
℃)
ELECTRICAL CHARACTERISTICS (Ta=25
℃)
Note : hFE(1) Classification O:70~140,
Y:120
~240, GR:200~400
CHARACTERISTIC
SYMBOL
RATING
UNIT
Collector-Base Voltage
VCBO
-50
V
Collector-Emitter Voltage
VCEO
-50
V
Emitter-Base Voltage
VEBO
-5
V
Collector Current
IC
-150
mA
Base Current
IB
-50
mA
Collector Power Dissipation
*PC
625
mW
400
Junction Temperature
Tj
150
Storage Temperature Range
Tstg
-55
~150
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Collector Cut-off Current
ICBO
VCB=-50V, IE=0
-
-
-0.1
μA
Emitter Cut-off Current
IEBO
VEB=-5V, IC=0
-
-
-0.1
μA
DC Current Gain
hFE(1) (Note)
VCE=-6V, IC=-2mA
70
-
400
hFE(2)
VCE=-6V, IC=-150mA
25
-
-
Collector-Emitter Saturation Voltage
VCE(sat)
IC=-100mA, IB=-10mA
-
-0.1
-0.3
V
Base-Emitter Saturation Voltage
VBE(sat)
IC=-100mA, IB=-10mA
-
-
-1.1
V
Transition Frequency
fT
VCE=-10V, IC=-1mA
80
-
-
MHz
Collector Output Capacitance
Cob
VCB=-10V, IE=0, f=1MHz
-
4.0
7.0
pF
Base Intrinsic Resistance
rbb’
VCB=-10V, IE=1mA, f=30MHz
-
30
-
Noise Figure
NF
VCE=-6V, IC=-0.1mA, Rg=10kΩ, f=1kHz
-
1.0
10
dB
*Cu Lead-Frame : 625mW
Fe Lead-Frame : 400mW


Similar Part No. - KTA1266

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTA1266 KEC-KTA1266 Datasheet
308Kb / 2P
   EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE, SWITCHING)
logo
Weitron Technology
KTA1266 WEITRON-KTA1266 Datasheet
216Kb / 3P
   PNP Plastic-Encapsulate Transistor
logo
KEC(Korea Electronics)
KTA1266 KEC-KTA1266 Datasheet
43Kb / 2P
   EPITAXIAL PLANAR PNP TRANSISTOR
KTA1266 KEC-KTA1266 Datasheet
20Kb / 1P
   TO-92 PACKAGE
logo
Tiger Electronic Co.,Lt...
KTA1266 TGS-KTA1266 Datasheet
326Kb / 1P
   TO-92 Plastic-Encapsulate Transistors (PNP)
More results

Similar Description - KTA1266

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
HI350 HSMC-HI350 Datasheet
25Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HI42C HSMC-HI42C Datasheet
32Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HJ2584 HSMC-HJ2584 Datasheet
30Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HJ350 HSMC-HJ350 Datasheet
23Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HJ649A HSMC-HJ649A Datasheet
27Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM1426 HSMC-HM1426 Datasheet
30Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM2907A HSMC-HM2907A Datasheet
31Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM3906 HSMC-HM3906 Datasheet
31Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM64 HSMC-HM64 Datasheet
30Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM772 HSMC-HM772 Datasheet
46Kb / 5P
   PNP EPITAXIAL PLANAR TRANSISTOR
HA8550 HSMC-HA8550 Datasheet
36Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com