Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTP5901-IPR Datasheet(PDF) 4 Page - Linear Technology

Part # LTP5901-IPR
Description  SmartMesh IP Network Manager 2.4GHz 802.15.4e Wireless Embedded Manager
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTP5901-IPR Datasheet(HTML) 4 Page - Linear Technology

  LTP5901-IPR_15 Datasheet HTML 1Page - Linear Technology LTP5901-IPR_15 Datasheet HTML 2Page - Linear Technology LTP5901-IPR_15 Datasheet HTML 3Page - Linear Technology LTP5901-IPR_15 Datasheet HTML 4Page - Linear Technology LTP5901-IPR_15 Datasheet HTML 5Page - Linear Technology LTP5901-IPR_15 Datasheet HTML 6Page - Linear Technology LTP5901-IPR_15 Datasheet HTML 7Page - Linear Technology LTP5901-IPR_15 Datasheet HTML 8Page - Linear Technology LTP5901-IPR_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
LTP5901-IPR/LTP5902-IPR
4
59012iprf
For more information www.linear.com/LTP5901-IPR or www.linear.com/LTP5902-IPR
pin conFiguraTion
absoluTe maximum raTings
Supply Voltage on VSUPPLY..................................3.76V
Input Voltage on AI_0/1/2/3 Inputs........................1.80V
Voltage on Any Digital I/O Pin .... –0.3V to VSUPPLY + 0.3V
Input RF Level......................................................10dBm
Storage Temperature Range (Note 3)..... –55°C to 105°C
(Notes 1, 2)
Operating Temperature Range
LTP5901I/LPT5902I.............................–40°C to 85°C
CAUTION: This part is sensitive to electrostatic discharge
(ESD). It is very important that proper ESD precautions
be observed when handling the LTP5901/LTP5902-IPR.
Pin functions shown in italics are currently not supported in software.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
66
65
64
63
62
61
60
59
58
57
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
GND
RESERVED
NC
GPIO17
GPIO18
GPIO19
AI_2
AI_1
AI_3
AI_0
GND
RESERVED
NC
NC
RESETn
TDI
TDO
TMS
TCK
GND
DP4
RESERVED
RESERVED
RESERVED
EB_DATA_7
EB_DATA_6
EB_DATA_4
EB_DATA_0
NC
GND
GND
NC
RADIO_INHIBIT
TIMEn
UART_TX
UART_TX_CTSn
UART_TX_RTSn
UART_RX
UART_RX_CTSn
UART_RX_RTSn
GND
VSUPPLY
RESERVED
NC
NC
FLASH_P_ENn / EB_IO_LE1
EB_IO_OEn
EB_IO_WEn
RESERVED / UARTC1_RX
RESERVED / UARTC1_TX
EB_IO_CS0n
EB_DATA_5
EB_DATA_2
EB_DATA_3
GND
EB_ADDR_0
EB_ADDR_1
IPCS_SSn
EB_IO_LE2
GND
PC PACKAGE
66-LEAD PCB
31 32 33
34 35 36


Similar Part No. - LTP5901-IPR_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTP5901-IPR LINER-LTP5901-IPR Datasheet
1Mb / 34P
   SmartMesh IP Network Manager 2.4GHz 802.15.4e Wireless Embedded Manager
More results

Similar Description - LTP5901-IPR_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTP5902-IPR LINER-LTP5902-IPR_15 Datasheet
1Mb / 32P
   SmartMesh IP Network Manager 2.4GHz 802.15.4e Wireless Embedded Manager
LTP5901-IPR LINER-LTP5901-IPR Datasheet
1Mb / 34P
   SmartMesh IP Network Manager 2.4GHz 802.15.4e Wireless Embedded Manager
LTC5800-IPR LINER-LTC5800-IPR_15 Datasheet
1Mb / 36P
   SmartMesh IP Network Manager 2.4GHz 802.15.4e Wireless Manager
LTP5903-WHR LINER-LTP5903-WHR_15 Datasheet
842Kb / 20P
   SmartMesh WirelessHART Network Manager Wireless Embedded Network Manager
LTP5902-IPM LINER-LTP5902-IPM_15 Datasheet
732Kb / 32P
   SmartMesh IP Node 2.4GHz 802.15.4e Wireless Mote Module
LTP5901-IPM LINER-LTP5901-IPM Datasheet
723Kb / 36P
   SmartMesh IP Node 2.4GHz 802.15.4e Wireless Mote Module
LTP5901-IPM LINER-LTP5901-IPM_15 Datasheet
732Kb / 32P
   SmartMesh IP Node 2.4GHz 802.15.4e Wireless Mote Module
LTC5800-IPM LINER-LTC5800-IPM_15 Datasheet
1Mb / 32P
   SmartMesh IP Node 2.4GHz 802.15.4e Wireless Mote-on-Chip
LTP5903-WHR LINER-LTP5903-WHR Datasheet
465Kb / 19P
   2.4 GHz 802.15.4 Embedded Network Manager
logo
Level One
IAT-1900 LVL1-IAT-1900 Datasheet
229Kb / 2P
   IP Audiocast Manager
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com