Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTM4675 Datasheet(PDF) 8 Page - Linear Technology

Part # LTM4675
Description  Dual 9A or Single 18A Module Regulator with Digital Power System Management
Download  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4675 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTM4675_15 Datasheet HTML 4Page - Linear Technology LTM4675_15 Datasheet HTML 5Page - Linear Technology LTM4675_15 Datasheet HTML 6Page - Linear Technology LTM4675_15 Datasheet HTML 7Page - Linear Technology LTM4675_15 Datasheet HTML 8Page - Linear Technology LTM4675_15 Datasheet HTML 9Page - Linear Technology LTM4675_15 Datasheet HTML 10Page - Linear Technology LTM4675_15 Datasheet HTML 11Page - Linear Technology LTM4675_15 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 128 page
background image
LTM4675
8
4675f
For more information www.linear.com/LTM4675
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the specified internal
operating temperature range (Note 2). Specified as each individual output channel (Note 4). TA = 25°C, VIN = 12V, RUNn = 5V,
FREQUENCY_SWITCH = 500kHz and VOUTn commanded to 1.000V unless otherwise noted. Configured with factory-default EEPROM
settings and per Test Circuit 1, unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
TRB-CH-ACC(ON)
Channel Temperature
TUE, Switching Action On
READ_TEMPERATURE_1n, Channels 0 and 1,
PWM Active, RUNn = 5V (Note 12)
Within ±3°C of Reading
TRB-CTRL-ACC(ON) Control IC Die
Temperature TUE,
Switching Action On
READ_TEMPERATURE_2, PWM Active, RUN0 = RUN1 = 5V
(Note 12)
Within ±1°C of Reading
tCONVERT-TEMP-RB Temperature Readback
Update Rate
MFR_ADC_CONTROL=0x00 (Notes 9, 15)
MFR_ADC_CONTROL=0x06 or 0x0A (Notes 9, 15)
100
8
ms
ms
INTVCC Regulator
VINTVCC
Internal VCC Voltage No
Load
6V ≤ VIN ≤ 17V
4.8
5
5.2
V
∆VINTVCC(LOAD)
VINTVCC
INTVCC Load Regulation 0mA ≤ IINTVCC ≤ 50mA
0.5
±2
%
VDD33 Regulator
VVDD33
Internal VDD33 Voltage
3.2
3.3
3.4
V
ILIM(VDD33)
VDD33 Current Limit
VDD33 Electrically Short-Circuited to GND
70
mA
VVDD33_OV
VDD33 Overvoltage
Threshold
(Note 15)
3.5
V
VVDD33_UV
VDD33 Undervoltage
Threshold
(Note 15)
3.1
V
VDD25 Regulator
VVDD25
Internal VDD25 Voltage
2.5
V
ILIM(VDD25)
VDD25 Current Limit
VDD25 Electrically Short-Circuited to GND
50
mA
Oscillator and Phase-Locked Loop (PLL)
fOSC
Oscillator Frequency
Accuracy
FREQUENCY_SWITCH = 500kHz (0xFBE8)
250kHz ≤ FREQUENCY_SWITCH ≤ 1MHz (Note 15)
l
±7.5
±7.5
%
%
fSYNC
PLL SYNC Capture Range (Note 16)
l
225
1100
kHz
VTH,SYNC
SYNC Input Threshold
VSYNC Rising (Note 15)
VSYNC Falling (Note 15)
1.5
1
V
V
VOL,SYNC
SYNC Low Output
Voltage
ISYNC = 3mA
l
0.3
0.4
V
ISYNC
SYNC Leakage Current in
Frequency Slave Mode
0V ≤ VSYNC ≤ 3.6V
MFR_CONFIG_ALL[4]=1b
l
±5
µA
θSYNC-θ0
SYNC-to-Channel 0
Phase Relationship, Lag
from Falling Edge of Sync
to Rising Edge of Top
MOSFET (MT0) Gate
(Note 15)
MFR_PWM_CONFIG[2:0] = 000b, 01Xb
MFR_PWM_CONFIG[2:0] = 101b
MFR_PWM_CONFIG[2:0] = 001b
MFR_PWM_CONFIG[2:0] = 1X0b
0
60
90
120
Deg
Deg
Deg
Deg
θSYNC-θ1
SYNC-to-Channel 1
Phase Relationship, Lag
from Falling Edge of Sync
to Rising Edge of Top
MOSFET (MT1) Gate
(Note 15)
MFR_PWM_CONFIG[2:0] = 011b
MFR_PWM_CONFIG[2:0] = 000b
MFR_PWM_CONFIG[2:0] = 010b, 10Xb
MFR_PWM_CONFIG[2:0] = 001b
MFR_PWM_CONFIG[2:0] = 110b
120
180
240
270
300
Deg
Deg
Deg
Deg
Deg


Similar Part No. - LTM4675_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4675 LINER-LTM4675 Datasheet
1Mb / 28P
   Ultrathin, Triple Output, Step-Down 關Module Regulator for DDR-QDR4 Memory
LTM4675 LINER-LTM4675 Datasheet
1Mb / 34P
   30A DC/DC Step-Down 關Module Regulator
LTM4675 LINER-LTM4675 Datasheet
2Mb / 136P
   Dual 13A or Single 26A 關Module Regulator with Digital Power System Management
LTM4675 LINER-LTM4675 Datasheet
1Mb / 20P
   PolyPhase Step-Down Slave Controller for Digital Power System Management
LTM4675 LINER-LTM4675 Datasheet
1,006Kb / 22P
   PolyPhase Step-Down Synchronous Slave Controller with Sub-Milliohm DCR Sensing
More results

Similar Description - LTM4675_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4676 LINER-LTM4676_15 Datasheet
1Mb / 78P
   Dual 13A or Single 26A Module Regulator with Digital Power System Management
LTM4676A LINER-LTM4676A_15 Datasheet
1Mb / 130P
   Dual 13A or Single 26A Module Regulator with Digital Power System Management
LTM4676A LINER-LTM4676A Datasheet
2Mb / 136P
   Dual 13A or Single 26A 關Module Regulator with Digital Power System Management
logo
Analog Devices
LTM4678 AD-LTM4678 Datasheet
6Mb / 124P
   Dual 25A or Single 50A 關Module Regulator with Digital Power System Management
LTM4686B AD-LTM4686B Datasheet
3Mb / 130P
   Ultrathin Dual 14A or Single 28A 關Module Regulator with Digital Power System Management
Rev. 0
LTM4700 AD-LTM4700 Datasheet
3Mb / 126P
   Dual 50A or Single 100A μModule Regulator with Digital Power System Management
LTM4681 AD-LTM4681 Datasheet
3Mb / 132P
   Quad 31.25A or Single 125A 關Module Regulator with Digital Power System Management
logo
Linear Technology
LTM4677EY LINER-LTM4677EY Datasheet
1Mb / 12P
   Dual 18A or Single 36A 關Module Regulator
logo
Analog Devices
LTC7132 AD-LTC7132 Datasheet
4Mb / 118P
   25A, Dual PolyPhase Regulator with Digital Power System Management
logo
Linear Technology
LTM4630 LINER-LTM4630_15 Datasheet
643Kb / 34P
   Dual 18A or Single 36A DC/DC Module Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com