Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTM9004 Datasheet(PDF) 5 Page - Linear Technology

Part # LTM9004
Description  14-Bit Direct Conversion Receiver Subsystem
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM9004 Datasheet(HTML) 5 Page - Linear Technology

  LTM9004_15 Datasheet HTML 1Page - Linear Technology LTM9004_15 Datasheet HTML 2Page - Linear Technology LTM9004_15 Datasheet HTML 3Page - Linear Technology LTM9004_15 Datasheet HTML 4Page - Linear Technology LTM9004_15 Datasheet HTML 5Page - Linear Technology LTM9004_15 Datasheet HTML 6Page - Linear Technology LTM9004_15 Datasheet HTML 7Page - Linear Technology LTM9004_15 Datasheet HTML 8Page - Linear Technology LTM9004_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
LTM9004
5
9004fa
For more information www.linear.com/LTM9004
converTer characTerisTics
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Resolution (No Missing Codes)
l
14
Bits
Integral Linearity Error (Note 4)
Differential Analog Input
±1.5
LSB
Differential Linearity Error
Differential Analog Input
±1
LSB
The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. Unless otherwise noted, VCC1 = VCC2 = 5V, VDD = OVDD = 3V. VCC3 = 3V
(LTM9004-AC, LTM9004-AD), VCC3 = 5V (LTM9004-AA, LTM9004-AB)
DigiTal inpuTs anD ouTpuTs
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Mixer Logic Input (MIXENABLE)
VIH
High Level Input Voltage
VCC1 = 5V
l
2
V
VIL
Low Level Input Voltage
VCC1 = 5V
l
1
V
IIN
Input Current
VIN = VCC1
120
µA
Turn On Time
120
ns
Turn Off Time
750
ns
First Amplifier Logic Input (AMP1ENABLE)
VIH
High Level Input Voltage
VCC2 = 5V
l
2.55
2
V
VIL
Low Level Input Voltage
VCC2 = 5V
l
1.8
1.25
V
RIN
Input Pull-Up Resistance
VCC2 = 5V, VAMP1ENABLE = 0V to 0.5V
25
70
Turn On Time
200
ns
Turn Off Time
50
ns
Second Amplifier Logic Input (AMP2ENABLE, LTM9004-AA, LTM9004-AB)
VIH
High Level Input Voltage
VCC3 = 5V
l
VCC3 – 0.6
V
VIL
Low Level Input Voltage
VCC3 = 5V
l
VCC3 – 2.1
V
RIN
Input Pull-Up Resistance
VCC3 = 5V, VAMP2ENABLE = 2.9V to 0V
40
66
90
Turn On Time
4
µs
Turn Off Time
350
ns
Second Amplifier Logic Input (AMP2ENABLE, LTM9004-AC, LTM9004-AD)
VIH
High Level Input Voltage
VCC3 = 3V
l
2.55
2.25
V
VIL
Low Level Input Voltage
VCC3 = 3V
l
0.7
0.4
V
RIN
Input Pull-Up Resistance
VCC3 = 3V, VAMP2ENABLE = 0V to 0.5V
60
100
140
Turn On Time
200
ns
Turn Off Time
50
ns
ADC Logic Inputs (CLK, OE, ADCSHDN, MODE, MUX)
VIH
High Level Input Voltage
VDD = 3V
l
2
V
VIL
Low Level Input Voltage
VDD = 3V
l
0.8
V
IIN
Input Current
VIN = 0V to VDD
l
–10
10
µA
CIN
Input Capacitance
(Note 6)
3
pF
ISENSE
SENSE Input Leakage
0V < SENSE < 1V
l
–3
3
µA
IMODE
MODE Input Leakage
0V < MODE < VDD
l
–3
3
µA
the l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. Unless otherwise noted, VCC1 = VCC2 = 5V, VDD = OVDD = 3V. VCC3 = 3V
(LTM9004-AC, LTM9004-AD), VCC3 = 5V (LTM9004-AA, LTM9004-AB)


Similar Part No. - LTM9004_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM9004 LINER-LTM9004 Datasheet
584Kb / 36P
   16-Bit, 20Msps Low Noise Dual ADC
LTM9004 LINER-LTM9004 Datasheet
405Kb / 24P
   16-Bit, 20Msps Serial Low Noise Dual ADC
More results

Similar Description - LTM9004_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
DC1513 LINER-DC1513_15 Datasheet
116Kb / 2P
   14 BIT DIRECT CONVERSION RCVR SUBSYSTEM
DC1391 LINER-DC1391_15 Datasheet
87Kb / 1P
   14 BIT IF SAMPLING RECEIVER SUBSYSTEM
logo
List of Unclassifed Man...
5504DCR ETC1-5504DCR Datasheet
145Kb / 11P
   Direct Conversion Receiver
logo
Linear Technology
LTM9002 LINER-LTM9002_15 Datasheet
352Kb / 28P
   14-Bit Dual-Channel IF/ Baseband Receiver Subsystem
LTM9002 LINER-LTM9002 Datasheet
354Kb / 28P
   14-Bit Dual-Channel IF/Baseband Receiver Subsystem
logo
Zarlink Semiconductor I...
SL6619 ZARLINK-SL6619 Datasheet
618Kb / 21P
   Direct Conversion FSK Data Receiver
logo
Mitel Networks Corporat...
SL6679 MITEL-SL6679 Datasheet
371Kb / 23P
   Direct Conversion FSK Data Receiver
SL6619 MITEL-SL6619 Datasheet
281Kb / 21P
   Direct Conversion FSK Data Receiver
logo
Zarlink Semiconductor I...
SL6610 ZARLINK-SL6610 Datasheet
487Kb / 20P
   Direct Conversion FSK Data Receiver
logo
Skyworks Solutions Inc.
CX74017 SKYWORKS-CX74017 Datasheet
315Kb / 10P
   On the Direct Conversion Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com