Electronic Components Datasheet Search |
|
LTC4155 Datasheet(PDF) 8 Page - Linear Technology |
|
LTC4155 Datasheet(HTML) 8 Page - Linear Technology |
8 / 52 page LTC4155 8 4155fc ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the specified operating junction temperature range, otherwise specifications are at TA ≈ TJ = 25°C (Note 2). VBUS = 5V, BATSNS = 3.7V, DVCC = 3.3V, RCLPROG1 = RCLPROG2 = 1.21k, RPROG = 499Ω, unless otherwise noted. SYMBOL PARAMETER CONDITIONS MIN TYP MAX UNITS IIL,SDA,SCL Input Leakage Low SDA, SCL = 0V –1 1 μA VOL Digital Output Low (SDA) ISDA = 3mA 0.4 V fSCL Clock Operating Frequency 400 kHz tBUF Bus Free Time Between STOP and START Condition 1.3 μs tHD_SDA Hold Time After (Repeated) START Condition 0.6 μs tSU_SDA Repeated START Condition Set-Up Time 0.6 μs tSU_STO STOP Condition Time 0.6 μs tHD_DAT(OUT) Data Hold Time 0 900 ns tHD_DAT(IN) Input Data Hold Time 0 ns tSU_DAT Data Set-Up Time 100 ns tLOW Clock LOW Period 1.3 μs tHIGH Clock HIGH Period 0.6 μs tf Clock Data Fall Time 20 300 ns tr Clock Data Rise Time 20 300 ns tSP Spike Suppression Time 50 ns Note 1: Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. Exposure to any Absolute Maximum Rating condition for extended periods may affect device reliability and lifetime. Note 2: The LTC4155E is tested under pulsed load conditions such that TJ ≈ TA. The LTC4155E is guaranteed to meet performance specifications from 0°C to 85°C junction temperature. Specifications over the –40°C to 125°C operating junction temperature range are assured by design, characterization and correlation with statistical process controls. The LTC4155I is guaranteed over the full –40°C to 125°C operating junction temperature range. The junction temperature (TJ, in °C) is calculated from the ambient temperature (TA, in °C) and power dissipation (PD, in watts) according to the formula: TJ = TA + (PD • θJA), where the package thermal impedance θJA = 43°C/W) Note that the maximum ambient temperature consistent with these specifications is determined by specific operating conditions in conjunction with board layout, the rated package thermal resistance and other environmental factors. Note 3. VMAX is the maximum of VBUS or BATSNS Note 4. Total input current is IVBUSQ + VCLPROG/RCLPROG • (hCLPROG + 1). |
Similar Part No. - LTC4155_15 |
|
Similar Description - LTC4155_15 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |