Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZXGD3104N8 Datasheet(PDF) 6 Page - Diodes Incorporated

Part # ZXGD3104N8
Description  SYNCHRONOUS MOSFET CONTROLLER IN SO8
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXGD3104N8 Datasheet(HTML) 6 Page - Diodes Incorporated

Back Button ZXGD3104N8_15 Datasheet HTML 2Page - Diodes Incorporated ZXGD3104N8_15 Datasheet HTML 3Page - Diodes Incorporated ZXGD3104N8_15 Datasheet HTML 4Page - Diodes Incorporated ZXGD3104N8_15 Datasheet HTML 5Page - Diodes Incorporated ZXGD3104N8_15 Datasheet HTML 6Page - Diodes Incorporated ZXGD3104N8_15 Datasheet HTML 7Page - Diodes Incorporated ZXGD3104N8_15 Datasheet HTML 8Page - Diodes Incorporated ZXGD3104N8_15 Datasheet HTML 9Page - Diodes Incorporated ZXGD3104N8_15 Datasheet HTML 10Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
ZXGD3104N8
Document Number DS35546 Rev. 1 – 2
6 of 13
www.diodes.com
November 2011
© Diodes Incorporated
A Product Line of
Diodes Incorporated
ZXGD3104N8
Descriptions of the normal operation
The operation of the controller is described step-by-step with reference to the timing diagram in Figure 1.
1. The controller monitors the MOSFET Drain-Source voltage.
2. When, due to transformer action, the MOSFET body diode is forced to conduct there is approximately -0.8V on the
Drain pin.
3. The detector outputs a positive voltage with respect to ground, this voltage is then fed to the MOSFET driver stage
and current is sourced out of the GATE pin.
4. The controller goes into proportional gate drive control — the GATE output voltage is proportional to the on-
resistance-induced Drain-Source voltage drop across the MOSFET. Proportional gate drive ensures that MOSFET
conducts for majority of the conduction cycle and minimizes body diode conduction time.
5. As the Drain current decays linearly toward zero, proportional gate drive control reduces the Gate voltage so the
MOSFET can be turned off rapidly at zero current crossing. The GATE voltage is removed when the Drain-Source
voltage crosses the detection threshold voltage to minimize reverse current flow.
6. At zero Drain current, the controller GATE output voltage is pulled low to VG(off) to ensure that the MOSFET is off.
Figure 1. Timing diagram for a critical conduction mode Flyback converter


Similar Part No. - ZXGD3104N8_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXGD3104N8TC DIODES-ZXGD3104N8TC Datasheet
728Kb / 13P
   SYNCHRONOUS MOSFET CONTROLLER IN SO8
More results

Similar Description - ZXGD3104N8_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXGD3104N8 DIODES-ZXGD3104N8 Datasheet
728Kb / 13P
   SYNCHRONOUS MOSFET CONTROLLER IN SO8
ZXGD3108N8 DIODES-ZXGD3108N8 Datasheet
596Kb / 10P
   40V ACTIVE ORING MOSFET CONTROLLER IN SO8
April 2017
ZXGD3111N8 DIODES-ZXGD3111N8 Datasheet
576Kb / 10P
   200V ACTIVE OR-ING MOSFET CONTROLLER IN SO8
February 2016
ZXGD3110N8 DIODES-ZXGD3110N8 Datasheet
708Kb / 11P
   SYNCHRONOUS MOSFET CONTROLLER IN SO-8
ZXGD3109N8 DIODES-ZXGD3109N8 Datasheet
809Kb / 13P
   SYNCHRONOUS MOSFET CONTROLLER IN SO-8
ZXGD3105N8 DIODES-ZXGD3105N8_15 Datasheet
413Kb / 14P
   SYNCHRONOUS MOSFET CONTROLLER IN SO-8
ZXGD3103N8TC DIODES-ZXGD3103N8TC Datasheet
313Kb / 12P
   SYNCHRONOUS MOSFET CONTROLLER
ZXGD3107N8 DIODES-ZXGD3107N8 Datasheet
601Kb / 14P
   SYNCHRONOUS MOSFET CONTROLLER
ZXGD3103N8 DIODES-ZXGD3103N8 Datasheet
286Kb / 12P
   SYNCHRONOUS MOSFET CONTROLLER
DS32255 Rev. 2 - 2
ZXGD3103N8 DIODES-ZXGD3103N8_15 Datasheet
313Kb / 12P
   SYNCHRONOUS MOSFET CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com