Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

232905B Datasheet(PDF) 2 Page - Integrated Technology Future

Part # 232905B
Description  Typical 1dB bandwidth of 29.6 MHz
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITF [Integrated Technology Future]
Direct Link  http://www.itf.co.kr
Logo ITF - Integrated Technology Future

232905B Datasheet(HTML) 2 Page - Integrated Technology Future

  232905B Datasheet HTML 1Page - Integrated Technology Future 232905B Datasheet HTML 2Page - Integrated Technology Future  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
75.0 MHz SAW Filter
Part Number 232905B
Tel: 82-32-621-1213
2013. 03. 07
I T F
Co., Ltd.
102-901, Bucheon Technopark 364, Samjeong-Dong,
Ojeong-Gu, Bucheon-City,
Gyounggi-Do, Korea 421-809
Fax: 82-32-621-1218
http://www.itf.co.kr
sales@itf.co.kr
Rev 3.0
3. Typical Performance ( at +25℃
℃ )
1dB Bandwidth & Ripple 1
40dB Bandwidth
3dB Bandwidth & Group Delay
Ripple 2
Wideband Properties
SWR(S11 & S22)
CH2 S21
LOG
1 dB/
REF -25.03 dB
CENTER 75. 000 000 MHz
SPAN 35. 000 000 MHz
Cor
CH4 S21
DEL
20 ns/
REF 1.943 us
Cor
Smo
21 Feb 2013 10:00:24
2
2
3
3:- . 03850 dB
6. 000 000 MHz
REF=2
CH2 Markers
mean:-25 . 781 dB
s. dev : . 13400 dB
p-p : . 48950 dB
4
2
3
3: 8. 3660 ns
6. 336 000 MHz
REF=2
CH4 Markers
mean: 1. 9512 us
s. dev : 3. 8648 ns
p-p : 14. 125 ns
CH1
S11
SWR
20 /
REF 5.169
Cor
PRm
CH2
S22
SWR
20 /
REF 5.09
CENTER 75. 000 000 MHz
SPAN 90. 000 000 MHz
Cor
PRm
7 Feb 2013 10:42:37
1
1: 5. 1697
75. 000 000 MHz
2
2: 5. 0864
75. 000 000 MHz
CH1
S21
LOG
10 dB/
REF -25.42 dB
START
. 010 000 MHz
STOP 250 . 000 000 MHz
PRm
7 Feb 2013 10:43:28
1
2
3
1: 0. 0000 dB
0. 000 000 MHz
REF=1
CH1 Markers
2: -70 . 143 dB
75. 0000 MHz
3: -69 . 935 dB
150 . 000 MHz
CH1
S21
LOG
1 dB/
REF -25.05 dB
Cor
PRm
CH2
S21
DEL
50 ns/
REF 1.933 us
CENTER 75. 000 000 MHz
SPAN 35. 000 000 MHz
Cor
Smo
PRm
7 Feb 2013 10:41:43
1
2
3
4
1: 0. 0000 dB
0. 000 000 MHz
REF=1
CH1 Markers
BW:
30. 004402
MHz
cent :
75. 040887
MHz
Q: 2. 5010
1_loss : -25 . 371 dB
2
3
3: 10. 675 ns
29. 000 000 MHz
REF=2
CH2 Markers
mean: 1. 9544 us
s. dev : 4. 4096 ns
p-p : 22. 234 ns
CH1
S21
LOG
10 dB/
REF -25.3 dB
START
30. 000 000 MHz
STOP 120 . 000 000 MHz
*
Cor
PRm
7 Feb 2013 10:40:10
1
2
3
4
1: 0. 0000 dB
0. 000 000 MHz
REF=1
CH1 Markers
BW:
31. 591592
MHz
cent :
75. 032407
MHz
Q: 2. 3751
1_loss : -25 . 300 dB
CH1
S21
LOG
1 dB/
REF -25.05 dB
START
57. 500 000 MHz
STOP 92. 500 000 MHz
Cor
PRm
CH2
S21
LOG
1 dB/
REF -25.56 dB
Cor
PRm
7 Feb 2013 10:41:26
1
2
3
4
1: 0. 0000 dB
0. 000 000 MHz
REF=1
CH1 Markers
BW:
29. 634258
MHz
cent :
75. 048592
MHz
Q: 2. 5325
1_loss : -25 . 359 dB
2
3
3: . 11700 dB
29. 000 000 MHz
REF=2
CH2 Markers
mean:-25 . 304 dB
s. dev : . 11570 dB
p-p : . 54760 dB


Similar Part No. - 232905B

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
2329013-1 TEC-2329013-1 Datasheet
7Mb / 26P
   LUMAWISE STREET LIGHT DIMMING AND CONTROL
2329013-2 TEC-2329013-2 Datasheet
7Mb / 26P
   LUMAWISE STREET LIGHT DIMMING AND CONTROL
logo
Integrated Technology F...
232901B ITF-232901B Datasheet
194Kb / 5P
   SAW Bandpass Filter
232903B ITF-232903B Datasheet
205Kb / 5P
   SAW Bandpass Filter
232906B ITF-232906B Datasheet
166Kb / 2P
   Typical 1dB bandwidth of 29.6 MHz
More results

Similar Description - 232905B

ManufacturerPart #DatasheetDescription
logo
Integrated Technology F...
232906B ITF-232906B Datasheet
166Kb / 2P
   Typical 1dB bandwidth of 29.6 MHz
222901B ITF-222901B Datasheet
179Kb / 2P
   Typical 1dB bandwidth of 29.6 MHz
222951B ITF-222951B Datasheet
190Kb / 2P
   Typical 1dB bandwidth of 29.6 MHz
211002B ITF-211002B Datasheet
171Kb / 2P
   Typical 1dB bandwidth of 9.8 MHz
231654B ITF-231654B Datasheet
170Kb / 2P
   Typical 1dB bandwidth of 15.85 MHz
233005B ITF-233005B Datasheet
165Kb / 2P
   Typical 1dB bandwidth of 30.0 MHz
233055B ITF-233055B Datasheet
168Kb / 2P
   Typical 1dB bandwidth of 29.5 MHz
250254B ITF-250254B Datasheet
190Kb / 2P
   Typical 1dB bandwidth of 2.5 MHz
252058B ITF-252058B Datasheet
171Kb / 2P
   Typical 1dB bandwidth of 19.6 MHz
251661B ITF-251661B Datasheet
172Kb / 2P
   Typical 1dB bandwidth of 16.2 MHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com