Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJG1521PE1-L1 Datasheet(PDF) 4 Page - New Japan Radio

Part # NJG1521PE1-L1
Description  TDMA ANTENNA SWITCH GaAs MMIC
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJG1521PE1-L1 Datasheet(HTML) 4 Page - New Japan Radio

  NJG1521PE1-L1 Datasheet HTML 1Page - New Japan Radio NJG1521PE1-L1 Datasheet HTML 2Page - New Japan Radio NJG1521PE1-L1 Datasheet HTML 3Page - New Japan Radio NJG1521PE1-L1 Datasheet HTML 4Page - New Japan Radio NJG1521PE1-L1 Datasheet HTML 5Page - New Japan Radio NJG1521PE1-L1 Datasheet HTML 6Page - New Japan Radio NJG1521PE1-L1 Datasheet HTML 7Page - New Japan Radio NJG1521PE1-L1 Datasheet HTML 8Page - New Japan Radio NJG1521PE1-L1 Datasheet HTML 9Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
NJG1521PE1
- 4 -
nELECTRICAL CHARACTRISTICS 3 [800MHz RX Mode]
General Conditions:
PARAMETER
SYMBOL
CONDITION
MIN
TYP
MAX
UNITS
Frequency range 2
fin2
810
-
885
MHz
RX-ANT1 Insertion Loss
LOSS3
Pin=10dBm
-
0.55
0.70
dB
RX-ANT2 Insertion Loss
LOSS4
Pin=10dBm
-
0.45
0.60
dB
RX-EXT1 Insertion Loss
LOSS5
Pin=10dBm
-
0.80
0.95
dB
RX-EXT2 Insertion Loss
LOSS6
Pin=10dBm
-
0.80
0.95
dB
RX-ANT1 Isolation
ISL6
Pin=10dBm
RX-ANT2, RX-EXT1, RX-EXT2 passing
21
24
-
dB
RX-ANT2 Isolation
ISL7
Pin=10dBm
RX-ANT1, RX-EXT1, RX-EXT2 passing
22
25
-
dB
RX-EXT1 Isolation
ISL8
Pin=10dBm
RX-ANT1, RX-ANT2, RX-EXT2 passing
22
25
-
dB
RX-EXT2 Isolation
ISL9
Pin=10dBm
RX-ANT1, RX-ANT2, RX-EXT1 passing
20
23
-
dB
Input Power at
1dB Compression 1
P-1dB(1)
RX-ANT1, RX-ANT2, RX-EXT1, RX-
EXT2 passing
20
26
-
dBm
VSWR 2
VSWR2
RX-ANT1, RX-ANT2, RX-EXT1, RX-
EXT2 passing
-
1.2
1.6
Switching Time 2
TD2
CTL1~3
-
120
500
nsec
Ta=+25°C, VDD=3.5V, VSS=0V, fin=885MHz
Tested on PCB circuit as shown below.
Insertion loss of each connectors, striplines, and capacitors are excluded.
TX, RX, ANT1, ANT2, EXT1, EXT2: terminated (50
Ω)
TER1: grounded by 5pF capacitor, TER2: grounded by 10pF capacitor.


Similar Part No. - NJG1521PE1-L1

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJG1520PE1 NJRC-NJG1520PE1 Datasheet
408Kb / 17P
   TDMA ANTENNA SWITCH GaAs MMIC
NJG1520PE1-C1 NJRC-NJG1520PE1-C1 Datasheet
408Kb / 17P
   TDMA ANTENNA SWITCH GaAs MMIC
NJG1520PE1-C10 NJRC-NJG1520PE1-C10 Datasheet
408Kb / 17P
   TDMA ANTENNA SWITCH GaAs MMIC
NJG1520PE1-C2 NJRC-NJG1520PE1-C2 Datasheet
408Kb / 17P
   TDMA ANTENNA SWITCH GaAs MMIC
NJG1520PE1-C3 NJRC-NJG1520PE1-C3 Datasheet
408Kb / 17P
   TDMA ANTENNA SWITCH GaAs MMIC
More results

Similar Description - NJG1521PE1-L1

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJG1520PE1 NJRC-NJG1520PE1 Datasheet
408Kb / 17P
   TDMA ANTENNA SWITCH GaAs MMIC
NJG1515AVB2 NJRC-NJG1515AVB2 Datasheet
549Kb / 18P
   TDMA ANTENNA SWITCH GaAs MMIC
NJG1686MHH NJRC-NJG1686MHH Datasheet
310Kb / 13P
   SP10T ANTENNA SWITCH GaAs MMIC
NJG1672LK4 NJRC-NJG1672LK4 Datasheet
247Kb / 16P
   SP9T ANTENNA SWITCH GaAs MMIC
NJG1673LG3 NJRC-NJG1673LG3 Datasheet
268Kb / 11P
   SP9T ANTENNA SWITCH GaAs MMIC
NJG1544HC3 NJRC-NJG1544HC3 Datasheet
164Kb / 8P
   2x2 Antenna SWITCH GaAs MMIC
NJG1670LG3 NJRC-NJG1670LG3 Datasheet
206Kb / 11P
   SP10T ANTENNA SWITCH GaAs MMIC
NJG1658K34 NJRC-NJG1658K34 Datasheet
79Kb / 2P
   DP7T ANTENNA SWITCH GaAs MMIC
NJG1707PG1 NJRC-NJG1707PG1 Datasheet
532Kb / 17P
   800MHz TDMA FRONT-END GaAs MMIC
NJG1512V NJRC-NJG1512V Datasheet
247Kb / 10P
   SPDT SWITCH GaAs MMIC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com