Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

130145-0086 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 130145-0086
Description  Safeway Connector with Locking Blade, 4 Pole/5 Wire, NEMA L22-30, 3 480V
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

130145-0086 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  130145-0086 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 04/20/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
130145-0086
Status:
Active
Overview:
Heavy-Duty Industrial Wiring Devices
Description:
Safeway® Connector with Locking Blade, 4 Pole/5 Wire, NEMA L22-30, 3ø 480V
Documents:
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR6837
UL
E10176
General
Product Family
Wiring Devices
Series
130145
IP Rating
N/A
NEMA Configuration
NEMA L22-30
Overview
Heavy-Duty Industrial Wiring Devices
Product Name
Safeway®
Receptacle Type
N/A
Specialty
N/A
Type
Connector
UPC
78678894215
Woodhead
Yes
Physical
Cord Grip Body Size
N/A
Flange
No
Flip Lid
No
Gender
Female
Length
N/A
Locking Blade
Yes
Poles
4-pole/5-wire
Electrical
Cord Type
N/A
Current - Maximum per Contact
30.0A
GFCI
No
Lighted Connector
No
Voltage - Maximum
3Ø 480V
Material Info
Old Part Number
29T82
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Low-Halogen Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
130145Series
This document was generated on 04/20/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 130145-0086

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
130145-0080 MOLEX11-130145-0080 Datasheet
51Kb / 1P
   Safeway Connector with Locking Blade, 3 Pole/4 Wire, NEMA L16-30, 3 480V
130145-0081 MOLEX11-130145-0081 Datasheet
51Kb / 1P
   Safeway Connector with Locking Blade, 2 Pole/4 Wire, NEMA L16-30, 3 480V, Yellow
130145-0082 MOLEX11-130145-0082 Datasheet
51Kb / 1P
   Safeway Connector with Locking Blade, 3 Pole/4 Wire, NEMA L17-30, 3 600V
130145-0084 MOLEX11-130145-0084 Datasheet
43Kb / 1P
   Safeway Connector with Locking Blade, 4 Pole/5 Wire, NEMA L21-30, 3 208V
130145-0088 MOLEX11-130145-0088 Datasheet
43Kb / 1P
   Safeway Connector with Locking Blade, 4 Pole/5 Wire, NEMA L23-30, 3 600V
More results

Similar Description - 130145-0086

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1301450086 MOLEX11-1301450086 Datasheet
35Kb / 1P
   Safeway Connector with Locking Blade, 4 Pole/5 Wire, NEMA L22-30, 3 480V
1301450062 MOLEX11-1301450062 Datasheet
48Kb / 1P
   Safeway Plug with Locking Blade, 4 Pole/5 Wire, NEMA L22-30, 3 480V
130145-0062 MOLEX11-130145-0062 Datasheet
55Kb / 1P
   Safeway Plug with Locking Blade, 4 Pole/5 Wire, NEMA L22-30, 3 480V
1301420041 MOLEX11-1301420041 Datasheet
42Kb / 1P
   Super-Safeway Plug with Locking Blade, 4 Pole/5 Wire, NEMA L22-30, 3 480V
1301450063 MOLEX11-1301450063 Datasheet
48Kb / 1P
   Safeway Plug with Locking Blade, 4 Pole/5 Wire, NEMA L22-30, 3, 480V, Yellow
130142-0041 MOLEX11-130142-0041 Datasheet
49Kb / 1P
   Super-Safeway Plug with Locking Blade, 4 Pole/5 Wire, NEMA L22-30, 3 480V
130145-0063 MOLEX11-130145-0063 Datasheet
55Kb / 1P
   Safeway Plug with Locking Blade, 4 Pole/5 Wire, NEMA L22-30, 3, 480V, Yellow
1301450043 MOLEX11-1301450043 Datasheet
35Kb / 1P
   Safeway Connector with Locking Blade, 4 Pole/5 Wire, NEMA L22-20, 3 480V
130145-0043 MOLEX11-130145-0043 Datasheet
43Kb / 1P
   Safeway Connector with Locking Blade, 4 Pole/5 Wire, NEMA L22-20, 3 480V
130145-0023 MOLEX11-130145-0023 Datasheet
55Kb / 1P
   Safeway Plug with Locking Blade, 4 Pole/5 Wire, NEMA L22-20, 3 480V
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com