Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

130141-0036 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 130141-0036
Description  Super-Safeway Connector, 2 Pole/3 Wire, NEMA 6-20, 250V
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

130141-0036 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  130141-0036 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 04/20/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
130141-0036
Status:
Active
Overview:
Heavy-Duty Industrial Wiring Devices
Description:
Super-Safeway® Connector, 2 Pole/3 Wire, NEMA 6-20, 250V
Documents:
RoHS Certificate of Compliance (PDF)
Product Literature (PDF)
Agency Certification
CSA
LR6837
UL
E10176
General
Product Family
Wiring Devices
Series
130141
IP Rating
N/A
NEMA Configuration
NEMA 6-20
Overview
Heavy-Duty Industrial Wiring Devices
Product Literature Order No
987650-8068
Product Name
Super-Safeway™
Receptacle Type
Single
Specialty
N/A
Type
Connector
UPC
78678870323
Woodhead
Yes
Physical
Cord Grip Body Size
N/A
Flange
No
Flip Lid
No
Gender
Female
Length
N/A
Locking Blade
No
Poles
2-pole/3-wire
Electrical
Cord Type
N/A
Current - Maximum per Contact
50.0A
GFCI
No
Lighted Connector
No
Voltage - Maximum
250V
Material Info
Old Part Number
1548
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Low-Halogen Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
130141Series
This document was generated on 04/20/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 130141-0036

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
130141-0030 MOLEX11-130141-0030 Datasheet
60Kb / 1P
   Super-Safeway Connector, 2 Pole/3 Wire, NEMA 7-15, 277V
130141-0031 MOLEX2-130141-0031 Datasheet
50Kb / 1P
   Super-Safeway짰 Receptacle 2 Pole/3 Wire, NEMA 5-15, 125V
130141-0032 MOLEX11-130141-0032 Datasheet
50Kb / 1P
   Super-Safeway Extra-Hard Outdoor Use Connector 2 Pole/3 Wire, NEMA 5-15, 125V, Black
130141-0033 MOLEX11-130141-0033 Datasheet
51Kb / 1P
   Super-Safeway Ground Fault Monitoring Connector 2 Pole/3 Wire, NEMA 5-15, 125V
130141-0038 MOLEX11-130141-0038 Datasheet
60Kb / 1P
   Super-Safeway Connector, 2 Pole/3 Wire, NEMA 6-15, 250V
More results

Similar Description - 130141-0036

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1301410036 MOLEX11-1301410036 Datasheet
35Kb / 1P
   Super-Safeway Connector, 2 Pole/3 Wire, NEMA 6-20, 250V
1301410020 MOLEX11-1301410020 Datasheet
35Kb / 1P
   Super-Safeway Plug, 2 Pole/3 Wire, NEMA 6-20, 250V
130141-0020 MOLEX11-130141-0020 Datasheet
43Kb / 1P
   Super-Safeway Plug, 2 Pole/3 Wire, NEMA 6-20, 250V
130144-0063 MOLEX11-130144-0063 Datasheet
42Kb / 1P
   Safeway Connector, 2 Pole/3 Wire, NEMA 6-20, 250V
1301440063 MOLEX11-1301440063 Datasheet
35Kb / 1P
   Safeway Connector, 2 Pole/3 Wire, NEMA 6-20, 250V
130142-0052 MOLEX11-130142-0052 Datasheet
51Kb / 1P
   Super-Safeway Connector, 2 Pole/3 Wire, NEMA 6-50, 250V
130141-0038 MOLEX11-130141-0038 Datasheet
60Kb / 1P
   Super-Safeway Connector, 2 Pole/3 Wire, NEMA 6-15, 250V
1301420052 MOLEX11-1301420052 Datasheet
53Kb / 1P
   Super-Safeway Connector, 2 Pole/3 Wire, NEMA 6-50, 250V
1301410038 MOLEX11-1301410038 Datasheet
52Kb / 1P
   Super-Safeway Connector, 2 Pole/3 Wire, NEMA 6-15, 250V
1301440061 MOLEX11-1301440061 Datasheet
34Kb / 1P
   Safeway Plug, 2 Pole/3 Wire, NEMA 6-20, 250V
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com