Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAAM12032TR Datasheet(PDF) 3 Page - Tyco Electronics

Part # MAAM12032TR
Description  Low Noise Amplifier 1.7 - 2.0 GHz
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MAAM12032TR Datasheet(HTML) 3 Page - Tyco Electronics

  MAAM12032TR Datasheet HTML 1Page - Tyco Electronics MAAM12032TR Datasheet HTML 2Page - Tyco Electronics MAAM12032TR Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Low Noise Amplifier
MAAM12032
Specifications Subject to Change Without Notice.
V2.00
M/A-COM, Inc.
s
1011 Pawtucket Boulevard, Lowell, MA 01853 USA
s
Telephone: 800-366-2266
3.0
2.5
2.0
1.5
1.0
1.5
1.6
1.7
1.8
1.9
2.0
2.1
2.2
FREQUENCY (GHz)
VSWR VS FREQUENCY @ 5 V, 5 mA, TA = +25°C
6
4
2
0
-2
-4
1.70
1.75
1.80
1.85
1.90
1.95
2.00
FREQUENCY (GHz)
INPUT IP3 vs FREQUENCY, TA = +25°C
17
15
13
11
9
1.5
1.6
1.7
1.8
1.9
2.0
2.1
2.2
FREQUENCY (GHz)
GAIN vs FREQUENCY @ 5 V, 5 mA
2.5
2.2
1.9
1.6
1.3
1.70
1.75
1.80
1.85
1.90
1.95
2.00
FREQUENCY (GHz)
NOISE FIGURE vs FREQUENCY @ 5 V, 5 mA
Input
Output
3 V, 5 mA
-40°C
+25°C
+85°C
+25°C
-40°C
+85°C
5 V, 20mA
5 V, 5 mA
Additional information is available in Application Note M540,
“M/A-COM GaAs MMIC LNA SOIC-8 Platform.”


Similar Part No. - MAAM12032TR

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAM12032 MA-COM-MAAM12032 Datasheet
116Kb / 7P
   GaAs MMIC Low Noise Amplifier SOIC-8 Platform
More results

Similar Description - MAAM12032TR

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAM12031 MACOM-MAAM12031 Datasheet
241Kb / 4P
   Low Noise Amplifier 1.7 - 2.0 GHz
logo
M/A-COM Technology Solu...
MAAM12031 MA-COM-MAAM12031 Datasheet
205Kb / 4P
   Low Noise Amplifier 1.7 - 2.0 GHz
logo
Tyco Electronics
MAAL-007673 MACOM-MAAL-007673 Datasheet
158Kb / 4P
   Low Noise Amplifier 1.7 - 2.0 GHz
logo
M/A-COM Technology Solu...
MAAL-007673 MA-COM-MAAL-007673 Datasheet
136Kb / 4P
   Low Noise Amplifier 1.7 - 2.0 GHz
logo
Sony Corporation
CXG1013N SONY-CXG1013N Datasheet
197Kb / 6P
   1.7 to 2.0 GHz Low Noise Amplifier/Down Conversion Mixer
logo
Skyworks Solutions Inc.
SKY65049-360LF SKYWORKS-SKY65049-360LF Datasheet
259Kb / 12P
   1.7 - 2.4 GHz Low Noise Amplifier
logo
HBH Microwave GmbH
HA1002 HBH-HA1002 Datasheet
37Kb / 4P
   1.1 - 1.7 GHz Low Noise Amplifier
logo
Tyco Electronics
MAALSS0024 MACOM-MAALSS0024 Datasheet
260Kb / 4P
   Broadband Low Noise Amplifier 1.7 - 2.1 GHz
MAALSS0049 MACOM-MAALSS0049 Datasheet
294Kb / 6P
   GPS Low Noise Amplifier 1.5 - 1.7 GHz
MAALSS0027 MACOM-MAALSS0027 Datasheet
288Kb / 6P
   GPS Low Noise Amplifier 1.5 - 1.7 GHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com