Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KU310N10D Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part # KU310N10D
Description  N-ch Trench MOS FET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KU310N10D Datasheet(HTML) 2 Page - KEC(Korea Electronics)

  KU310N10D_15 Datasheet HTML 1Page - KEC(Korea Electronics) KU310N10D_15 Datasheet HTML 2Page - KEC(Korea Electronics) KU310N10D_15 Datasheet HTML 3Page - KEC(Korea Electronics) KU310N10D_15 Datasheet HTML 4Page - KEC(Korea Electronics) KU310N10D_15 Datasheet HTML 5Page - KEC(Korea Electronics) KU310N10D_15 Datasheet HTML 6Page - KEC(Korea Electronics) KU310N10D_15 Datasheet HTML 7Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2012. 7. 6
2/7
KU310N10D
Revision No : 2
ELECTRICAL CHARACTERISTICS (Tc=25
℃)
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Static
Drain-Source Breakdown Voltage
BVDSS
ID=250μ
A, VGS=0V
100
-
-
V
Breakdown Voltage Temperature Coefficient
ΔBV
DSS/ΔTj
ID=5mA, Referenced to 25℃
-
0.10
-
V/
Drain Cut-off Current
IDSS
VDS=100V, VGS=0V,
-
-
10
μA
Gate Threshold Voltage
Vth
VDS=VGS, ID=250μ
A
2.0
-
4.0
V
Gate Leakage Current
IGSS
VGS=±20V, VDS=0V
-
-
±100
nA
Drain-Source ON Resistance
RDS(ON)
VGS=10V, ID=13.5A
-
25
31
m
Dynamic
Total Gate Charge
Qg
VDS=80V, ID=34A
VGS=10V
(Note4,5)
-
49
-
nC
Gate-Source Charge
Qgs
-
10
-
Gate-Drain Charge
Qgd
-
14
-
Turn-on Delay time
td(on)
VDD=50V
ID=34A
RG=25Ω
(Note4,5)
-
30
-
ns
Turn-on Rise time
tr
-
32
-
Turn-off Delay time
td(off)
-
115
-
Turn-off Fall time
tf
-
40
-
Input Capacitance
Ciss
VDS=25V, VGS=0V, f=1.0MHz
-
2230
-
pF
Output Capacitance
Coss
-
170
-
Reverse Transfer Capacitance
Crss
-
85
-
Source-Drain Diode Ratings
Continuous Source Current
IS
VGS<Vth
-
-
34
A
Pulsed Source Current
ISP
-
-
136
Diode Forward Voltage
VSD
IS=13.5A, VGS=0V
-
-
1.4
V
Reverse Recovery Time
trr
IS=34A, VGS=0V,
dIs/dt=300A/
μs
-
53
-
ns
Reverse Recovery Charge
Qrr
-
0.11
-
μC
Note 1) Repetivity rating : Pulse width limited by junction temperature.
Note 2) L =35
μH, I
S=34A, VDD=80V, RG=25Ω, Starting Tj=25℃.
Note 3) IS≤34A, dI/dt≤200A/㎲, VDD≤BVDSS, Starting Tj=25℃.
Note 4) Pulse Test : Pulse width
≤ 300㎲, Duty Cycle ≤ 2%.
Note 5) Essentially independent of operating temperature.
Marking


Similar Part No. - KU310N10D_15

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KU310N10D KEC-KU310N10D Datasheet
410Kb / 7P
   N-ch Trench MOS FET
More results

Similar Description - KU310N10D_15

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KU035N06P KEC-KU035N06P Datasheet
411Kb / 7P
   N-ch Trench MOS FET
KU045N10P KEC-KU045N10P Datasheet
2Mb / 7P
   N-ch Trench MOS FET
KU047N08P KEC-KU047N08P Datasheet
411Kb / 7P
   N-ch Trench MOS FET
KU310N10P KEC-KU310N10P Datasheet
411Kb / 7P
   N-ch Trench MOS FET
KUS086N10F KEC-KUS086N10F Datasheet
78Kb / 7P
   N-ch Trench MOS FET
KU034N08P KEC-KU034N08P Datasheet
1Mb / 7P
   N-ch Trench MOS FET
KU035N06P KEC-KU035N06P_15 Datasheet
411Kb / 7P
   N-ch Trench MOS FET
KU086N10P KEC-KU086N10P_15 Datasheet
1Mb / 7P
   N-ch Trench MOS FET
KUS086N10D KEC-KUS086N10D Datasheet
77Kb / 7P
   N-ch Trench MOS FET
KUS220N10D KEC-KUS220N10D Datasheet
98Kb / 9P
   N-ch Trench MOS FET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com