Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KU035N06P Datasheet(PDF) 7 Page - KEC(Korea Electronics)

Part # KU035N06P
Description  N-ch Trench MOS FET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KU035N06P Datasheet(HTML) 7 Page - KEC(Korea Electronics)

  KU035N06P_15 Datasheet HTML 1Page - KEC(Korea Electronics) KU035N06P_15 Datasheet HTML 2Page - KEC(Korea Electronics) KU035N06P_15 Datasheet HTML 3Page - KEC(Korea Electronics) KU035N06P_15 Datasheet HTML 4Page - KEC(Korea Electronics) KU035N06P_15 Datasheet HTML 5Page - KEC(Korea Electronics) KU035N06P_15 Datasheet HTML 6Page - KEC(Korea Electronics) KU035N06P_15 Datasheet HTML 7Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
2011. 1. 12
7/7
KU035N06P
Revision No : 0
Fig16. Source - Drain Diode Reverse Recovery and dv /dt
IF
IS
VDS
VSD
ISD
(DUT)
VDS
(DUT)
VGS
10V
driver
DUT
Body Diode Recovery dv/dt
Body Diode Forword Voltage drop
Body Diode Forword Current
Body Diode Reverse Current
di/dt
VDD
IRM
0.8
VDSS


Similar Part No. - KU035N06P_15

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KU035N06P KEC-KU035N06P Datasheet
411Kb / 7P
   N-ch Trench MOS FET
More results

Similar Description - KU035N06P_15

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KU035N06P KEC-KU035N06P Datasheet
411Kb / 7P
   N-ch Trench MOS FET
KU045N10P KEC-KU045N10P Datasheet
2Mb / 7P
   N-ch Trench MOS FET
KU047N08P KEC-KU047N08P Datasheet
411Kb / 7P
   N-ch Trench MOS FET
KU310N10P KEC-KU310N10P Datasheet
411Kb / 7P
   N-ch Trench MOS FET
KUS086N10F KEC-KUS086N10F Datasheet
78Kb / 7P
   N-ch Trench MOS FET
KU034N08P KEC-KU034N08P Datasheet
1Mb / 7P
   N-ch Trench MOS FET
KU086N10P KEC-KU086N10P_15 Datasheet
1Mb / 7P
   N-ch Trench MOS FET
KUS086N10D KEC-KUS086N10D Datasheet
77Kb / 7P
   N-ch Trench MOS FET
KUS220N10D KEC-KUS220N10D Datasheet
98Kb / 9P
   N-ch Trench MOS FET
KU310N10D KEC-KU310N10D_15 Datasheet
1Mb / 7P
   N-ch Trench MOS FET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com