Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KML0D4P20E Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # KML0D4P20E
Description  P-Ch Trench MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KML0D4P20E Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  KML0D4P20E Datasheet HTML 1Page - KEC(Korea Electronics) KML0D4P20E Datasheet HTML 2Page - KEC(Korea Electronics) KML0D4P20E Datasheet HTML 3Page - KEC(Korea Electronics) KML0D4P20E Datasheet HTML 4Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2015. 1. 15
1/4
SEMICONDUCTOR
TECHNICAL DATA
KML0D4P20E
P-Ch Trench MOSFET
Revision No : 2
General Description
It s Mainly Suitable for Load Switching Mobile Phones, Battery Powered
Systems and Level-Shifter.
FEATURES
・V
DSS= -20V, ID= -0.35A
・Drain-Soure ON Resistance
: RDS(ON)=1.2Ω @ VGS= -4.5V
: RDS(ON)=1.6Ω @ VGS= -2.5V
: RDS(ON)=2.7Ω @ VGS= -1.8V
・ESD Protection diode.
MAXIMUM RATING (Ta=25
℃)
Note 1) Drain current limited by maximum junction temperature
Note 2) Surface Mounted on 1
˝×1˝ FR4 Board
CHARACTERISTIC
SYMBOL
P-Ch
UNIT
Drain-Source Voltage
VDSS
-20
V
Gate-Source Voltage
VGSS
±6
V
Drain Current
DC @TA=25℃
(Note 1)
ID
-350
mA
DC @TA=85℃
(Note 1)
-255
Pulsed
(Note 1)
IDP
-1400
Drain Power Dissipation
(Note 2)
PD
210
mW
Maximum Junction Temperature
Tj
150
Storage Temperature Range
Tstg
-55
~150
Thermal Resistance, Junction to Ambient (Note 2)
RthJA
600
℃/W


Similar Part No. - KML0D4P20E

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KML0D4N20E KEC-KML0D4N20E Datasheet
779Kb / 4P
   N-Ch Trench MOSFET
KML0D4N20UL KEC-KML0D4N20UL Datasheet
784Kb / 4P
   It s mainly suitable for Load Switching Cell Phones, Battery Powered Systems and Level-Shifter
KML0D4N20V KEC-KML0D4N20V Datasheet
383Kb / 4P
   N-Ch Trench MOSFET
More results

Similar Description - KML0D4P20E

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KMD7D5P40QA KEC-KMD7D5P40QA_15 Datasheet
796Kb / 4P
   P-Ch Trench MOSFET
KMA2D4P20SA KEC-KMA2D4P20SA_15 Datasheet
595Kb / 4P
   P-Ch Trench MOSFET
KMB010P30QA KEC-KMB010P30QA_15 Datasheet
741Kb / 4P
   P-Ch Trench MOSFET
KMA2D3P20S KEC-KMA2D3P20S Datasheet
474Kb / 5P
   P-Ch Trench MOSFET
KMD7D5P40QA KEC-KMD7D5P40QA Datasheet
54Kb / 4P
   P-Ch Trench MOSFET
KMA4D5P20X KEC-KMA4D5P20X Datasheet
423Kb / 5P
   P-CH Trench MOSFET
KMA3D7P20SA KEC-KMA3D7P20SA Datasheet
81Kb / 4P
   P-Ch Trench MOSFET
KMB3D0P30SA KEC-KMB3D0P30SA_15 Datasheet
848Kb / 4P
   P-Ch Trench MOSFET
KMB3D0P30SA KEC-KMB3D0P30SA Datasheet
471Kb / 5P
   P-Ch Trench MOSFET
KMB010P30QA KEC-KMB010P30QA Datasheet
464Kb / 4P
   P-Ch Trench MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com