Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KMB7D1DP30QA Datasheet(PDF) 5 Page - KEC(Korea Electronics)

Part # KMB7D1DP30QA
Description  Dual P-Ch Trench MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KMB7D1DP30QA Datasheet(HTML) 5 Page - KEC(Korea Electronics)

  KMB7D1DP30QA_15 Datasheet HTML 1Page - KEC(Korea Electronics) KMB7D1DP30QA_15 Datasheet HTML 2Page - KEC(Korea Electronics) KMB7D1DP30QA_15 Datasheet HTML 3Page - KEC(Korea Electronics) KMB7D1DP30QA_15 Datasheet HTML 4Page - KEC(Korea Electronics) KMB7D1DP30QA_15 Datasheet HTML 5Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
2007. 4. 17
5/5
KMB7D1DP30QA
Revision No : 0
Fig9. Gate Charge Circuit and Wave Form
ID
ID
V
DS
VGS
VGS
1.0 mA
0.5 VDSS
Schottky
Diode
-4.5V
Qg
Qgd
Qgs
Q
Fig10. Resistive Load Switching
V
DS
VGS
0.5 VDSS
-10 V
6
RL
VDS
VGS
tr
td(on)
10%
90%
ton
tf
td(off)
toff


Similar Part No. - KMB7D1DP30QA_15

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KMB7D1DP30QA KEC-KMB7D1DP30QA Datasheet
473Kb / 5P
   Dual P-Ch Trench MOSFET
More results

Similar Description - KMB7D1DP30QA_15

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KMB7D1DP30QA KEC-KMB7D1DP30QA Datasheet
473Kb / 5P
   Dual P-Ch Trench MOSFET
KMD7D5P40QA KEC-KMD7D5P40QA_15 Datasheet
796Kb / 4P
   P-Ch Trench MOSFET
KMA2D4P20SA KEC-KMA2D4P20SA_15 Datasheet
595Kb / 4P
   P-Ch Trench MOSFET
KMB010P30QA KEC-KMB010P30QA_15 Datasheet
741Kb / 4P
   P-Ch Trench MOSFET
KMA2D3P20S KEC-KMA2D3P20S Datasheet
474Kb / 5P
   P-Ch Trench MOSFET
KMD7D5P40QA KEC-KMD7D5P40QA Datasheet
54Kb / 4P
   P-Ch Trench MOSFET
KML0D4P20E KEC-KML0D4P20E Datasheet
791Kb / 4P
   P-Ch Trench MOSFET
KMA4D5P20X KEC-KMA4D5P20X Datasheet
423Kb / 5P
   P-CH Trench MOSFET
KMA3D7P20SA KEC-KMA3D7P20SA Datasheet
81Kb / 4P
   P-Ch Trench MOSFET
KMB3D0P30SA KEC-KMB3D0P30SA_15 Datasheet
848Kb / 4P
   P-Ch Trench MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com