Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N4403SC Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part # 2N4403SC
Description  EPITAXIAL PLANAR PNP TRANSISTOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

2N4403SC Datasheet(HTML) 2 Page - KEC(Korea Electronics)

  2N4403SC Datasheet HTML 1Page - KEC(Korea Electronics) 2N4403SC Datasheet HTML 2Page - KEC(Korea Electronics) 2N4403SC Datasheet HTML 3Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2015. 5. 12
2/3
2N4403SC
Revision No : 0
ELECTRICAL CHARACTERISTICS (Ta=25
℃)
* Pulse Test : Pulse Width
≦300μS, Duty Cycle≦2%.
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Collector Cut-off Current
ICEX
VCE=-35V, VEB=-0.4V
-
-
-50
nA
Collector Cut-off Current
ICBO
VCB=-40V, IE=0
-
-
-20
nA
Emitter Cut-off Current
IEBO
VEB=-3V, IC=-10mA
-
-
-10
nA
Collector-Base Breakdown Voltage
V(BR)CBO
IC=-100μ
A, IE=0
-40
-
-
V
Collector-Emitter Breakdown Voltage
*
V(BR)CEO
IC=-1mA, IB=0
-40
-
-
V
Emitter-Base Breakdown Voltage
V(BR)EBO
IE=-100μ
A, IC=0
-5
-
-
V
DC Current Gain
*
hFE
VCE=-10V, IC=-150mA
150
-
250
Collector-Emitter Saturation Voltage
*
VCE(sat)
IC=-500mA, IB=-50mA
-
-
-1.6
V
Base-Emitter Saturation Voltage
*
VBE(sat)
IC=-500mA, IB=-50mA
-
-
-2.6
V
Transition Frequency
fT
VCE=-20V, IC=-20mA f=100MHz
250
-
-
MHz
Collector Output Capacitance
Cob
VCB=-10V, IE=0, f=1MHz
-
-
8.5
pF


Similar Part No. - 2N4403SC

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
2N4403 CENTRAL-2N4403 Datasheet
756Kb / 4P
   SILICON PNP TRANSISTORS
logo
ON Semiconductor
2N4403 ONSEMI-2N4403 Datasheet
297Kb / 6P
   General Purpose Transistors(PNP Silicon)
1996
logo
Rohm
2N4403 ROHM-2N4403 Datasheet
90Kb / 4P
   PNP Medium Power Transistor (Switching)
logo
Micro Commercial Compon...
2N4403 MCC-2N4403 Datasheet
180Kb / 4P
   PNP General Purpose Amplifier
logo
SEMTECH ELECTRONICS LTD...
2N4403 SEMTECH_ELEC-2N4403 Datasheet
333Kb / 5P
   PNP Epitaxial Silicon Transistor
More results

Similar Description - 2N4403SC

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
HI350 HSMC-HI350 Datasheet
25Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HI42C HSMC-HI42C Datasheet
32Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HJ2584 HSMC-HJ2584 Datasheet
30Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HJ350 HSMC-HJ350 Datasheet
23Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HJ649A HSMC-HJ649A Datasheet
27Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM1426 HSMC-HM1426 Datasheet
30Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM2907A HSMC-HM2907A Datasheet
31Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM3906 HSMC-HM3906 Datasheet
31Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM64 HSMC-HM64 Datasheet
30Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM772 HSMC-HM772 Datasheet
46Kb / 5P
   PNP EPITAXIAL PLANAR TRANSISTOR
HA8550 HSMC-HA8550 Datasheet
36Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com