Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3883 Datasheet(PDF) 11 Page - Linear Technology

Part # LTC3883
Description  Single Phase Step-Down DC/DC Controller with Digital Power System Management
Download  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3883 Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC3883_15 Datasheet HTML 7Page - Linear Technology LTC3883_15 Datasheet HTML 8Page - Linear Technology LTC3883_15 Datasheet HTML 9Page - Linear Technology LTC3883_15 Datasheet HTML 10Page - Linear Technology LTC3883_15 Datasheet HTML 11Page - Linear Technology LTC3883_15 Datasheet HTML 12Page - Linear Technology LTC3883_15 Datasheet HTML 13Page - Linear Technology LTC3883_15 Datasheet HTML 14Page - Linear Technology LTC3883_15 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 112 page
background image
LTC3883/LTC3883-1
11
3883fb
For more information www.linear.com/LTC3883
Typical perFormance characTerisTics
VOUT Command INL
VOUT Command DNL
INTVCC Line Regulation
VOUT OV Threshold
vs Temperature (1V Target)
VOUT OV Threshold
vs Temperature (2V Target)
VOUT OV Threshold
vs Temperature (4V Target)
VOUT (V)
–1.0
0
1.0
2.0
–0.5
0.5
1.5
1.5
2.5
3.5
4.5
3883 G19
5.5
1
0.5
2
3
4
5
VOUT (V)
–0.3
–0.1
0.1
0.3
–0.2
0
0.2
1.5
2.5
3.5
4.5
3883 G20
5.5
1
0.5
2
3
4
5
VIN (V)
5
4.50
4.75
5.25
20
3883 G21
4.25
4.00
10
15
25
3.75
3.50
5.00
TEMPERATURE (°C)
–50
0.990
0.995
1.000
1.005
1.010
–25
0
25
50
3883 G22
75 100 125 150
TEMPERATURE (°C)
–50
1.97
1.98
1.99
2.00
2.01
0
50
100
150
3883 G23
2.02
2.03
–25
25
75
125
TEMPERATURE (°C)
–50
3.96
3.97
3.98
3.99
4.00
0
50
100
150
3883 G24
4.02
4.01
4.03
4.04
–25
25
75
125
External Temperature Error
vs Temperature
IOUT Error vs IOUT Room
Temperature
IIN Error vs IIN Room Temperature
TEMPERATURE (°C)
–50
–1.0
–0.8
–0.4
–0.2
0
1.0
0.4
0
50
75
3883 G25
–0.6
0.6
0.8
0.2
–25
25
100 125
OUTPUT CURRENT (A)
0
0
2
4
20
3883 G26
–2
–4
–8
5
10
15
–6
8
6
INPUT CURRENT (A)
0
0
1
2
3883 G27
–1
–2
–3
1
2
3
4
5
3


Similar Part No. - LTC3883_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3883-1 LINER-LTC3883-1 Datasheet
1Mb / 112P
   Single Phase Step-Down DC/DC Controller with Digital Power System Management
LTC3883-1 LINER-LTC3883-1 Datasheet
911Kb / 22P
   PolyPhase Step-Down Slave Controller for Digital Power System Management
LTC3883-1 LINER-LTC3883-1 Datasheet
1Mb / 20P
   PolyPhase Step-Down Slave Controller for Digital Power System Management
LTC3883-1 LINER-LTC3883-1 Datasheet
1,006Kb / 22P
   PolyPhase Step-Down Synchronous Slave Controller with Sub-Milliohm DCR Sensing
LTC3883-1 LINER-LTC3883-1 Datasheet
823Kb / 108P
   Dual Output PolyPhase Step-Down DC/DC Voltage Mode Controller with Digital Power System Management
More results

Similar Description - LTC3883_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3883 LINER-LTC3883 Datasheet
1Mb / 112P
   Single Phase Step-Down DC/DC Controller with Digital Power System Management
LTC3883-1 LINER-LTC3883-1_15 Datasheet
1Mb / 112P
   Single Phase Step-Down DC/DC Controller with Digital Power System Management
logo
Analog Devices
LTC3883 AD-LTC3883 Datasheet
1Mb / 116P
   Single Phase Step-Down DC/DC Controller with Digital Power System Management
logo
Linear Technology
LTC3883EUH LINER-LTC3883EUH Datasheet
1Mb / 16P
   Single-Phase, Step-Down DC/DC Controller with Digital Power Management
LTC3887EUJ LINER-LTC3887EUJ Datasheet
1Mb / 14P
   Step-Down DC/DC Controller with Digital Power System Management
LTC3880EUJ LINER-LTC3880EUJ Datasheet
3Mb / 14P
   3-Phase Step-Down DC/DC Controller with Power System Management
logo
Analog Devices
LTC3888-1 AD-LTC3888-1 Datasheet
2Mb / 110P
   Dual Loop 8-Phase Step-Down DC/DC Controller with Digital Power System Management
LTC3888 AD-LTC3888 Datasheet
3Mb / 118P
   Dual Loop 8-Phase Step-Down DC/DC Controller with Digital Power System Management
Rev. B
logo
Linear Technology
LTC3886IUKG LINER-LTC3886IUKG Datasheet
3Mb / 26P
   60V Dual Output Step-Down DC/DC Controller with Digital Power System Management
LTC3880 LINER-LTC3880_15 Datasheet
1Mb / 116P
   Dual Output PolyPhase Step-Down DC/DC Controller with Digital Power System Management
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com