Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMBTA28 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # MMBTA28
Description  80V NPN DARLINGTON TRANSISTOR IN SOT23
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MMBTA28 Datasheet(HTML) 2 Page - Diodes Incorporated

  MMBTA28_15 Datasheet HTML 1Page - Diodes Incorporated MMBTA28_15 Datasheet HTML 2Page - Diodes Incorporated MMBTA28_15 Datasheet HTML 3Page - Diodes Incorporated MMBTA28_15 Datasheet HTML 4Page - Diodes Incorporated MMBTA28_15 Datasheet HTML 5Page - Diodes Incorporated MMBTA28_15 Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MMBTA28
Document number: DS30367 Rev. 10 - 2
2 of 6
www.diodes.com
February 2014
© Diodes Incorporated
MMBTA28
A Product Line of
Diodes Incorporated
Absolute Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Collector-Base Voltage
VCBO
80
V
Collector-Emitter Voltage
VCES
80
V
Emitter-Base Voltage
VEBO
12
V
Continuous Collector Current
IC
500
mA
Thermal Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Power Dissipation
(Note 5)
PD
310
mW
(Note 6)
350
Thermal Resistance, Junction to Ambient
(Note 5)
RθJA
403
C/W
(Note 6)
357
Thermal Resistance, Junction to Leads
(Note 7)
RθJL
350
C/W
Operating and Storage Temperature Range
TJ,TSTG
-55 to +150
C
Notes:
5. For a device mounted on minimum recommended pad layout 1oz copper that is on a single-sided FR4 PCB; device is measured under still air
conditions whilst operating in a steady-state.
6. Same as note (5), except the device is mounted on 15 mm x 15mm 1oz copper.
7. Thermal resistance from junction to solder-point (at the end of the leads).
0
25
50
75
100
125
150
0.0
0.1
0.2
0.3
0.4
Derating Curve
Temperature (°C)
100µ
1m
10m 100m
1
10
100
1k
0
50
100
150
200
250
300
350
400
Transient Thermal Impedance
D=0.5
D=0.2
D=0.1
Single Pulse
D=0.05
Pulse Width (s)
10m
100m
1
10
100
1k
0.1
1
10
Single Pulse. T
amb=25°C
Pulse Power Dissipation
Pulse Width (s)


Similar Part No. - MMBTA28_15

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MMBTA28 MCC-MMBTA28_15 Datasheet
855Kb / 4P
   NPN Surface Mount Darlington Transistor
More results

Similar Description - MMBTA28_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
FMMT634Q DIODES-FMMT634Q_15 Datasheet
636Kb / 7P
   100V NPN DARLINGTON TRANSISTOR IN SOT23
BCV47TA DIODES-BCV47TA Datasheet
221Kb / 5P
   60V NPN DARLINGTON TRANSISTOR IN SOT23
FMMT634TA DIODES-FMMT634TA Datasheet
296Kb / 7P
   100V NPN DARLINGTON TRANSISTOR IN SOT23
BCV47 DIODES-BCV47_15 Datasheet
221Kb / 5P
   60V NPN DARLINGTON TRANSISTOR IN SOT23
FMMT634 DIODES-FMMT634_15 Datasheet
623Kb / 7P
   100V NPN DARLINGTON TRANSISTOR IN SOT23
FMMT634Q DIODES-FMMT634Q Datasheet
612Kb / 7P
   100V NPN DARLINGTON TRANSISTOR IN SOT23
Rev. 2 - 2 October 2019
BCV47Q DIODES-BCV47Q Datasheet
453Kb / 7P
   60V NPN DARLINGTON TRANSISTOR IN SOT23
November 2017 Rev. 1 - 2
FMMT620 DIODES-FMMT620_15 Datasheet
224Kb / 7P
   80V NPN SILICON LOW SATURATION TRANSISTOR IN SOT23
FMMT620 DIODES-FMMT620 Datasheet
208Kb / 7P
   80V NPN SILICON LOW SATURATION TRANSISTOR IN SOT23
BST52 DIODES-BST52_15 Datasheet
225Kb / 6P
   80V NPN SILICON PLANAR DARLINGTON TRANSISTOR IN SOT89
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com