Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJG1551F-L6 Datasheet(PDF) 9 Page - New Japan Radio

Part # NJG1551F-L6
Description  800mhZ band mixer gAaS mmic
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJG1551F-L6 Datasheet(HTML) 9 Page - New Japan Radio

Back Button NJG1551F-L6 Datasheet HTML 5Page - New Japan Radio NJG1551F-L6 Datasheet HTML 6Page - New Japan Radio NJG1551F-L6 Datasheet HTML 7Page - New Japan Radio NJG1551F-L6 Datasheet HTML 8Page - New Japan Radio NJG1551F-L6 Datasheet HTML 9Page - New Japan Radio NJG1551F-L6 Datasheet HTML 10Page - New Japan Radio NJG1551F-L6 Datasheet HTML 11Page - New Japan Radio NJG1551F-L6 Datasheet HTML 12Page - New Japan Radio NJG1551F-L6 Datasheet HTML 13Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
NJG1551F
- 9 -
nAPPLICATION CIRCUIT 1 (Application 1)
800MHz BAND
Lower
LOCAL
Lower
LOCAL
PART ID
fLO=690MHz
fIF=130MHz
fLO=720MHz
fIF=130MHz
COMMENT
L1
39nH
33nH
TAIYO-YUDEN (HK1608)
L2
27nH
27nH
TAIYO-YUDEN (HK1608)
L3
22nH
18nH
TAIYO-YUDEN (HK1608)
L4
33nH
33nH
TAIYO-YUDEN (HK1608)
L5
82nH
82nH
TAIYO-YUDEN (HK1608)
L6
56nH
56nH
TAIYO-YUDEN (HK1608)
C1
1pF
1pF
MURATA (GRM39)
C2
470pF
470pF
MURATA (GRM39)
C3
11pF
11pF
MURATA (GRM39)
C4
100pF
100pF
MURATA (GRM39)
C5
1000pF
1000pF
MURATA (GRM39)
C6
1000pF
1000pF
MURATA (GRM39)
C7
10pF
10pF
MURATA (GRM39)
C8
100pF
100pF
MURATA (GRM39)
C9
1000pF
1000pF
MURATA (GRM39)
R1
120
120
TAMA Electronics (CRG16G)
PARTS LIST
3
1
2
5
6
4
LOIN
LO
RF
RFIN
GND
BPC
IFOUT
VLO
IF
VMIX
VLO
L1
L2
C2
L5
L6
L4
C6
C3
C7
C8 C9
R1
C4
C5
Zo=50
Zo=50
L3
C1
Zo=50


Similar Part No. - NJG1551F-L6

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJG1550F NJRC-NJG1550F Datasheet
345Kb / 15P
   800MHz BAND MIXER GaAs MMIC
NJG1550F-C1 NJRC-NJG1550F-C1 Datasheet
345Kb / 15P
   800MHz BAND MIXER GaAs MMIC
NJG1550F-C2 NJRC-NJG1550F-C2 Datasheet
345Kb / 15P
   800MHz BAND MIXER GaAs MMIC
NJG1550F-C3 NJRC-NJG1550F-C3 Datasheet
345Kb / 15P
   800MHz BAND MIXER GaAs MMIC
NJG1550F-C4 NJRC-NJG1550F-C4 Datasheet
345Kb / 15P
   800MHz BAND MIXER GaAs MMIC
More results

Similar Description - NJG1551F-L6

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJG1557KB2 NJRC-NJG1557KB2 Datasheet
248Kb / 10P
   800MHz BAND MIXER GaAs MMIC
NJG1550F NJRC-NJG1550F Datasheet
345Kb / 15P
   800MHz BAND MIXER GaAs MMIC
NJG1555KB2 NJRC-NJG1555KB2 Datasheet
183Kb / 11P
   800mhZ band mixer gAaS mmic
NJG1104KB2 NJRC-NJG1104KB2 Datasheet
273Kb / 12P
   800MHz BAND LNA GaAs MMIC
NJG1708PC1 NJRC-NJG1708PC1 Datasheet
72Kb / 5P
   800MHz BAND DOWNCONVERTER GaAs MMIC
NJG1106KB2 NJRC-NJG1106KB2 Datasheet
171Kb / 11P
   800MHz BAND LNA GaAs MMIC
NJG1704KC1 NJRC-NJG1704KC1 Datasheet
459Kb / 17P
   800MHz BAND FRONT-END GaAs MMIC
NJG1704V NJRC-NJG1704V Datasheet
340Kb / 16P
   800MHz BAND FRONT-END GaAs MMIC
NJG1553BF NJRC-NJG1553BF Datasheet
414Kb / 9P
   1.9ghZ band mixer gAaS mmic
logo
Sony Corporation
CXG1111EN SONY-CXG1111EN Datasheet
92Kb / 6P
   800MHz Band Receive Mixer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com