Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZVNL110G Datasheet(PDF) 1 Page - Diodes Incorporated

Part # ZVNL110G
Description  100V N-CHANNEL ENHANCEMENT MODE MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZVNL110G Datasheet(HTML) 1 Page - Diodes Incorporated

  ZVNL110G_15 Datasheet HTML 1Page - Diodes Incorporated ZVNL110G_15 Datasheet HTML 2Page - Diodes Incorporated ZVNL110G_15 Datasheet HTML 3Page - Diodes Incorporated ZVNL110G_15 Datasheet HTML 4Page - Diodes Incorporated ZVNL110G_15 Datasheet HTML 5Page - Diodes Incorporated ZVNL110G_15 Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
ZVNL110G
Document number: DS33386 Rev. 4 - 2
1 of 6
www.diodes.com
February 2015
© Diodes Incorporated
ZVNL110G
100V N-CHANNEL ENHANCEMENT MODE MOSFET
Product Summary
BVDSS
RDS(ON) max
ID max
TA = 25°C
100V
3.0
Ω @ VGS = 10V
0.6A
4.5
Ω @ VGS = 5.0V
0.5A
Description
This new generation MOSFET is designed to minimize the on-state
resistance (RDS(ON)) and yet maintain superior switching performance,
making it ideal for high efficiency power management applications.
Applications
DC-DC Converters
Power Management Functions
Features and Benefits
Low On-Resistance
Low Input Capacitance
Fast Switching Speed
Low Input/Output Leakage
Lead-Free Finish; RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Mechanical Data
Case: SOT223
Case Material: Molded Plastic, “Green” Molding Compound.
UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals Connections: See Diagram Below
Terminals: Finish - Matte Tin Annealed over Copper Leadframe.
Solderable per MIL-STD-202, Method 208
Weight: 0.112 grams (Approximate)
Ordering Information (Note 4)
Part Number
Compliance
Case
Packaging
ZVNL110GTA
Standard
SOT223
1,000/Tape & Reel
Notes:
1. EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant. All applicable RoHS exemptions applied.
2. See http://www.diodes.com/quality/lead_free.html
for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at http://www.diodes.com/products/packages.html.
Marking Information
Top View
SOT223
D
S
G
Equivalent Circuit
Pin Out - Top View
Green
ZVNL110 = Product Type Marking Code
YWW = Date Code Marking
Y or Y = Last Digit of Year (ex: 5= 2015)
WW or WW = Week Code (01~53)
SOT223
110
ZVNL


Similar Part No. - ZVNL110G_15

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
ZVNL110GTA VBSEMI-ZVNL110GTA Datasheet
977Kb / 6P
   N-Channel 100-V (D-S) MOSFET
More results

Similar Description - ZVNL110G_15

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMN10B08E6 ZETEX-ZXMN10B08E6 Datasheet
252Kb / 7P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN10A11G ZETEX-ZXMN10A11G Datasheet
1Mb / 7P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
DMN10H099SK3 DIODES-DMN10H099SK3_15 Datasheet
361Kb / 6P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Zetex Semiconductors
ZXMN10A08E6 ZETEX-ZXMN10A08E6_05 Datasheet
186Kb / 7P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
ZXMN10A08DN8 DIODES-ZXMN10A08DN8 Datasheet
185Kb / 7P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN10A09K DIODES-ZXMN10A09K Datasheet
660Kb / 8P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN10A11K DIODES-ZXMN10A11K Datasheet
670Kb / 8P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET
DMN10H220LE DIODES-DMN10H220LE_15 Datasheet
500Kb / 7P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET
DMN10H220LVT DIODES-DMN10H220LVT_15 Datasheet
400Kb / 7P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET
ZVN3310F DIODES-ZVN3310F_15 Datasheet
180Kb / 5P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET
DMT10H015LK3 DIODES-DMT10H015LK3 Datasheet
533Kb / 7P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com