Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZVN4525E6 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # ZVN4525E6
Description  250V N-CHANNEL ENHANCEMENT MODE MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZVN4525E6 Datasheet(HTML) 1 Page - Diodes Incorporated

  ZVN4525E6_15 Datasheet HTML 1Page - Diodes Incorporated ZVN4525E6_15 Datasheet HTML 2Page - Diodes Incorporated ZVN4525E6_15 Datasheet HTML 3Page - Diodes Incorporated ZVN4525E6_15 Datasheet HTML 4Page - Diodes Incorporated ZVN4525E6_15 Datasheet HTML 5Page - Diodes Incorporated ZVN4525E6_15 Datasheet HTML 6Page - Diodes Incorporated ZVN4525E6_15 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
ZVN4525E6
Datasheet Number: DS33381 Rev. 2 – 2
1 of 7
www.diodes.com
March 2015
© Diodes Incorporated
ZVN4525E6
250V N-CHANNEL ENHANCEMENT MODE MOSFET
Product Summary
V(BR)DSS
Max RDS(on)
Max ID
TA = +25°°°°C
250V
8.5
@ VGS = 10V
230mA
Description and Applications
This 250V enhancement mode N-channel MOSFET provides users
with a competitive specification. It offers efficient power handling
capability, high impedance and is free from thermal runaway and
thermally induced secondary breakdowns. Applications benefiting
from this device include a variety of Telecom and general high-
voltage circuits.
SOT89 and SOT223 versions are also available.
Earth Recall and Dialing Switches
Electronic Hook Switches
High Voltage Power MOSFET Drivers
Telecom Call Routers
Solid State Relays
Features and Benefits
High voltage
Low on-resistance
Fast switching speed
Low threshold
Low gate drive
Complementary P-channel Type ZVP4525E6
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Mechanical Data
Case: SOT26
Case Material: Molded Plastic, “Green” Molding Compound.
UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Finish – Matte Tin Annealed over Copper Leadframe.
Solderable per MIL-STD-202, Method 208
Weight: 0.015 grams (Approximate)
Ordering Information (Note 4)
Part Number
Reel Size (inch)
Tape Width (mm)
Quantity Per Reel
ZVN4525E6TA
7
8
3,000
ZVN4525E6TC
13
8
10,000
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen and Antimony free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl)
and <1000ppm antimony compounds.
4. For packaging details, go to our website at http://www.diodes.com.
Marking Information
SOT26
Date Code Key
Year
2015
2016
2017
2018
2019
2020
2021
2022
2023
2024
2025
Code
C
D
E
F
G
H
I
J
K
L
M
Month
Jan
Feb
Mar
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
1
2
3
4
5
6
7
8
9
O
N
D
Top View
Pinout Top-view
Device symbol
SOT26
N52 = Product Type Marking Code
YM = Date Code Marking
Y or Y = Year (ex: C = 2015)
M or M = Month (ex: 9 = September)
N52


Similar Part No. - ZVN4525E6_15

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZVN4525E6TA ZETEX-ZVN4525E6TA Datasheet
426Kb / 8P
   250V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
ZVN4525E6TA DIODES-ZVN4525E6TA Datasheet
437Kb / 8P
   250V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
VBsemi Electronics Co.,...
ZVN4525E6TA VBSEMI-ZVN4525E6TA Datasheet
449Kb / 9P
   N-Channel 200 V (D-S) MOSFET
logo
Zetex Semiconductors
ZVN4525E6TC ZETEX-ZVN4525E6TC Datasheet
426Kb / 8P
   250V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
ZVN4525E6TC DIODES-ZVN4525E6TC Datasheet
437Kb / 8P
   250V N-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - ZVN4525E6_15

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
KVN4525E6 KEXIN-KVN4525E6 Datasheet
56Kb / 2P
   250V N-Channel Enhancement Mode MOSFET
logo
Zetex Semiconductors
ZVN4525E6 ZETEX-ZVN4525E6 Datasheet
426Kb / 8P
   250V N-CHANNEL ENHANCEMENT MODE MOSFET
ZVN4525G ZETEX-ZVN4525G Datasheet
408Kb / 8P
   250V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Cystech Electonics Corp...
MTB1K8N25N3 CYSTEKEC-MTB1K8N25N3 Datasheet
651Kb / 9P
   250V N-Channel Enhancement Mode MOSFET
logo
Zetex Semiconductors
ZVN4525Z ZETEX-ZVN4525Z Datasheet
431Kb / 8P
   250V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
ZVN4525E6 DIODES-ZVN4525E6 Datasheet
437Kb / 8P
   250V N-CHANNEL ENHANCEMENT MODE MOSFET
ZVN4525G DIODES-ZVN4525G Datasheet
419Kb / 8P
   250V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Guangdong Kexin Industr...
KVN4525Z KEXIN-KVN4525Z Datasheet
55Kb / 2P
   250V N-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
ZVN4525Z DIODES-ZVN4525Z Datasheet
443Kb / 8P
   250V N-CHANNEL ENHANCEMENT MODE MOSFET
ZVN4525G DIODES-ZVN4525G_15 Datasheet
295Kb / 7P
   250V N-CHANNEL ENHANCEMENT MODE MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com