Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3829 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC3829
Description  3-Phase, Single Output Synchronous Step-Down DC/DC Controller with Diffamp
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3829 Datasheet(HTML) 4 Page - Linear Technology

  LTC3829_15 Datasheet HTML 1Page - Linear Technology LTC3829_15 Datasheet HTML 2Page - Linear Technology LTC3829_15 Datasheet HTML 3Page - Linear Technology LTC3829_15 Datasheet HTML 4Page - Linear Technology LTC3829_15 Datasheet HTML 5Page - Linear Technology LTC3829_15 Datasheet HTML 6Page - Linear Technology LTC3829_15 Datasheet HTML 7Page - Linear Technology LTC3829_15 Datasheet HTML 8Page - Linear Technology LTC3829_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 40 page
background image
LTC3829
4
3829fc
For more information www.linear.com/LTC3829
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the full operating
junction temperature range, otherwise specifications are at TA = 25°C. VIN = 15V, VRUN = 5V, unless otherwise noted. (Note 2)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
TG1,2,3 tr
TG1,2,3 tf
TG Transition Time
Rise Time
Fall Time
(Note 6)
CLOAD = 3300pF
CLOAD = 3300pF
25
25
ns
ns
BG1,2,3 tr
BG1,2,3 tf
BG Transition Time
Rise Time
Fall Time
(Note 6)
CLOAD = 3300pF
CLOAD = 3300pF
25
25
ns
ns
TG/BG t1D
Top Gate Off to Bottom Gate On Delay
Synchronous Switch-On Delay Time
CLOAD = 3300pF Each Driver
30
ns
BG/TG t2D
Bottom Gate Off to Top Gate On Delay
Top Switch-On Delay Time
CLOAD = 3300pF Each Driver
30
ns
tON(MIN)
Minimum On-Time
(Note 7)
90
ns
INTVCC Linear Regulator
VINTVCC
Internal VCC Voltage
6V < VIN ≤ 38V
4.8
5.0
5.2
V
VLDO INT
INTVCC Load Regulation
ICC = 0mA to 20mA
0.5
2.0
%
VEXTVCC
EXTVCC Switchover Voltage
EXTVCC Ramping Positive
l
4.5
4.7
V
VLDO EXT
EXTVCC Voltage Drop
ICC = 20mA, VEXTVCC = 5V
50
100
mV
VLDOHYS
EXTVCC Hysteresis
200
mV
Oscillator and Phase-Locked Loop
fNOM
Nominal Frequency
VFREQ = 1.2V
450
500
550
kHz
fLOW
Lowest Frequency
VFREQ = 0V
210
250
290
kHz
fHIGH
Highest Frequency
VFREQ ≥ 2.4V
700
770
850
kHz
RPLLN
PLLIN Input Resistance
100
IFREQ
Frequency Setting Current
9
10
11
µA
IISET
Shed and Burst Mode Program
Current
6.5
7.5
8.5
µA
CLKOUT
Phase (Relative to Controller 1)
Non-Shedding Mode
Channel 2 and 3 Shedding
60
180
Deg
Deg
CLKHIGH
Clock High Output Voltage
4
5
V
CLKLOW
Clock Low Output Voltage
0
0.2
V
PGOOD Output
VPGL
PGOOD Voltage Low
IPGOOD = 2mA
0.1
0.3
V
IPGOOD
PGOOD Leakage Current
VPGOOD = 5V
0
±2
µA
VPG
PGOOD Trip Level, Either Controller
VFB with Respect to Set Output Voltage
VFB Ramping Negative
VFB Ramping Positive
–12
8
–10
10
–7
13
%
%
Differential Amplifier
ADA
Gain
l
0.997
1
1.003
V/V
RIN
Input Resistance
Measured at DIFFP Input
80
VOS
Input Offset Voltage
VDIFFP = VDIFFOUT = 1.5V,
IDIFFOUT = 100µA
2.5
mV
PSRR
Power Supply Rejection Ratio
5V < VIN < 38V
100
dB
ICL
Maximum Output Current
3
mA
VOUT(MAX)
Maximum Output Voltage
INTVCC = 5V, IDIFFOUT = 300µA
VINTVCC – 1.4 VINTVCC – 1.1
V
GBW
Gain-Bandwidth Product
(Note 8)
3
MHz
SR
Slew Rate
(Note 8)
2
V/µs


Similar Part No. - LTC3829_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3829EFE-PBF LINER-LTC3829EFE-PBF Datasheet
484Kb / 40P
   3-Phase, Single Output Synchronous Step-Down DC/DC Controller with Diffamp
LTC3829EFE-TRPBF LINER-LTC3829EFE-TRPBF Datasheet
484Kb / 40P
   3-Phase, Single Output Synchronous Step-Down DC/DC Controller with Diffamp
LTC3829EUHF-PBF LINER-LTC3829EUHF-PBF Datasheet
484Kb / 40P
   3-Phase, Single Output Synchronous Step-Down DC/DC Controller with Diffamp
LTC3829EUHF-TRPBF LINER-LTC3829EUHF-TRPBF Datasheet
484Kb / 40P
   3-Phase, Single Output Synchronous Step-Down DC/DC Controller with Diffamp
LTC3829IFE-PBF LINER-LTC3829IFE-PBF Datasheet
484Kb / 40P
   3-Phase, Single Output Synchronous Step-Down DC/DC Controller with Diffamp
More results

Similar Description - LTC3829_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3829 LINER-LTC3829 Datasheet
484Kb / 40P
   3-Phase, Single Output Synchronous Step-Down DC/DC Controller with Diffamp
LTC3856 LINER-LTC3856 Datasheet
2Mb / 40P
   2-Phase Synchronous Step-Down DC/DC Controller with Diffamp
LTC3856 LINER-LTC3856_15 Datasheet
2Mb / 40P
   2-Phase Synchronous Step-Down DC/DC Controller with Diffamp
LTC3773 LINER-LTC3773 Datasheet
466Kb / 32P
   Triple Output Synchronous 3-Phase DC/DC Controller with Up/Down Tracking
LTC3773 LINER-LTC3773_15 Datasheet
479Kb / 32P
   Triple Output Synchronous 3-Phase DC/DC Controller with Up/Down Tracking
LTC1773 LINER-LTC1773_15 Datasheet
298Kb / 20P
   Synchronous Step-Down DC/DC Controller
LTC1773 LINER-LTC1773 Datasheet
293Kb / 20P
   Synchronous Step-Down DC/DC Controller
logo
List of Unclassifed Man...
ML3406 ETC1-ML3406 Datasheet
730Kb / 12P
   Synchronous Step-Down DC-DC Controller
logo
Linear Technology
LTC3839 LINER-LTC3839 Datasheet
696Kb / 50P
   Fast, Accurate, 2-Phase, Single-Output Step-Down DC/DC Controller
LTC3839 LINER-LTC3839_15 Datasheet
701Kb / 50P
   Fast, Accurate, 2-Phase, Single-Output Step-Down DC/DC Controller with Differential Output Sensing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com