Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3811 Datasheet(PDF) 10 Page - Linear Technology

Part # LTC3811
Description  High Speed Dual, Multiphase Step-Down DC/DC Controller
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3811 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC3811_15 Datasheet HTML 6Page - Linear Technology LTC3811_15 Datasheet HTML 7Page - Linear Technology LTC3811_15 Datasheet HTML 8Page - Linear Technology LTC3811_15 Datasheet HTML 9Page - Linear Technology LTC3811_15 Datasheet HTML 10Page - Linear Technology LTC3811_15 Datasheet HTML 11Page - Linear Technology LTC3811_15 Datasheet HTML 12Page - Linear Technology LTC3811_15 Datasheet HTML 13Page - Linear Technology LTC3811_15 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 48 page
background image
LTC3811
10
3811f
TYPICAL PERFORMANCE CHARACTERISTICS
Top Gate Turn-On Waveform
Driving Renesas RJK0305DPB
Start-Up Into a Pre-Biased
Output Capacitor
Sequenced Start-Up
Ratiometric Tracking Start-Up
Coincident Tracking Start-Up
10ns/DIV
3811 G37
VIN = 12V
VOUT = 1.5V
IOUT = 5A
2V/DIV
TG – SW
Top Gate Turn-Off Waveform
Driving Renesas RJK0305DPB
10ns/DIV
3811 G38
VIN = 12V
VOUT = 1.5V
IOUT = 5A
2V/DIV
TG – SW
Bottom Gate Turn-On Waveform
Driving Renesas RJK0301DPB
25ns/DIV
3811 G39
VIN = 12V
VOUT = 1.5V
IOUT = 5A
2V/DIV
Bottom Gate Turn-Off Waveform
Driving Renesas RJK0301DPB
25ns/DIV
3811 G40
VIN = 12V
VOUT = 1.5V
IOUT = 5A
2V/DIV
Single Output, 2-Phase Current
Sharing Waveforms
1μs/DIV
3811 G41
VIN = 12V
VOUT = 1.5V
IOUT = 16A
IL
5A/DIV
SW1
10V/DIV
SW2
10V/DIV
1V
PRE BIAS
500μs/DIV
3811 G42
VOUT = 3.3V
1V/DIV
OV
RUN2
5V/DIV
500mV/DIV
RUN1
2V/DIV
10ms/DIV
3811 G43
VIN = 12V
RLOAD1 = RLOAD2 = 1.5Ω
RUN2 CONNECTED TO PGOOD1
VOUT1 = 2V
VOUT2 = 1.5V
500mV/DIV
5ms/DIV
3811 G44
VIN = 12V
RLOAD1 = RLOAD2 = 1.5Ω
VOUT1 = 2V
VOUT2 = 1.5V
500mV/DIV
5ms/DIV
3811 G45


Similar Part No. - LTC3811_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3811EG-PBF LINER-LTC3811EG-PBF Datasheet
539Kb / 48P
   High Speed Dual, Multiphase Step-Down DC/DC Controller
LTC3811EG-TRPBF LINER-LTC3811EG-TRPBF Datasheet
539Kb / 48P
   High Speed Dual, Multiphase Step-Down DC/DC Controller
LTC3811EUHF-PBF LINER-LTC3811EUHF-PBF Datasheet
539Kb / 48P
   High Speed Dual, Multiphase Step-Down DC/DC Controller
LTC3811EUHF-TRPBF LINER-LTC3811EUHF-TRPBF Datasheet
539Kb / 48P
   High Speed Dual, Multiphase Step-Down DC/DC Controller
More results

Similar Description - LTC3811_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3811 LINER-LTC3811 Datasheet
539Kb / 48P
   High Speed Dual, Multiphase Step-Down DC/DC Controller
LTC3860 LINER-LTC3860_15 Datasheet
446Kb / 36P
   Dual, Multiphase Step-Down Voltage Mode DC/DC Controller with Current Sharing
LTC3860 LINER-LTC3860 Datasheet
451Kb / 36P
   Dual, Multiphase Step-Down Voltage Mode DC/DC Controller with Current Sharing
LTC3861-1 LINER-LTC3861-1_15 Datasheet
1Mb / 38P
   Dual, Multiphase Step-Down Voltage Mode DC/DC Controller with Accurate Current Sharing
LTC3861 LINER-LTC3861_15 Datasheet
977Kb / 38P
   Dual, Multiphase Step-Down Voltage Mode DC/DC Controller with Accurate Current Sharing
LTC3861-1 LINER-LTC3861-1 Datasheet
550Kb / 36P
   Dual, Multiphase Step-Down Voltage Mode DC/DC Controller with Accurate Current Sharing
logo
Analog Devices
LT8277 AD-LT8277 Datasheet
601Kb / 31P
   Multiphase Current Mode Step-Up DC/DC Controller
Rev 0
logo
Maxim Integrated Produc...
MAX16993 MAXIM-MAX16993 Datasheet
1Mb / 25P
   Step-Down Controller with Dual 2.1MHz Step-Down DC-DC Converters
Rev 0; 5/13
MAX16993 MAXIM-MAX16993_V01 Datasheet
1Mb / 24P
   Step-Down Controller with Dual 2.1MHz Step-Down DC-DC Converters
2016
MAX20028 MAXIM-MAX20028 Datasheet
1Mb / 24P
   Step-Down Controller with Dual 2.1MHz Step-Down DC-DC Converters
Rev 6; 3/20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com