Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3774 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC3774
Description  Dual, Multiphase Current Mode Synchronous Controller for Sub-Milliohm DCR Sensing
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3774 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC3774_15 Datasheet HTML 4Page - Linear Technology LTC3774_15 Datasheet HTML 5Page - Linear Technology LTC3774_15 Datasheet HTML 6Page - Linear Technology LTC3774_15 Datasheet HTML 7Page - Linear Technology LTC3774_15 Datasheet HTML 8Page - Linear Technology LTC3774_15 Datasheet HTML 9Page - Linear Technology LTC3774_15 Datasheet HTML 10Page - Linear Technology LTC3774_15 Datasheet HTML 11Page - Linear Technology LTC3774_15 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 38 page
background image
LTC3774
8
3774fb
For more information www.linear.com/LTC3774
pin FuncTions
PGOOD1, PGOOD2 (Pin 15, Pin 14): Power Good Indica-
tor Outputs. Open drain outputs that pull to ground when
output voltage is not in regulation.
SNSA1+, SNSA2+ (Pin 16, Pin 13): AC Current Sense
Comparator (+) Inputs. This input senses the signal from
the output inductor’s DCR with a filter bandwidth of five
times larger than the inductor’s L/DCR value.
SNS1, SNS2(Pin 17, Pin 12): Negative current Sense
Inputs. The negative input of the current comparator is
normally connected to the output.
SNSD1+, SNSD2+ (Pin 18, Pin 11): DC Current Sense
Comparator (+) Inputs. This input senses the signal from
the output inductor’s DCR with a filter bandwidth equal to
the inductor’s L/DCR value.
RUN1, RUN2 (Pin 20, Pin 9): Run Control Inputs. A volt-
age above 1.22V turns on the IC. There is a 1µA pull-up
current on this pin. Once the RUN pin rises above the
1.22V threshold the pull-up increases to 5µA.
PMW1, PWM2 (Pin 21, Pin 8): (Top) Gate Signal Outputs.
This signal goes to the PWM or top gate input of the ex-
ternal gate driver or integrated driver MOSFET or Power
Block. This is a three-state compatible output.
PWMEN1, PWMEN2 (Pin 22, Pin 7): Enable pins for non-
three-state compatible drivers. This pin has an internal
open-drain pull-up to INTVCC. An external resistor to GND
is required. This pin is low when the corresponding PWM
pin is high impedance.
HIZB1, HIZB2 (Pin 23, Pin 6): Phase Shedding Input Pins.
When this pin is low, the corresponding PWM pin goes
high impedance and PWMEN goes low. Tie to INTVCC or
VIN to disable this function.
TK/SS1, TK/SS2 (Pin 24, Pin 5): Output Voltage Tracking
and Soft-Start Inputs. The voltage ramp rate at this pin
sets the voltage ramp rate of the output. A capacitor to
ground accomplishes soft-start. This pin has a 1.25µA
pull-up current.
VOSNS1+, VOSNS2+ (Pin 25, Pin 4): Remote Sense Differ-
entialAmplifierNon-invertingInputs.ConnecttoFeedback
divider center tap with the divider across the output load.
Theremotesensedifferentialamplifier’soutputisinternally
connected to the error amplifier inverting input.
VOSNS1–, VOSNS2– (Pin 26, Pin 3): Remote Sense Differ-
ential Amplifier Inverting inputs. Connect to sense ground
at the output load.
ITH1, ITH2 (Pin 27, Pin 2): Current Control Thresholds
and Error Amplifier Compensation Points. The current
comparator’s threshold increases with the ITH control
voltage.
ITEMP1, ITEMP2 (Pin 28, Pin 1): Input of the temperature
sensing comparators. Connect this pin to an external NTC
resistorplacedneartheinductors.Floatingthispindisables
the DCR temperature compensation function.
ILIM1, ILIM2 (Pin 29, Pin 36): Current Comparator Sense
Voltage Limit Selection pins.
PHSMD (Pin 30): Phase Mode Pin. This pin selects CH1-
CH2 and CH1-CLKOUT phase relationships.
FREQ (Pin 31): Frequency Set/Select Pin. A resistor
between this pin and GND sets the switching frequency.
This pin sources 20uA.
MODE/PLLIN (Pin 32): Dual Function Pin. Tying this pin
to GND, INTVCC or floating it enables forced continuous
mode, pulse-skipping mode or Burst Mode operation re-
spectively. Applying a clock signal to this pin causes the
internal PLL to synchronize the internal oscillator to the
clock signal and forces forced continuous mode. The PLL
compensation network is integrated on to the IC.
CLKOUT (Pin 33): Clock Output Pin. This pin is used to
synchronize other LTC3774s.
INTVCC (Pin 34): Internal 5.5V Regulator Output. The con-
trol circuits are powered from this voltage. Decouple this
pin to GND with a minimum of 4.7µF low ESR tantalum
or ceramic capacitor. This pin is intended to be used as a
reference only. Please do not bias other applications off
this voltage!
VIN (Pin 35): Main Input Supply. Decouple this pin to GND
with a capacitor (0.1µF to 1µF)
GND (Pins 19, 10, Exposed Pad Pin 37): Ground. All
small-signal components and compensation components
should be connected here. The exposed pad must be
soldered to the PCB ground for electrical connection and
rated thermal performance.


Similar Part No. - LTC3774_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3774EUHE LINER-LTC3774EUHE Datasheet
2Mb / 12P
   High Efficiency Dual Output Step-Down Converter with Very Low DCR Inductor
More results

Similar Description - LTC3774_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3774 LINER-LTC3774 Datasheet
421Kb / 38P
   Dual, Multiphase Current Mode Synchronous Controller for Sub-Milliohm DCR Sensing
LTC3866 LINER-LTC3866_15 Datasheet
527Kb / 36P
   Current Mode Synchronous Controller for Sub Milliohm DCR Sensing
LTC3866 LINER-LTC3866 Datasheet
465Kb / 36P
   Current Mode Synchronous Controller for Sub Milliohm DCR Sensing
LTC3874 LINER-LTC3874_15 Datasheet
542Kb / 28P
   PolyPhase Step-Down Synchronous Slave Controller with Sub-Milliohm DCR Sensing
LTC3874-1 LINER-LTC3874-1 Datasheet
1,006Kb / 22P
   PolyPhase Step-Down Synchronous Slave Controller with Sub-Milliohm DCR Sensing
logo
National Semiconductor ...
LM27402 NSC-LM27402 Datasheet
670Kb / 32P
   High Performance Synchronous Buck Controller with DCR Current Sensing
logo
Linear Technology
LTC3884 LINER-LTC3884 Datasheet
3Mb / 128P
   Dual Output PolyPhase Step-Down Controller with Sub-Milliohm DCR Sensing and Digital Power System Management
logo
Texas Instruments
LM27402 TI-LM27402_15 Datasheet
2Mb / 48P
[Old version datasheet]   LM27402 High-Performance Synchronous Buck Controller With DCR Current Sensing
logo
Linear Technology
LTC3875 LINER-LTC3875 Datasheet
979Kb / 46P
   Dual, 2-Phase, Synchronous Controller with Low Value DCR Sensing and Temperature Compensation
LTC3875 LINER-LTC3875_15 Datasheet
606Kb / 44P
   Dual, 2-Phase, Synchronous Controller with Low Value DCR Sensing and Temperature Compensation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com