Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

251013B Datasheet(PDF) 1 Page - Integrated Technology Future

Part # 251013B
Description  Typical 1dB bandwidth of 10.0 MHz
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITF [Integrated Technology Future]
Direct Link  http://www.itf.co.kr
Logo ITF - Integrated Technology Future

251013B Datasheet(HTML) 1 Page - Integrated Technology Future

  251013B Datasheet HTML 1Page - Integrated Technology Future 251013B Datasheet HTML 2Page - Integrated Technology Future  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
105.5 MHz SAW Filter
Part Number 251013B
Tel: 82-32-621-1213
2013. 03. 25
I T F
Co., Ltd.
102-901, Bucheon Technopark 364, Samjeong-Dong,
Ojeong-Gu, Bucheon-City,
Gyounggi-Do, Korea 421-809
Fax: 82-32-621-1218
http://www.itf.co.kr
sales@itf.co.kr
Rev 1.0
1. Features
Typical 1dB bandwidth of 10.0 MHz
High attenuation
Single Ended Operation
Dual In-line Package (DIP)
2. Electrical Specifications
Source and Load Impedance = 50
Operating Temperature : +25℃
Minimum
Typical
Maximum
Center Frequency (fo)
MHz
-
105.05
-
Insertion Loss
dB
-
22.5
24.0
1 dB Bandwidth
MHz
9.9
10.08
-
3dB Bandwidth
MHz
-
10.43
-
40dB Bandwidth
MHz
-
11.71
11.85
Amplitude Ripple (fo ± 4.84 MHz)
dB
-
0.55
1.0
Group Delay Variation (fo ± 4.84 MHz)
nsec
-
50
100
Absolute Delay
usec
-
1.97
2.00
Ultimate Rejection
dB
48
53
-
Temperature Coefficient of Frequency
ppm/℃
-72
D2012 Package Dimension
Matching Schematic
L1 = L2 = 33nH, C1 = C2 = 47pF
Pin Configuration
Input
1
Ground
2,4
12.7±0.5
5.5max 6.0max
7.6±0.2
Dimensions shown are nominal in millimeters
Base : Fe(SPCC), Au plating over Ni plated
Cap : Cu & Cr Alloy, Ni Plated
Termination : Kovar, Au Plated
Output
5
Others
Ground
C2
C1
L2
L1
Input
50Ω
Output
50Ω
1
1
1
1
5
5
5
5


Similar Part No. - 251013B

ManufacturerPart #DatasheetDescription
logo
Turck, Inc.
25101 TURCK-25101 Datasheet
282Kb / 3P
   Capacitive Sensor
11/07/2023
2510105 TURCK-2510105 Datasheet
299Kb / 3P
   Capacitive Sensor – For the Food Industry
11/07/2023
logo
Integrated Technology F...
251010B ITF-251010B Datasheet
166Kb / 2P
   Typical 1dB bandwidth of 10.1 MHz2
251012B ITF-251012B Datasheet
153Kb / 2P
   Typical 1dB bandwidth of 10.3 MHz
251015B ITF-251015B Datasheet
181Kb / 2P
   Typical 2dB bandwidth of 10.1 MHz
More results

Similar Description - 251013B

ManufacturerPart #DatasheetDescription
logo
Integrated Technology F...
251008B ITF-251008B Datasheet
179Kb / 2P
   Typical 1dB bandwidth of 10.0 MHz
251017B ITF-251017B Datasheet
171Kb / 2P
   Typical 1dB bandwidth of 10.0 MHz
231003B ITF-231003B Datasheet
183Kb / 2P
   Typical 1dB bandwidth of 10.0 MHz
211002B ITF-211002B Datasheet
171Kb / 2P
   Typical 1dB bandwidth of 9.8 MHz
231654B ITF-231654B Datasheet
170Kb / 2P
   Typical 1dB bandwidth of 15.85 MHz
233005B ITF-233005B Datasheet
165Kb / 2P
   Typical 1dB bandwidth of 30.0 MHz
233055B ITF-233055B Datasheet
168Kb / 2P
   Typical 1dB bandwidth of 29.5 MHz
250254B ITF-250254B Datasheet
190Kb / 2P
   Typical 1dB bandwidth of 2.5 MHz
252058B ITF-252058B Datasheet
171Kb / 2P
   Typical 1dB bandwidth of 19.6 MHz
251661B ITF-251661B Datasheet
172Kb / 2P
   Typical 1dB bandwidth of 16.2 MHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com