Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZVN4206AV Datasheet(PDF) 3 Page - Diodes Incorporated

Part # ZVN4206AV
Description  N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZVN4206AV Datasheet(HTML) 3 Page - Diodes Incorporated

  ZVN4206AV_15 Datasheet HTML 1Page - Diodes Incorporated ZVN4206AV_15 Datasheet HTML 2Page - Diodes Incorporated ZVN4206AV_15 Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
ZVN4206AV
VDS-Drain Source Voltage (Volts)
Capacitance v drain-source voltage
Q-Charge (nC)
Gate charge v gate-source voltage
0
10
8
6
2
0
4
12
14
16
VDS=
20V
ID=1.5A
40V 60V
0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5 6.0
Coss
Ciss
Crss
010
20
30
40
50
60
70
80
0
120
80
40
160
200
Tj - Junction Temperature (°C)
Maximum repetative avalanche energy
v Junction Temperature
Maximum repetative avalanche current
v Junction Temperature
Tj - Junction Temperature (°C)
Transconductance v drain current
ID- Drain Current (Amps)
Transconductance v gate-source voltage
VGS-Gate Source Voltage (Volts)
0
1
234
5
6
7
8
9
10
VDS=10V
0
300
200
100
400
800
700
600
500
900
1000
0
1
234
5
6
7
8
9
10
VDS=10V
0
300
200
100
400
800
700
600
500
900
1000
TYPICAL CHARACTERISTICS


Similar Part No. - ZVN4206AV_15

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZVN4206AV ZETEX-ZVN4206AV Datasheet
95Kb / 3P
   N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
logo
Diodes Incorporated
ZVN4206AV DIODES-ZVN4206AV Datasheet
104Kb / 3P
   N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
More results

Similar Description - ZVN4206AV_15

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
VN0104 SUTEX-VN0104 Datasheet
476Kb / 4P
   N-Channel Enhancement-Mode Vertical DMOS FET
TN2524 SUTEX-TN2524_07 Datasheet
700Kb / 5P
   N-Channel Enhancement-Mode Vertical DMOS FET
logo
Zetex Semiconductors
VN10LP ZETEX-VN10LP Datasheet
22Kb / 1P
   N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
BSS123 ZETEX-BSS123 Datasheet
45Kb / 1P
   N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVN0540A ZETEX-ZVN0540A Datasheet
26Kb / 1P
   N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVN1409A ZETEX-ZVN1409A Datasheet
49Kb / 3P
   N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVN2106G ZETEX-ZVN2106G Datasheet
30Kb / 2P
   N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVN2110A ZETEX-ZVN2110A Datasheet
87Kb / 3P
   N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVN4106F ZETEX-ZVN4106F Datasheet
41Kb / 2P
   N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVN4210A ZETEX-ZVN4210A Datasheet
37Kb / 2P
   N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVNL110A ZETEX-ZVNL110A Datasheet
22Kb / 1P
   N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com