Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

250963B Datasheet(PDF) 1 Page - Integrated Technology Future

Part # 250963B
Description  Typical 1dB bandwidth of 9.2 MHz
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITF [Integrated Technology Future]
Direct Link  http://www.itf.co.kr
Logo ITF - Integrated Technology Future

250963B Datasheet(HTML) 1 Page - Integrated Technology Future

  250963B Datasheet HTML 1Page - Integrated Technology Future 250963B Datasheet HTML 2Page - Integrated Technology Future  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
155.0 MHz SAW Filter
Part Number250963B
Tel: 82-32-621-1213
2013. 03. 28
I T F
Co., Ltd.
102-901, Bucheon Technopark 364, Samjeong-Dong,
Ojeong-Gu, Bucheon-City,
Gyounggi-Do, Korea 421-809
Fax: 82-32-621-1218
http://www.itf.co.kr
sales@itf.co.kr
Rev 1.0
1. Features
Typical 1dB bandwidth of 9.2 MHz
High attenuation
Single Ended Operation
Surface Mounted Package (SMD)
2. Electrical Specifications
Source and Load Impedance = 50
Room Temperature :
+25℃
Minimum
Typical
Maximum
Center Frequency (fo)
MHz
-
155.0
-
Insertion Loss
dB
-
26.5
28.5
1dB Bandwidth
MHz
9.1
9.23
-
3dB Bandwidth
MHz
-
9.42
-
20dB Bandwidth
MHz
-
10.02
-
40dB Bandwidth
MHz
-
10.4
10.55
Amplitude Ripple (fo ± 4.51 MHz)
dB
-
0.78
1.5
Group Delay Variation (fo ± 4.51 MHz)
nsec
-
80
150
Absolute Delay
usec
-
2.24
-
Ultimate Rejection
dB
40
45
-
Temperature Coefficient of Frequency
ppm/℃
-
-18
-
Relative Attenuation
@edge ± 0.555MHz
dBc
-
23
-
@Edge : 9.02MHz
S2098 Package Dimension
Matching Schematic
L1 = 18nH, L2 = 33nH, C1 = C2 = 30pF
Pin Configuration
Input
10
Ground
1,6
6
7
8
9
10
5
4
3
2
1
7
8
9
10
6
4
3
2
1
5
20.00±0.2
1.02±0.1
1.91±0.1
7.62±0.1
1.56±0.2
Dimensions shown are nominal in millimeters
Body : Al2O3
Lid : Kovar, Ni Plated
Termination : Au plating 0.3 ~ 1.0um, over a 1.27 ~ 8.89um Ni Plating
Output
5
Others
Ground
C2
C1
L2
L1
Input
50Ω
Output
50Ω
ITF 12A001
250963B
。155-9.2M
10
10
10
10
5
5
5
5


Similar Part No. - 250963B

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
25096 ALPHAWIRE-25096 Datasheet
93Kb / 4P
   Customer Specification
1/5/2023
logo
Integrated Technology F...
250960B ITF-250960B Datasheet
184Kb / 2P
   Typical 1dB bandwidth of 9.3 MHz
250961B ITF-250961B Datasheet
175Kb / 2P
   Typical 1dB bandwidth of 9.3 MHz
250962B ITF-250962B Datasheet
175Kb / 2P
   Typical 1dB bandwidth of 9.2 MHz
250965B ITF-250965B Datasheet
171Kb / 2P
   Typical 1dB bandwidth of 9.3 MHz
More results

Similar Description - 250963B

ManufacturerPart #DatasheetDescription
logo
Integrated Technology F...
250962B ITF-250962B Datasheet
175Kb / 2P
   Typical 1dB bandwidth of 9.2 MHz
220954B ITF-220954B Datasheet
206Kb / 2P
   Typical 1dB bandwidth of 9.2 MHz
250959B ITF-250959B Datasheet
189Kb / 2P
   Typical 1dB bandwidth of 9.2 MHz
250918B ITF-250918B Datasheet
186Kb / 2P
   Typical 1dB bandwidth of 9.2 MHz
250919B ITF-250919B Datasheet
181Kb / 2P
   Typical 1dB bandwidth of 9.2 MHz
250927B ITF-250927B Datasheet
168Kb / 2P
   Typical 1dB bandwidth of 9.2 MHz
211002B ITF-211002B Datasheet
171Kb / 2P
   Typical 1dB bandwidth of 9.8 MHz
231654B ITF-231654B Datasheet
170Kb / 2P
   Typical 1dB bandwidth of 15.85 MHz
233005B ITF-233005B Datasheet
165Kb / 2P
   Typical 1dB bandwidth of 30.0 MHz
233055B ITF-233055B Datasheet
168Kb / 2P
   Typical 1dB bandwidth of 29.5 MHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com