Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MA4EX370H-1225 Datasheet(PDF) 2 Page - Tyco Electronics

Part # MA4EX370H-1225
Description  Silicon Double Balanced HMICTM Mixer, 3000 - 4000 MHz
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MA4EX370H-1225 Datasheet(HTML) 2 Page - Tyco Electronics

  MA4EX370H-1225 Datasheet HTML 1Page - Tyco Electronics MA4EX370H-1225 Datasheet HTML 2Page - Tyco Electronics MA4EX370H-1225 Datasheet HTML 3Page - Tyco Electronics MA4EX370H-1225 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Silicon Double Balanced HMIC
TM Mixer, 3000-4000 MHz
MA4EX370H-1225
V 1.00
M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s)
or information contained herein without notice. MA-COM makes no warranty,
representation or guarantee regarding the suitability of its products for any
particular purpose, nor does M/A-COM assume any liability whatsoever arising out
of the use or application of any product(s) or information.
Visit www.macom.com for additional data sheets and product information.
n North America: Tel. (800) 366-2266
n Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298
n Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
Electrical Specifications: @ + 25 °C
Parameter
Frequency
Range
Test Conditions
Units
Min.
Typ.
Max.
Conversion Loss
3500 MHz
3.0-4.0 GHz
LO Drive = +15 dBm
RF = -10 dBm, IF = 60 MHz
dB
6.8
6.8
8.5
9.0
L - R Isolation
3500 MHz
3.0-4.0 GHz
LO Drive = +15 dBm
RF Level = -10 dBm
dB
27.5
26.0
L - I Isolation
3500 MHz
3.0-4.0 GHz
LO Drive = +15 dBm
RF Level = -10 dBm
dB
29.0
27.0
R - I Isolation
3500 MHz
3.0-4.0 GHz
LO Drive = +15 dBm
RF Level = -10 dBm
dB
11.0
12.0
RF VSWR
3500 MHz
3.0-4.0 GHz
LO Drive = +15 dBm
RF Level = -10 dBm
1.25
2.0
IF VSWR
DC - 500 MHz
LO Drive = +15 dBm
RF Level = -10 dBm
2.0
Input IP3
3500 MHz
3.0-4.0 GHz
LO Drive = +15 dBm
RF = -10 dBm, IF = 60 MHz
dBm
12.5
13.5
Input 1 dB Compression
3500 MHz
3.0-4.0 GHz
LO Drive = +15 dBm
RF = -10 dBm, IF = 60 MHz
dBm
8.0
8.5
IF 1 dB Bandwidth
DC - 500 MHz
LO = 3650 MHz @ +15 dBm
MHz
1050
2


Similar Part No. - MA4EX370H-1225

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MA4EX370H-1225T MA-COM-MA4EX370H-1225T Datasheet
76Kb / 3P
   Silicon Double Balanced HMIC Mixer 3000 - 4000 MHz
More results

Similar Description - MA4EX370H-1225

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MA4EX370M-1225 MACOM-MA4EX370M-1225 Datasheet
124Kb / 4P
   Silicon Double Balanced HMICTM Mixer, 3000 - 4000 MHz
logo
M/A-COM Technology Solu...
MA4EX370H-1225T MA-COM-MA4EX370H-1225T Datasheet
76Kb / 3P
   Silicon Double Balanced HMIC Mixer 3000 - 4000 MHz
MA4EX370M-1225T MA-COM-MA4EX370M-1225T Datasheet
71Kb / 2P
   Silicon Double Balanced HMIC Mixer 3000 - 4000 MHz
logo
Tyco Electronics
MA4EX180M-1225T MACOM-MA4EX180M-1225T_1 Datasheet
222Kb / 3P
   Silicon Double Balanced HMICTM Mixer 1300 - 1900 MHz
MA4EX950M-1225T MACOM-MA4EX950M-1225T_1 Datasheet
145Kb / 4P
   Silicon Double Balanced HMICTM Mixer, 700 - 1200 MHz
MA4EX950H-1225 MACOM-MA4EX950H-1225 Datasheet
124Kb / 4P
   Silicon Double Balanced HMICTM Mixer, 700 - 1200 MHz
MA4EX600M-1225T MACOM-MA4EX600M-1225T Datasheet
163Kb / 4P
   Silicon Double Balanced HMICTM Mixer, 4200 - 6000 MHz
MA4EXP400H-1277T MACOM-MA4EXP400H-1277T Datasheet
213Kb / 5P
   Silicon Double Balanced HMICTM Mixer, 3500 - 4500 MHz
MA4EX180M-1225 MACOM-MA4EX180M-1225 Datasheet
134Kb / 4P
   Silicon Double Balanced HMICTM Mixer, 1300 - 1900 MHz
MA4EX190L-1225 MACOM-MA4EX190L-1225 Datasheet
126Kb / 4P
   Silicon Double Balanced HMICTM Mixer, 1700 - 2300 MHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com