Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MA4EX240L-1225T Datasheet(PDF) 2 Page - Tyco Electronics

Part # MA4EX240L-1225T
Description  Silicon Double Balanced HMIC Mixer 1700 - 2500 MHz
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MA4EX240L-1225T Datasheet(HTML) 2 Page - Tyco Electronics

  MA4EX240L-1225T Datasheet HTML 1Page - Tyco Electronics MA4EX240L-1225T Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Silicon Double Balanced HMIC™ Mixer
MA4EX240L-1225
M/A-COM Division of AMP Incorporated n North America: Tel. (800) 366-2266, Fax (800) 618-8883 n Asia/Pacific: Tel.+85 2 2111 8088, Fax +85 2 2111 8087
n Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
www.macom.com
AMP and Connecting at a Higher Level are trademarks.
Specifications subject to change without notice.
V2.00
Case Style
5
10
15
20
25
30
1700
1900
2100
2300
2500
F R E Q U E NC Y ( M Hz )
0
2
4
6
8
10
12
14
16
18
20
1700
1900
2100
2300
2500
F R E Q U E NC Y ( M Hz )
1. 0
1. 5
2. 0
2. 5
3. 0
3. 5
4 . 0
1700
190 0
2100
2 300
25 00
F R E Q U E NCY ( M Hz )
5. 0
5. 5
6. 0
6. 5
7. 0
7. 5
8. 0
8. 5
9. 0
1700
1900
2100
2300
2500
F R E Q U E NC Y ( M Hz )
Absolute Maximum Rating
1
Parameter
Maximum Ratings
Operating Temperature
-40°C to +85°C
Storage Temperature
-65°C to +150°C
Incident LO Power
+20 dBm
Incident RF Power
+20 dBm
1. Exceeding these limits may cause permanent damage.
Typical Performance Curves
Conversion Loss
Isolation
Typical VSWR
IP3 & 1dB Compression Point
(LO Drive = +5 dBm, RF = -10 dBm, IF = 60 MHz)
R-I
L-R
L-I
RF VSWR
LO VSWR
IF VSWR
Schematic
RF
IF
LO
SOT-25
SOT-25
1,2
H
C
E
TYP.
5X
F
B
D
G
J
A
INCHES
MILLIMETERS
DIM
MIN
MAX
MIN
MAX
A
0.1103
0.1181
2.8
3.10
B
0.1023
0.1181
2.6
3.00
C
0.0355
0.0512
0.9
1.30
D
0.0591
0.0669
1.5
1.7
E
0.0374 Typ.
0.95 Typ.
F
0.0138
0.0197
0.35
0.5
G
0.0031
0.0079
0.08
0.20
H
0.0020
0.0059
0.05
0.15
J
0.0138
0.0216
0.35
0.55
1. Dimensions do not include mold flash, protrusion or gate burrs
which shall not exceed 0.0098 in (.25mm) per side.
2. Lead Coplanarity is 0.003 (0.08) max.
IP3
1 dB Comp.


Similar Part No. - MA4EX240L-1225T

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MA4EX240L-1225T MA-COM-MA4EX240L-1225T Datasheet
73Kb / 3P
   Silicon Double Balanced HMIC Mixer 1700 - 2500 MHz
More results

Similar Description - MA4EX240L-1225T

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MA4EX600L1-1225T MA-COM-MA4EX600L1-1225T Datasheet
89Kb / 3P
   Silicon Double Balanced HMIC Mixer 1700 - 2500 MHz
MA4EX240H-1225T MA-COM-MA4EX240H-1225T Datasheet
88Kb / 2P
   Silicon Double Balanced HMIC Mixer 1700 - 2500 MHz
MA4EX240L1-1225T MA-COM-MA4EX240L1-1225T Datasheet
64Kb / 3P
   Silicon Double Balanced HMIC Mixer 1700 - 2500 MHz
logo
Tyco Electronics
MA4EX240L1-1225T MACOM-MA4EX240L1-1225T Datasheet
71Kb / 3P
   Silicon Double Balanced HMIC Mixer 1700 - 2500 MHz
logo
M/A-COM Technology Solu...
MA4EX240M-1225T MA-COM-MA4EX240M-1225T Datasheet
85Kb / 2P
   Silicon Double Balanced HMIC Mixer 1700 - 2500 MHz
MA4EX240L-1225T MA-COM-MA4EX240L-1225T Datasheet
73Kb / 3P
   Silicon Double Balanced HMIC Mixer 1700 - 2500 MHz
logo
Tyco Electronics
MA4EX240H-1225T MACOM-MA4EX240H-1225T_1 Datasheet
158Kb / 4P
   Silicon Double Balanced HMIC Mixer, 1700 - 2500 MHz
MAMX-000240-1225MT MACOM-MAMX-000240-1225MT Datasheet
284Kb / 4P
   Silicon Doubled Balanced HMIC Mixer 1700 - 2500 MHz
logo
M/A-COM Technology Solu...
MAMX-000240-1225MT MA-COM-MAMX-000240-1225MT Datasheet
85Kb / 4P
   Silicon Doubled Balanced HMIC Mixer 1700 - 2500 MHZ
MA4EX190H1-1225T MA-COM-MA4EX190H1-1225T Datasheet
79Kb / 3P
   Silicon Double Balanced HMIC Mixer 1700 - 2300 MHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com